công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1222IPWRG4 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1222IPWRG4
Giải thích chi tiết về linh kiện  24-Bit Analog-to-Digital Converter with 2-Channel Differential input Multiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1222IPWRG4 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS1222IPWRG4 Datasheet HTML 1Page - Texas Instruments ADS1222IPWRG4 Datasheet HTML 2Page - Texas Instruments ADS1222IPWRG4 Datasheet HTML 3Page - Texas Instruments ADS1222IPWRG4 Datasheet HTML 4Page - Texas Instruments ADS1222IPWRG4 Datasheet HTML 5Page - Texas Instruments ADS1222IPWRG4 Datasheet HTML 6Page - Texas Instruments ADS1222IPWRG4 Datasheet HTML 7Page - Texas Instruments ADS1222IPWRG4 Datasheet HTML 8Page - Texas Instruments ADS1222IPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
SBAS314B − APRIL 2004 − REVISED JANUARY 2009
24Bit AnalogtoDigital Converter
with 2Channel Differential Input Multiplexer
ADS1222
FEATURES
D 240SPS Data Rate with 4MHz Clock
D 20-Bit Effective Resolution
D Input Multiplexer with Two Differential
Channels
D Pin-Selectable, High-Impedance Input Buffer
D ±5V Differential Input Range
D 0.0003% INL (typ), 0.0015% INL (max)
D Self-Calibrating
D Simple 2-Wire Serial Interface
D On-Chip Temperature Sensor
D Single Conversions with Standby Mode
D Low Current Consumption: 300µA
D Analog Supply: 2.7V to 5.5V
APPLICATIONS
D Hand-Held Instrumentation
D Portable Medical Equipment
D Industrial Process Control
D Weigh Scales
DESCRIPTION
The ADS1222 is a 2-channel, 24-bit, delta-sigma ana-
log-to-digital (A/D) converter. It offers excellent perfor-
mance and low power in a TSSOP-14 package. The
ADS1222 is well-suited for demanding, high-resolution
measurements, especially in portable systems and oth-
er space-saving and power-constrained applications.
A delta-sigma (
∆Σ) modulator and digital filter form the
basis of the A/D converter. The analog modulator has
a
±5V differential input range. An input multiplexer
(MUX) is used to select between two separate
differential input channels. A buffer can be selected to
increase the input impedance of the measurement.
A simple, 2-wire serial interface provides all the
necessary control. Data retrieval, self-calibration, and
Standby mode are handled with a few simple
waveforms. When only single conversions are needed,
the ADS1222 can be quickly shut down (Standby mode)
while idle between measurements to dramatically
reduce the overall power consumption. Multiple
ADS1222s can be connected together to create a
synchronously sampling multichannel measurement
system. The ADS1222 is designed to easily connect to
microcontrollers, such as the MSP430.
The ADS1222 supports 2.7V to 5.5V supplies. Power
is typically less than 1mW in 3V operation and less than
1
µW during Standby mode.
Mux
Digital Filter
and
Serial Interface
∆Σ
Modulator
VREFP VREFN
Buffer
VDD
GND
MUX
AINP1
AINN1
AINP2
AINN2
CLK
DRDY/DOUT
SCLK
TEMPEN
BUFEN
www.ti.com
www.ti.com
Copyright
 2004−2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.


Số phần tương tự - ADS1222IPWRG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS1222IPWR BURR-BROWN-ADS1222IPWR Datasheet
240Kb / 21P
   24 BIT ANALOG TO DIGITAL CONVERTER WITH 2-CHANNEL DIFFERENTIAL INPUT MULTIPLEXER
logo
Texas Instruments
ADS1222IPWR TI1-ADS1222IPWR Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results

Mô tả tương tự - ADS1222IPWRG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS1222 BURR-BROWN-ADS1222 Datasheet
240Kb / 21P
   24 BIT ANALOG TO DIGITAL CONVERTER WITH 2-CHANNEL DIFFERENTIAL INPUT MULTIPLEXER
ADS1224 BURR-BROWN-ADS1224 Datasheet
265Kb / 23P
   24-Bit Analog-to-Digital Converter with 4-Channel Differential Input Multiplexer
logo
Texas Instruments
ADS1224 TI1-ADS1224_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 4-Channel Differential in put Multiplexxer
ADS1112 TI1-ADS1112_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Burr-Brown (TI)
ADS1112 BURR-BROWN-ADS1112 Datasheet
682Kb / 18P
   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Texas Instruments
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com