công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8323 bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8323
Giải thích chi tiết về linh kiện  16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8323 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button ADS8323 Datasheet HTML 4Page - Texas Instruments ADS8323 Datasheet HTML 5Page - Texas Instruments ADS8323 Datasheet HTML 6Page - Texas Instruments ADS8323 Datasheet HTML 7Page - Texas Instruments ADS8323 Datasheet HTML 8Page - Texas Instruments ADS8323 Datasheet HTML 9Page - Texas Instruments ADS8323 Datasheet HTML 10Page - Texas Instruments ADS8323 Datasheet HTML 11Page - Texas Instruments ADS8323 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
0
50
75
25
100
125
150
175
200
225
250
Frequency(kHz)
0
30
50
70
90
110
130
-
-
-
-
-
-
Frequency(kHz)
10
250
100
1
90
85
80
75
SNR
SINAD
Temperature( C)
°
-40
-20
0
20
40
60
80
100
0.3
0.2
0.1
0
0.1
-
22.9
15.3
7.6
0
7.6
-
Frequency(kHz)
10
250
100
1
SFDR
THD
100
95
90
85
80
75
-100
95
90
85
80
75
-
-
-
-
-
-40
-20
0
20
40
60
80
100
Temperature( C)
°
0.05
0
0.05
0.10
0.15
0.20
-
-
-
-
3.8
0
3.8
7.6
11.4
15.3
-
-
-
-
-40
-20
0
20
40
60
80
100
Temperature( C)
°
0.25
0.15
0.05
0.05
0.15
-
-
19.1
11.4
3.8
3.8
11.4
-
-
ADS8323
SBAS224C – DECEMBER 2001 – REVISED JANUARY 2010
www.ti.com
TYPICAL CHARACTERISTICS
At –40°C to +85°C, +DVDD = +AVDD = +5V, VREF = +2.5V, fSAMPLE = 500kSPS, and fCLK = 20 • fSAMPLE, unless otherwise
specified.
FREQUENCY SPECTRUM
SIGNAL-TO-NOISE RATIO AND
(4096 Point FFT; fIN = 100.1kHz, –0.2dB)
SIGNAL-TO-NOISE + DISTORTION vs INPUT FREQUENCY
Figure 1.
Figure 2.
SPURIOUS FREE DYNAMIC RANGE AND
TOTAL HARMONIC DISTORTION vs INPUT FREQUENCY
INL+ vs TEMPERATURE
Figure 3.
Figure 4.
INL– vs TEMPERATURE
DNL+ vs TEMPERATURE
Figure 5.
Figure 6.
8
Submit Documentation Feedback
Copyright © 2001–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS8323


Số phần tương tự - ADS8323

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS8323 BURR-BROWN-ADS8323 Datasheet
272Kb / 14P
   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8323Y TI-ADS8323Y Datasheet
798Kb / 25P
[Old version datasheet]   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8323Y/250 BURR-BROWN-ADS8323Y/250 Datasheet
272Kb / 14P
   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8323Y/250 TI-ADS8323Y/250 Datasheet
798Kb / 25P
[Old version datasheet]   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8323Y/250G4 TI-ADS8323Y/250G4 Datasheet
798Kb / 25P
[Old version datasheet]   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS8323

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS8323 BURR-BROWN-ADS8323 Datasheet
272Kb / 14P
   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8323Y TI-ADS8323Y Datasheet
798Kb / 25P
[Old version datasheet]   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8322 TI1-ADS8322 Datasheet
934Kb / 19P
[Old version datasheet]   16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8322 BURR-BROWN-ADS8322 Datasheet
202Kb / 10P
   16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8321 TI1-ADS8321_14 Datasheet
858Kb / 20P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321 Datasheet
858Kb / 19P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321_12 Datasheet
604Kb / 18P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 BURR-BROWN-ADS8321 Datasheet
100Kb / 12P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361 BURR-BROWN-ADS8361 Datasheet
444Kb / 23P
   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8361IDBQG4 TI-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com