công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8323 bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8323
Giải thích chi tiết về linh kiện  16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8323 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  ADS8323 Datasheet HTML 1Page - Texas Instruments ADS8323 Datasheet HTML 2Page - Texas Instruments ADS8323 Datasheet HTML 3Page - Texas Instruments ADS8323 Datasheet HTML 4Page - Texas Instruments ADS8323 Datasheet HTML 5Page - Texas Instruments ADS8323 Datasheet HTML 6Page - Texas Instruments ADS8323 Datasheet HTML 7Page - Texas Instruments ADS8323 Datasheet HTML 8Page - Texas Instruments ADS8323 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
ADS8323
SBAS224C – DECEMBER 2001 – REVISED JANUARY 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
MAXIMUM
NO
INTEGRAL
MISSING
SPECIFIED
LINEARITY
CODES
PACKAGE
TEMPERATURE
PACKAGE
TRANSPORT
PRODUCT
ERROR (LSB)
ERROR (LSB)
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
MEDIA, QUANTITY
Tape and reel, 250
ADS8323Y
±8
14
TQFP-32
PBS
–40°C to +85°C
Tape and reel, 2000
Tape and reel, 250
ADS8323YB
±6
15
TQFP-32
PBS
–40°C to +85°C
Tape and reel, 2000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this data sheet, or see the TI
website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
ADS8323
UNIT
Supply voltage, DGND to DVDD
–0.3 to 6
V
Supply voltage, AGND to AVDD
–0.3 to 6
V
Analog input voltage range
AGND – 0.3 to AVDD + 0.3
V
Reference input voltage
AGND – 0.3 to AVDD + 0.3
V
Digital input voltage range
DGND – 0.3 to DVDD + 0.3
V
Ground voltage differences, AGND to DGND
±0.3
V
Voltage differences, DVDD to AGND
–0.3 to 6
V
Power dissipation
850
mW
Operating virtual junction temperature range, TJ
–40 to +150
°C
Operating free-air temperature range, TA
–40 to +85
°C
Storage temperature range
–65 to +150
°C
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute maximum conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
MIN
NOM
MAX
UNIT
POWER SUPPLY
AVDD
(1)
4.75
5.0
5.25
V
DVDD
(1)
4.75
5.0
5.25
V
ANALOG/REFERENCE INPUTS
Differential analog input voltage, IN+ to IN–
–REFIN
+REFIN
V
External reference voltage
1.5
2.5
2.55
V
(1)
The voltage difference between AVDD and DVDD terminals cannot exceed 0.3V to maintain performance specifications.
DISSIPATION RATINGS
DERATING FACTOR
PACKAGE
TA ≤ +25°C POWER RATING
ABOVE TA = +25°C
(1)
TA = +70°C POWER RATING
TA = +85°C POWER RATING
TQFP-32
1636mW
13.09mW/°C
1047mW
850mW
(1)
This is the inverse of the traditional junction-to-ambient thermal resistance (RθJA). Thermal resistances are not production tested and are
for informational purposes only.
2
Submit Documentation Feedback
Copyright © 2001–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS8323


Số phần tương tự - ADS8323

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS8323 BURR-BROWN-ADS8323 Datasheet
272Kb / 14P
   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8323Y TI-ADS8323Y Datasheet
798Kb / 25P
[Old version datasheet]   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8323Y/250 BURR-BROWN-ADS8323Y/250 Datasheet
272Kb / 14P
   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8323Y/250 TI-ADS8323Y/250 Datasheet
798Kb / 25P
[Old version datasheet]   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8323Y/250G4 TI-ADS8323Y/250G4 Datasheet
798Kb / 25P
[Old version datasheet]   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS8323

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS8323 BURR-BROWN-ADS8323 Datasheet
272Kb / 14P
   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8323Y TI-ADS8323Y Datasheet
798Kb / 25P
[Old version datasheet]   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8322 TI1-ADS8322 Datasheet
934Kb / 19P
[Old version datasheet]   16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8322 BURR-BROWN-ADS8322 Datasheet
202Kb / 10P
   16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8321 TI1-ADS8321_14 Datasheet
858Kb / 20P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321 Datasheet
858Kb / 19P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321_12 Datasheet
604Kb / 18P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 BURR-BROWN-ADS8321 Datasheet
100Kb / 12P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361 BURR-BROWN-ADS8361 Datasheet
444Kb / 23P
   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8361IDBQG4 TI-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com