công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N5399GP bảng dữ liệu(PDF) 1 Page - General Semiconductor

tên linh kiện 1N5399GP
Giải thích chi tiết về linh kiện  GLASS PASSIVATED JUNCTION RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GE [General Semiconductor]
Trang chủ  http://www.vishay.com
Logo GE - General Semiconductor

1N5399GP bảng dữ liệu(HTML) 1 Page - General Semiconductor

  1N5399GP Datasheet HTML 1Page - General Semiconductor 1N5399GP Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N5391GP THRU 1N5399GP
GLASS PASSIVATED JUNCTION RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.5 Amperes
FEATURES
♦ Plastic package has
Underwriters Laboratory
Flammability Classification 94V-0
♦ High temperature metallurgically
bonded construction
♦ Glass passivated cavity-free junction
♦ Capable of meeting environmental standards of
MIL-S-19500
♦ 1.5 Ampere operation at TA=70°C with no
thermal runaway
♦ Typical IR less than 0.1µA
♦ High temperature soldering guaranteed:
350°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-204AC molded plastic over glass body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.015 ounce, 0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
1N53
1N53
1N53
1N53
1N53
1N53
1N53
1N53
1N53
SYMBOLS
91GP
92GP
93GP
94GP
95GP
96GP
97GP
98GP
99GP
UNITS
* Maximum repetitive peak reverse voltage
VRRM
50
100
200
300
400
500
600
800
1000
Volts
* Maximum RMS voltage
VRMS
35
70
140
210
280
350
420
560
700
Volts
* Maximum DC blocking voltage
VDC
50
100
200
300
400
500
600
800
1000
Volts
* Maximum average forward rectified current
0.375" (9.5mm) lead length at TL=70°C
I(AV)
1.5
Amps
* Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
50.0
Amps
* Maximum instantaneous forward voltage
at 1.5A, TA=70°C
VF
1.4
Volts
*Maximum DC reverse current
TA=25°C
5.0
at rated DC blocking voltage
TA=150°C
IR
300.0
µA
* Maximum full load reverse current
full cycle average, 0 375" (9.5mm)
IR(AV)
300.0
µA
lead length at TA=70°C
Typical reverse recovery time (NOTE 1)
trr
2.0
µs
Typical junction capacitance (NOTE 2)
CJ
15.0
pF
Typical thermal resistance (NOTE 3)
R
ΘJA
45.0
°C/W
*Operating junction and storage temperature range
TJ, TSTG
-65 to +175
°C
NOTES:
(1) Reverse recovery test condition: IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C.B. mounted
* JEDEC registered values
4/98
0.034 (0.86)
0.028 (0.71)
0.140 (3.6)
0.104 (2.6)
DIA.
DIA.
1.0
MIN.
(25.4)
0.230 (5.8)
0.300 (7.6)
1.0
MIN.
(25.4)
DO-204AC
Dimensions in inches and (millimeters)
*Glass-plastic encapsulation technique is covered by
Patent No. 3,996,602 and brazed-lead assembly by Patent No. 3,930,306
®


Số phần tương tự - 1N5399GP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Commercial Compon...
1N5399GP MCC-1N5399GP Datasheet
78Kb / 3P
   1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts
logo
First Components Intern...
1N5399GP FCI-1N5399GP Datasheet
142Kb / 2P
   1.5 Amp MEGARECTIFIERS
logo
Vishay Siliconix
1N5399GP VISHAY-1N5399GP Datasheet
77Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 15-Mar-11
logo
Shanghai Lunsure Electr...
1N5399GP CHENYI-1N5399GP Datasheet
48Kb / 3P
   1.5 Amp Glass Passivated Rectifier 50-1000 Volts
logo
Gulf Semiconductor
1N5399GP GULFSEMI-1N5399GP Datasheet
155Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
More results

Mô tả tương tự - 1N5399GP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
GOOD-ARK Electronics
RL251G GOOD-ARK-RL251G Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
RL151G GOOD-ARK-RL151G Datasheet
45Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
G2A GE-G2A Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5624GP GE-1N5624GP Datasheet
59Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
New Jersey Semi-Conduct...
G3A NJSEMI-G3A Datasheet
89Kb / 1P
   Glass Passivated Junction Rectifier
logo
Shenzhen Taychipst Elec...
GP15A TAYCHIPST-GP15A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
GP20A TAYCHIPST-GP20A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
6A05G GOOD-ARK-6A05G Datasheet
164Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
1N4245GP GE-1N4245GP Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5059 GE-1N5059 Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GPP20A VISHAY-GPP20A_09 Datasheet
66Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 03-Nov-09
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com