công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM111J-8883 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LM111J-8883
Giải thích chi tiết về linh kiện  LM111QML Voltage Comparator
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM111J-8883 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM111J-8883 Datasheet HTML 1Page - Texas Instruments LM111J-8883 Datasheet HTML 2Page - Texas Instruments LM111J-8883 Datasheet HTML 3Page - Texas Instruments LM111J-8883 Datasheet HTML 4Page - Texas Instruments LM111J-8883 Datasheet HTML 5Page - Texas Instruments LM111J-8883 Datasheet HTML 6Page - Texas Instruments LM111J-8883 Datasheet HTML 7Page - Texas Instruments LM111J-8883 Datasheet HTML 8Page - Texas Instruments LM111J-8883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
LM111QML
SNOSAJ4C – OCTOBER 2005 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1)
Positive Supply Voltage
+30.0V
Negative Supply Voltage
-30.0V
Total Supply Voltage
36V
Output to Negative Supply Voltage
50V
GND to Negative Supply Voltage
30V
Differential Input Voltage
±30V
Sink Current
50mA
Input Voltage
(2)
±15V
Power Dissipation
(3)
8 LD CDIP
400mW at 25°C
8 LD TO-99
330mW at 25°C
10 LD CLGA
330mW at 25°C
10 LD CLGA
330mW at 25°C
20 LD LCCC
500mW at 25°C
Output Short Circuit Duration
10 seconds
Maximum Strobe Current
10mA
Operating Temperature Range
-55°C
≤ TA ≤ 125°C
Thermal Resistance
θJA
8 LD CDIP (Still Air at 0.5W)
134°C/W
8 LD CDIP (500LF/Min Air flow at 0.5W)
76°C/W
8 LD TO-99 (Still Air at 0.5W)
162°C/W
8 LD TO-99 (500LF/Min Air flow at 0.5W)
92°C/W
10 LD CLGA (Still Air at 0.5W)
231°C/W
10 LD CLGA (500LF/Min Air flow at 0.5W)
153°C/W
10 LD CLGA (Still Air at 0.5W)
231°C/W
10 LD CLGA (500LF/Min Air flow at 0.5W)
153°C/W
14 LD CDIP(Still Air at 0.5W)
97°C/W
14 LD CDIP (500LF/Min Air flow at 0.5W)
65°C/W
20 LD LCCC (Still Air at 0.5W)
90°C/W
20 LD LCCC (500LF/Min Air flow at 0.5W)
65°C/W
θJC
8 LD CDIP
21°C/W
8 LD TO-99
50°C/W
10 LD CLGA
24°C/W
10 LD CLGA
24°C/W
14 LD CDIP
20°C/W
20 LD LCCC
21°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For specifications and test conditions, see the Electrical
Characteristics tables. The specifications apply only for the test conditions listed. Some performance characteristics may degrade when
the device is not operated under the listed test conditions.
(2)
This rating applies for ±15V supplies. The positive input voltage limits is 30 V above the negative supply. The negative input voltage
limits is equal to the negative supply voltage or 30V below the positive supply, whichever is less.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
θJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDmax = (TJmax - TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM111QML


Số phần tương tự - LM111J-8883

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM111J-8 NSC-LM111J-8 Datasheet
1Mb / 23P
   Voltage Comparator
logo
Texas Instruments
LM111J-8 TI-LM111J-8 Datasheet
905Kb / 22P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM111J-8 TI-LM111J-8 Datasheet
1Mb / 30P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM111J-8 TI-LM111J-8 Datasheet
1Mb / 30P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM111J-8 TI-LM111J-8 Datasheet
1Mb / 30P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
More results

Mô tả tương tự - LM111J-8883

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
   VOLTAGE COMPARATOR?
logo
Linear Technology
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
   Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
   Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
   Voltage Comparator
logo
National Semiconductor ...
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
   Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
   Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
   Voltage comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
   VOLTAGE COMPARATOR
logo
NXP Semiconductors
NE527 PHILIPS-NE527 Datasheet
131Kb / 5P
   Voltage comparator
August 31, 1994
logo
Linear Technology
RH111 LINER-RH111 Datasheet
143Kb / 4P
   Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com