công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM160 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LM160
Giải thích chi tiết về linh kiện  LM160QML High Speed Differential Comparator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM160 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM160 Datasheet HTML 1Page - Texas Instruments LM160 Datasheet HTML 2Page - Texas Instruments LM160 Datasheet HTML 3Page - Texas Instruments LM160 Datasheet HTML 4Page - Texas Instruments LM160 Datasheet HTML 5Page - Texas Instruments LM160 Datasheet HTML 6Page - Texas Instruments LM160 Datasheet HTML 7Page - Texas Instruments LM160 Datasheet HTML 8Page - Texas Instruments LM160 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM160QML
www.ti.com
SNOSAR0A – NOVEMBER 2010 – REVISED MARCH 2013
LM160QML High Speed Differential Comparator
Check for Samples: LM160QML
1
FEATURES
DESCRIPTION
The LM160 is a very high speed differential input,
2
Ensured High Speed: 20nS max
complementary TTL output voltage comparator with
Tight Delay Matching on Both Outputs
improved characteristics over the
μA760/μA760C, for
Complementary TTL Outputs
which it is a pin-for-pin replacement. The device has
been optimized for greater speed, input impedance
High Input Impedance
and fan-out, and lower input offset voltage. Typically
Low Speed Variation with Overdrive Variation
delay varies only 3nS for overdrive variations of 5mV
Fan-Out of 4
to 400mV.
Low Input Offset Voltage
Complementary outputs having minimum skew are
Series 74 TTL Compatible
provided. Applications involve high speed analog to
digital convertors and zero-crossing detectors in disk
file systems.
Connection Diagrams
Figure 1. Metal Can Package
See Package Number LMC0008C
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM160

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM160 NSC-LM160 Datasheet
230Kb / 7P
   High Speed Differential Comparator
logo
SEMTECH ELECTRONICS LTD...
LM160 SEMTECH_ELEC-LM160 Datasheet
418Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Texas Instruments
LM160 TI1-LM160 Datasheet
872Kb / 15P
[Old version datasheet]   LM160/LM360 High Speed Differential Comparator
logo
Power-One
LM1601-7R POWER-ONE-LM1601-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
LM1601-7R POWER-ONE-LM1601-7R Datasheet
66Kb / 4P
   50 Watt AC-DC Converters
More results

Mô tả tương tự - LM160

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM160QML TI1-LM160QML Datasheet
267Kb / 12P
[Old version datasheet]   LM160QML High Speed Differential Comparator
logo
National Semiconductor ...
LM760 NSC-LM760 Datasheet
197Kb / 10P
   High Speed Differential Comparator
logo
Fairchild Semiconductor
UA760 FAIRCHILD-UA760 Datasheet
368Kb / 7P
   HIGH SPEED DIFFERENTIAL COMPARATOR
logo
National Semiconductor ...
LM160 NSC-LM160 Datasheet
230Kb / 7P
   High Speed Differential Comparator
logo
Texas Instruments
TL714C TI-TL714C_06 Datasheet
169Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL COMPARATOR
logo
Austin Semiconductor
AS161 AUSTIN-AS161 Datasheet
757Kb / 8P
   High Speed Differential Comparator
logo
Texas Instruments
TL714C TI-TL714C Datasheet
62Kb / 4P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL COMPARATOR
logo
National Semiconductor ...
MNLM711AM-X NSC-MNLM711AM-X Datasheet
251Kb / 8P
   DUAL HIGH SPEED DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM160 TI1-LM160_14 Datasheet
872Kb / 15P
[Old version datasheet]   LM160/LM360 High Speed Differential Comparator
logo
NXP Semiconductors
NE522 PHILIPS-NE522 Datasheet
88Kb / 5P
   High-speed dual-differential comparator/sense amp
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com