công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM160QML bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện LM160QML
Giải thích chi tiết về linh kiện  LM160QML High Speed Differential Comparator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM160QML bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM160QML Datasheet HTML 1Page - Texas Instruments LM160QML Datasheet HTML 2Page - Texas Instruments LM160QML Datasheet HTML 3Page - Texas Instruments LM160QML Datasheet HTML 4Page - Texas Instruments LM160QML Datasheet HTML 5Page - Texas Instruments LM160QML Datasheet HTML 6Page - Texas Instruments LM160QML Datasheet HTML 7Page - Texas Instruments LM160QML Datasheet HTML 8Page - Texas Instruments LM160QML Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LM160QML
www.ti.com
SNOSAR0A – NOVEMBER 2010 – REVISED MARCH 2013
Absolute Maximum Ratings
(1)
Positive Supply Voltage
+8V
Negative Supply Voltage
−8V
Peak Output Current
20 mA
Differential Input Voltage
±5V
Input Voltage
V+
≥ VI ≥ V
Operating Temperature Range
−55°C ≤ TA ≤ +125°C
Storage Temperature Range
−65°C ≤ TA ≤ +150°C
Thermal Resistance
θJA
Still Air
165°C/W
400 LF/min
67°C/W
θJC
25°C/W
Lead Temperature (Soldering, 10 sec.)
260°C
ESD Tolerance(2)
1,600V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
Human body model, 1.5 k
Ω in series with 100 pF.
Quality Conformance Inspection
Mil-Std-883, Method 5005 - Group A
Subgroup
Description
Temp (°C)
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
12
Settling time at
+25
13
Settling time at
+125
14
Settling time at
-55
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM160QML


Số phần tương tự - LM160QML

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM160QML TI1-LM160QML Datasheet
267Kb / 12P
[Old version datasheet]   LM160QML High Speed Differential Comparator
More results

Mô tả tương tự - LM160QML

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM160QML TI1-LM160QML Datasheet
267Kb / 12P
[Old version datasheet]   LM160QML High Speed Differential Comparator
logo
National Semiconductor ...
LM760 NSC-LM760 Datasheet
197Kb / 10P
   High Speed Differential Comparator
logo
Fairchild Semiconductor
UA760 FAIRCHILD-UA760 Datasheet
368Kb / 7P
   HIGH SPEED DIFFERENTIAL COMPARATOR
logo
National Semiconductor ...
LM160 NSC-LM160 Datasheet
230Kb / 7P
   High Speed Differential Comparator
logo
Texas Instruments
TL714C TI-TL714C_06 Datasheet
169Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL COMPARATOR
logo
Austin Semiconductor
AS161 AUSTIN-AS161 Datasheet
757Kb / 8P
   High Speed Differential Comparator
logo
Texas Instruments
TL714C TI-TL714C Datasheet
62Kb / 4P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL COMPARATOR
logo
National Semiconductor ...
MNLM711AM-X NSC-MNLM711AM-X Datasheet
251Kb / 8P
   DUAL HIGH SPEED DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM160 TI1-LM160_14 Datasheet
872Kb / 15P
[Old version datasheet]   LM160/LM360 High Speed Differential Comparator
logo
NXP Semiconductors
NE522 PHILIPS-NE522 Datasheet
88Kb / 5P
   High-speed dual-differential comparator/sense amp
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com