công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5A2066DCURE4 bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS5A2066DCURE4
Giải thích chi tiết về linh kiện  DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A2066DCURE4 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  TS5A2066DCURE4 Datasheet HTML 1Page - Texas Instruments TS5A2066DCURE4 Datasheet HTML 2Page - Texas Instruments TS5A2066DCURE4 Datasheet HTML 3Page - Texas Instruments TS5A2066DCURE4 Datasheet HTML 4Page - Texas Instruments TS5A2066DCURE4 Datasheet HTML 5Page - Texas Instruments TS5A2066DCURE4 Datasheet HTML 6Page - Texas Instruments TS5A2066DCURE4 Datasheet HTML 7Page - Texas Instruments TS5A2066DCURE4 Datasheet HTML 8Page - Texas Instruments TS5A2066DCURE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
TS5A2066
www.ti.com
SCDS184D – JANUARY 2005 – REVISED APRIL 2010
Electrical Characteristics for 5-V Supply
(1)
V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM, VNO
0
V+
V
range
0
≤ VNO ≤ V+,
25°C
7.5
10
ON-state
Switch ON,
ron
4.5 V
ICOM = –32 mA,
resistance
See Figure 13
Full
15
ON-state
25°C
0.4
1
resistance
VNO = 3.15 V,
Switch ON,
match
Δron
4.5 V
ICOM = –32 mA,
SeeFigure 13
Full
3
between
channels
ON-state
25°C
2
3.5
5
0
≤ VNO ≤ V+,
Switch ON,
resistance
ron(flat)
4.5 V
ICOM = –32 mA,
See Figure 13
Full
4
8
flatness
VNO = 1 V,
25°C
–30
–10
30
NO
VCOM = 4.5 V,
Switch OFF,
OFF leakage
INO(OFF)
or
5.5 V
nA
See Figure 14
Full
–40
40
current
VNO = 4.5 V,
VCOM = 1 V,
VCOM = 1 V,
25°C
–50
–8
50
COM
VNO = 4.5 V,
Switch OFF,
OFF leakage
ICOM(OFF)
or
5.5 V
nA
See Figure 14
Full
–50
50
current
VCOM = 4.5 V,
VNO = 1 V,
VNO = 1 V,
25°C
–40
–12
40
NO
VCOM = Open,
Switch ON,
ON leakage
INO(ON)
or
5.5 V
nA
See Figure 15
Full
–4
40
current
VNO = 4.5 V,
VCOM = Open
VCOM = 1 V,
25°C
–70
–30
70
COM
VNO = Open,
Switch ON,
ON leakage
ICOM(ON)
or
5.5 V
nA
See Figure 15
Full
–70
70
current
VCOM = 4.5 V,
VNO = Open,
Digital Control Input (IN)
VIH
Full
V+ ×
5.5
Input logic high
V
0.7
VIL
Full
0
V+ ×
Input logic low
V
0.3
25°C
–0.1
0.05
0.1
Input leakage
IIH, IIL
VI = 5.5 V or 0
5.5 V
mA
current
Full
–1
1
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TS5A2066


Số phần tương tự - TS5A2066DCURE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A2066DCURE4 TI-TS5A2066DCURE4 Datasheet
347Kb / 24P
[Old version datasheet]   DUAL-CHANNEL 10-W SPST ANALOG SWITCH
TS5A2066DCURE4 TI-TS5A2066DCURE4 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
More results

Mô tả tương tự - TS5A2066DCURE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A2066 TI-TS5A2066_10 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A2066 TI-TS5A2066_15 Datasheet
928Kb / 30P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066_15 Datasheet
922Kb / 30P
[Old version datasheet]   10-廓 SPST ANALOG SWITCH
TS5A2066 TI-TS5A2066 Datasheet
347Kb / 24P
[Old version datasheet]   DUAL-CHANNEL 10-W SPST ANALOG SWITCH
TS5A3166 TI-TS5A3166_08 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A3167 TI-TS5A3167_15 Datasheet
1Mb / 27P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
logo
STMicroelectronics
STG4210 STMICROELECTRONICS-STG4210 Datasheet
409Kb / 21P
   Low voltage 1 廓 dual SPST analog switch
August 2008 Rev 1
logo
Vishay Siliconix
DG2747 VISHAY-DG2747_V01 Datasheet
172Kb / 10P
   0.4-廓, Low Voltage, Dual SPST Analog Switch
02-Oct-12
DG2737 VISHAY-DG2737_V01 Datasheet
189Kb / 10P
   6-Ω, Low Voltage, Dual SPST Analog Switch
02-Oct-12
logo
Texas Instruments
TS5A23167 TI1-TS5A23167_15 Datasheet
886Kb / 30P
[Old version datasheet]   DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com