công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5A3159 bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện TS5A3159
Giải thích chi tiết về linh kiện  1 SPDT ANALOG SWITCH
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3159 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button TS5A3159_14 Datasheet HTML 5Page - Texas Instruments TS5A3159_14 Datasheet HTML 6Page - Texas Instruments TS5A3159_14 Datasheet HTML 7Page - Texas Instruments TS5A3159_14 Datasheet HTML 8Page - Texas Instruments TS5A3159_14 Datasheet HTML 9Page - Texas Instruments TS5A3159_14 Datasheet HTML 10Page - Texas Instruments TS5A3159_14 Datasheet HTML 11Page - Texas Instruments TS5A3159_14 Datasheet HTML 12Page - Texas Instruments TS5A3159_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
TS5A3159
1 W SPDT ANALOG SWITCH
SCDS174B − AUGUST 2004 – REVISED MAY 2005
www.ti.com
9
Electrical Characteristics for 1.8-V Supply
V+ = 1.65 V to 1.95 V and TA = −40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP(1)
MAX
UNIT
Analog Switch
Analog signal range
VCOM,
VNO,VNC
0
V+
V
Peak
rpeak
0
≤ VNO or VNC ≤ V+,
Switch ON,
25
°C
1.8 V
4
4.9
Peak
ON-state resistance
rpeak
0
≤ VNO or VNC ≤ V+,
ICOM = −2 mA,
Switch ON,
See Figure 11
Full
1.8 V
4.9
ON-state resistance
ron
VNO or VNC = 1.5 V,
Switch ON,
25
°C
1.8 V
1.7
3.2
ON-state resistance
ron
VNO or VNC = 1.5 V,
ICOM = −2 mA,
Switch ON,
See Figure 11
Full
1.8 V
3.2
ON-state resistance
match between
∆ron
VNO or VNC = 0.6 V, 1.5 V,
Switch ON,
25
°C
1.8 V
0.7
match between
channels
∆ron
VNO or VNC = 0.6 V, 1.5 V,
ICOM = −2 mA,
Switch ON,
See Figure 11
Full
1.8 V
0.7
0
≤ VNO or VNC ≤ V+,
25
°C
1.85
ON-state resistance
ron(flat)
0
≤ VNO or VNC ≤ V+,
ICOM = −2 mA,
Switch ON,
Full
1.8 V
1.85
ON-state resistance
flatness
ron(flat)
VNO or VNC = 0.6 V, 1.5 V,
Switch ON,
See Figure 11
25
°C
1.8 V
0.9
flatness
VNO or VNC = 0.6 V, 1.5 V,
ICOM = −2 mA,
See Figure 11
Full
0.9
NC, NO
INC(OFF),
VNC or VNO = 1.65 V,
Switch OFF,
25
°C
1.95 V
0.2
nA
NC, NO
Off leakage current
INC(OFF),
INO(OFF)
VNC or VNO = 1.65 V,
VCOM = 0,
Switch OFF,
See Figure 12
25
°C
1.95 V
0.2
nA
NC, NO
INC(ON),
VNC or VNO = 1.65 V,
Switch ON,
25
°C
1.95 V
2.8
nA
NC, NO
On leakage current
INC(ON),
INO(ON)
VNC or VNO = 1.65 V,
VCOM = Open,
Switch ON,
See Figure 13
25
°C
1.95 V
2.8
nA
COM
ICOM(ON)
VNC or VNO = 1.65 V or Open,
Switch ON,
25
°C
1.95 V
0.47
nA
COM
On leakage current
ICOM(ON)
VNC or VNO = 1.65 V or Open,
VCOM = 1.65 V,
Switch ON,
See Figure 13
25
°C
1.95 V
0.47
nA
Digital Inputs (IN)
Input logic high
VIH
Full
1.5
5.5
V
Input logic low
VIL
Full
0
0.6
V
Input leakage
current
IIH, IIL
VIN = 5.5 V or 0
Full
1.95 V
−1
1
µA
(1) TA = 25°C


Số phần tương tự - TS5A3159_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A3159 TI-TS5A3159_15 Datasheet
989Kb / 29P
[Old version datasheet]   TS5A3159 1-廓 SPDT Analog Switch
More results

Mô tả tương tự - TS5A3159_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
   SPDT 1 Analog Switch
logo
Global Mixed-mode Techn...
G3202 GMT-G3202 Datasheet
294Kb / 3P
   1 SPDT Analog Switch
G3202A GMT-G3202A Datasheet
679Kb / 2P
   1 SPDT Analog Switch
logo
Texas Instruments
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3205 GMT-G3205 Datasheet
100Kb / 1P
   Dual 1 SPDT Analog Switch
logo
Texas Instruments
TS5A3159-EP TI1-TS5A3159-EP_14 Datasheet
876Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
TS5A3159-Q1 TI1-TS5A3159-Q1_14 Datasheet
961Kb / 26P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com