công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5A3357 bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện TS5A3357
Giải thích chi tiết về linh kiện  SINGLE 5-廓 SP3T ANALOG SWITCH
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3357 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button TS5A3357_14 Datasheet HTML 6Page - Texas Instruments TS5A3357_14 Datasheet HTML 7Page - Texas Instruments TS5A3357_14 Datasheet HTML 8Page - Texas Instruments TS5A3357_14 Datasheet HTML 9Page - Texas Instruments TS5A3357_14 Datasheet HTML 10Page - Texas Instruments TS5A3357_14 Datasheet HTML 11Page - Texas Instruments TS5A3357_14 Datasheet HTML 12Page - Texas Instruments TS5A3357_14 Datasheet HTML 13Page - Texas Instruments TS5A3357_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
www.ti.com
TS5A3357
SINGLE 5-
Ω SP3T ANALOG SWITCH
5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
SCDS177A – OCTOBER 2004 – REVISED DECEMBER 2007
ELECTRICAL CHARACTERISTICS FOR 1.8-V SUPPLY (continued)
V+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX UNIT
Dynamic
25
°C
1.8 V
5
32
VNO = V+ or GND,
CL = 50 pF,
Turn-on time
tON
ns
1.65 V to
RL = 500 Ω,
See Figure 16
Full
5
34
1.95 V
25
°C
1.8 V
3
14
VNO = V+ or GND,
CL = 50 pF,
Turn-off time
tOFF
ns
1.65 V to
RL = 500 Ω,
See Figure 16
Full
3
14.5
1.95 V
25
°C
1.8 V
0.5
Break-before-
VNO = V+,
CL = 50 pF,
tBBM
ns
1.65 V to
make time
RL = 50 Ω,
See Figure 17
Full
0.5
1.95 V
Charge
VGEN = 0,
QC
See Figure 21
25
°C
1.8 V
0.3
pC
injection
CL = 0.1 nF,
NO
VNO = V+ or GND,
CNO(OFF)
See Figure 15
25
°C
1.8 V
4.5
pF
OFF capacitance
Switch OFF,
COM
VNO = V+ or GND,
CCOM(OFF)
See Figure 15
25
°C
1.8 V
10.5
pF
OFF capacitance
Switch OFF,
NO
VNO = V+ or GND,
CNO(ON)
See Figure 15
25
°C
1.8 V
17
pF
ON capacitance
Switch ON,
COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 15
25
°C
1.8 V
17
pF
ON capacitance
Switch ON,
Digital input
CI
VI = V+ or GND,
See Figure 15
25
°C
1.8 V
3
pF
capacitance
RL = 50 Ω,
1.65 V to
Bandwidth
BW
See Figure 18
25
°C
341
MHz
Switch ON,
1.95 V
RL = 50 Ω,
Switch OFF,
1.65 V to
OFF isolation
OISO
25
°C
–81
dB
f = 10 MHz,
See Figure 19
1.95 V
RL = 50 Ω,
Switch ON,
1.65 V to
Crosstalk
XTALK
25
°C
–61
dB
f = 10 MHz,
See Figure 20
1.95 V
Supply
25
°C
1
Positive supply
Switch ON or
I+
VI = V+ or GND,
1.95 V
µA
current
OFF
Full
10
10
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): TS5A3357


Số phần tương tự - TS5A3357_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A3357 TI-TS5A3357_10 Datasheet
846Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_15 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
More results

Mô tả tương tự - TS5A3357_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A3357 TI-TS5A3357_15 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI-TS5A3357-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_10 Datasheet
846Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI1-TS5A3357-Q1 Datasheet
937Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_08 Datasheet
901Kb / 26P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI1-TS5A3359_14 Datasheet
1Mb / 29P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI1-TS5A3359_16 Datasheet
1Mb / 34P
[Old version datasheet]   SP3T Bidirectional Analog Switch
logo
Fairchild Semiconductor
FSA3259 FAIRCHILD-FSA3259 Datasheet
337Kb / 10P
   Dual SP3T Analog Switch
logo
Texas Instruments
TS5A3357 TI-TS5A3357 Datasheet
287Kb / 22P
[Old version datasheet]   SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359 Datasheet
292Kb / 22P
[Old version datasheet]   1-ohm SP3T ANALOG SWITCH 5-V/3.3-V SINGLE - CHANNEL 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com