công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5A4595 bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS5A4595
Giải thích chi tiết về linh kiện  8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE- CHANNEL ANALOG SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A4595 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  TS5A4595 Datasheet HTML 1Page - Texas Instruments TS5A4595 Datasheet HTML 2Page - Texas Instruments TS5A4595 Datasheet HTML 3Page - Texas Instruments TS5A4595 Datasheet HTML 4Page - Texas Instruments TS5A4595 Datasheet HTML 5Page - Texas Instruments TS5A4595 Datasheet HTML 6Page - Texas Instruments TS5A4595 Datasheet HTML 7Page - Texas Instruments TS5A4595 Datasheet HTML 8Page - Texas Instruments TS5A4595 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TS5A4595
8 W SPST ANALOG SWITCH
5V/3.3V SINGLECHANNEL ANALOG SWITCH
SCDS180 − FEBRUARY 2005
www.ti.com
4
Electrical Characteristics for 5-V Supply(1) (continued)
V+ = 4.5 V to 5.5 V, TA = −40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
Turn-on time
tON
VNC = 3 V,
CL = 35 pF,
25
°C
5 V
12
17
ns
Turn-on time
tON
VNC = 3 V,
RL = 300 Ω,
CL = 35 pF,
See Figure 17
Full
4.5 V to 5.5 V
19
ns
Turn-off time
tOFF
VNC = 3 V,
CL = 35 pF,
25
°C
5 V
9
14
ns
Turn-off time
tOFF
VNC = 3 V,
RL = 300 Ω,
CL = 35 pF,
See Figure 17
Full
4.5 V to 5.5 V
17
ns
Charge injection
QC
VGEN = 0, RGEN = 0,
CL = 1 nF,
See Figure 20
25
°C
4.5 V to 5.5 V
2
5
pC
NC
OFF capacitance
CNC(OFF)
VNC = 0, f = 1 MHz,
Switch OFF,
See Figure 16
25
°C
5 V
6.5
pF
COM
OFF capacitance
CCOM(OFF)
VCOM = 0, f = 1 MHz,
Switch OFF,
See Figure 16
25
°C
5 V
6.5
pF
NC
ON capacitance
CNC(ON))
VNC = 0, f = 1 MHz,
Switch ON,
See Figure 16
25
°C
5 V
13
pF
COM
ON capacitance
CCOM(ON)
VCOM = GND, f = 1 MHz,
Switch ON,
See Figure 16
25
°C
5 V
13
pF
Digital input
capacitance
CI
VI = V+ or GND,
See Figure 16
25
°C
5 V
3
pF
Bandwidth
BW
RL = 50 Ω, Switch ON,
Signal = 0 dBm
See Figure 18
25
°C
5 V
450
MHz
OFF isolation
OISO
RL = 50 Ω, VNC = 1 VRMS
f = 1 MHz, CL = 5 pF
Switch OFF,
See Figure 19
25
°C
5 V
−82
dB
Total harmonic
distortion
THD
RL = 600 Ω, CL = 50 pF,
VSOURCE = 5 Vp-p,
f = 20 Hz to 20 kHz,
See Figure 21
25
°C
5 V
0.04
%
Supply
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
25
°C
5.5 V
0.01
0.25
A
Positive supply
current
I+
VI = V+ or GND,
Switch ON or OFF
Full
5.5 V
0.5
µA
(1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum


Số phần tương tự - TS5A4595

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A4595 TI-TS5A4595 Datasheet
158Kb / 14P
[Old version datasheet]   8-W SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595 Datasheet
152Kb / 13P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE-CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595 Datasheet
684Kb / 17P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4595DBVR TI-TS5A4595DBVR Datasheet
158Kb / 14P
[Old version datasheet]   8-W SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4595DBVR TI-TS5A4595DBVR Datasheet
152Kb / 13P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE-CHANNEL ANALOG SWITCH
More results

Mô tả tương tự - TS5A4595

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A4595 TI-TS5A4595_1 Datasheet
152Kb / 13P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE-CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595_15 Datasheet
684Kb / 17P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4596 TI-TS5A4596_15 Datasheet
871Kb / 21P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4594 TI-TS5A4594_08 Datasheet
456Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8-R SPST ANALOG SWITCH
TS5A4595 TI-TS5A4595 Datasheet
158Kb / 14P
[Old version datasheet]   8-W SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4596 TI-TS5A4596 Datasheet
157Kb / 14P
[Old version datasheet]   8-ohm SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4597 TI1-TS5A4597_14 Datasheet
704Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4594 TI1-TS5A4594_14 Datasheet
883Kb / 22P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597_15 Datasheet
685Kb / 17P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594_15 Datasheet
869Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com