công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM1971MX bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM1971MX
Giải thích chi tiết về linh kiện  Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1971MX bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LM1971MX Datasheet HTML 5Page - Texas Instruments LM1971MX Datasheet HTML 6Page - Texas Instruments LM1971MX Datasheet HTML 7Page - Texas Instruments LM1971MX Datasheet HTML 8Page - Texas Instruments LM1971MX Datasheet HTML 9Page - Texas Instruments LM1971MX Datasheet HTML 10Page - Texas Instruments LM1971MX Datasheet HTML 11Page - Texas Instruments LM1971MX Datasheet HTML 12Page - Texas Instruments LM1971MX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LM1971
www.ti.com
SNAS104B – FEBRUARY 1995 – REVISED APRIL 2013
ATTENUATION STEP SCHEME
The fundamental attenuation step scheme for the LM1971 is shown in Figure 18. It is also possible to obtain any
integer value attenuation step through programming, in addition to the 2 dB and 4 dB steps shown in Figure 18.
All higher attenuation step schemes can have clickless and popless performance. Although it is possible to “skip”
attenuation points by not sending all of the data, clickless and popless performance will suffer. It is highly
recommended that all of the data points should be sent for each attenuation level. This ensures flawless
operation and performance when making steps larger than 1 dB.
Figure 18. LM 1971 Channel Attenuation
vs Digital Step Value
(1 dB, 2 dB, and 4 dB Steps)
INPUT IMPEDANCE
The input impedance of a
μPot is constant at a nominal 40 kΩ. Since the LM1971 is a single-supply operating
device, it is necessary to have both input and output coupling caps as shown in Figure 1. To ensure full low-
frequency response, a 1
μF coupling cap should be used.
OUTPUT IMPEDANCE
The output impedance of a
μPot varies typically between 25 kΩ and 35 kΩ and changes nonlinearly with step
changes. Since a
μPot is made up of a resistor ladder network with logarithmic attenuation, the output
impedance is nonlinear. Due to this configuration, a
μPot cannot be considered as a linear potentiometer; it is a
logarithmic attenuator.
The linearity of a
μPot cannot be measured directly without a buffer because the input impedance of most
measurement systems is not high enough to provide the required accuracy. The lower impedance of the
measurement system would load down the output and an incorrect reading would result. To prevent loading, a
JFET input op amp should be used as the buffer/amplifier.
OUTPUT BUFFERING
There are two performance issues to be aware of that are related to a
μPot's output stage. The first concern is to
prevent audible clicks with attenuation changes, while the second is to prevent loading and subsequent linearity
errors. The output stage of a
μPot needs to be buffered with a low input bias current op amp to keep DC shifts
inaudible. Additionally, the output of
μPot needs to see a high impedance to keep linearity errors low.
Copyright © 1995–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM1971


Số phần tương tự - LM1971MX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM1971MX TI-LM1971MX Datasheet
939Kb / 19P
[Old version datasheet]   LM1971 Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator
More results

Mô tả tương tự - LM1971MX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM1971MX TI-LM1971MX Datasheet
939Kb / 19P
[Old version datasheet]   LM1971 Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator
logo
National Semiconductor ...
LM1971 NSC-LM1971 Datasheet
248Kb / 11P
   LM1971 Overture??Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator with/Mute
logo
STMicroelectronics
TDA7437N STMICROELECTRONICS-TDA7437N_06 Datasheet
353Kb / 34P
   Digitally controlled audio processor
logo
Princeton Technology Co...
PT2037 PTC-PT2037 Datasheet
259Kb / 6P
   Digitally Controlled Audio Processor
logo
STMicroelectronics
TDA7342 STMICROELECTRONICS-TDA7342 Datasheet
97Kb / 14P
   DIGITALLY CONTROLLED AUDIO PROCESSOR
November 1999
TDA7348 STMICROELECTRONICS-TDA7348 Datasheet
193Kb / 14P
   DIGITALLY CONTROLLED AUDIO PROCESSOR
November 1994
TDA7342EQ2N STMICROELECTRONICS-TDA7342EQ2N Datasheet
222Kb / 21P
   Digitally controlled audio processor
TDA7348 STMICROELECTRONICS-TDA7348_07 Datasheet
220Kb / 20P
   Digitally controlled audio processor
TDA7343 STMICROELECTRONICS-TDA7343 Datasheet
100Kb / 14P
   DIGITALLY CONTROLLED AUDIO PROCESSOR
November 1999
TDA7437N STMICROELECTRONICS-TDA7437N Datasheet
139Kb / 23P
   DIGITALLY CONTROLLED AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com