công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM9822CCWM1 bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện LM9822CCWM1
Giải thích chi tiết về linh kiện  3 Channel 42-Bit Color Scanner Analog Front End
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM9822CCWM1 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  LM9822CCWM1 Datasheet HTML 1Page - Texas Instruments LM9822CCWM1 Datasheet HTML 2Page - Texas Instruments LM9822CCWM1 Datasheet HTML 3Page - Texas Instruments LM9822CCWM1 Datasheet HTML 4Page - Texas Instruments LM9822CCWM1 Datasheet HTML 5Page - Texas Instruments LM9822CCWM1 Datasheet HTML 6Page - Texas Instruments LM9822CCWM1 Datasheet HTML 7Page - Texas Instruments LM9822CCWM1 Datasheet HTML 8Page - Texas Instruments LM9822CCWM1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
1
www.national.com
General Description
The LM9822 is a high performance Analog Front End (AFE) for
image sensor processing systems. It performs all the analog and
mixed signal functions (correlated double sampling, color spe-
cific gain and offset correction, and analog to digital conversion)
necessary to digitize the output of a wide variety of CIS and
CCD sensors. The LM9822 has a 14 bit 6MHz ADC.
Features
6 million pixels/s conversion rate
Digitally programmed gain and offset for red, green and blue
color balancing
Correlated Double Sampling for lowest noise from CCD
sensors
Compatible with CCD and CIS type image sensors
InternalVoltage Reference Generation
TTL/CMOS compatible input/output
Key Specifications
Output Data Resolution
14 Bits
Pixel Conversion Rate
6MHz
Analog Supply Voltage
5V±5%
I/O Supply Voltage
3.3V±10% or 5V±5%
Power Dissipation (typical)
375mW
Applications
Color Flatbed Document Scanners
Color Sheetfed Scanners
Multifunction Imaging Products
Digital Copiers
General Purpose Linear Array Imaging
LM9822 3 Channel 42-Bit Color Scanner Analog Front End
Connection Diagram
LM9822
28 pin
SOIC
SCLK
SDI
SEN
D2
D0
VD
DGND
D4
11
12
13
14
15
16
17
18
19
20
1
2
3
4
5
6
7
8
9
10
23
22
21
24
25
26
27
28
D7
D6
D5
MCLK
VA
VA
VREF-
OSB
OSG
CLMP
OSR
VREF+
AGND
AGND
VSMP
SDO
VREFMID
VBANDGAP
D3
D1
May 1999
N
©1999 National Semiconductor Corporation
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
Ordering Information
Notes:
1 - Rail transport media, 26 parts per rail, 2 - Tape and reel transport media, 1000 parts per reel
Temperature Range
0°C
≤ T
A ≤ +70°C
NS Package
Number
Order Number
Device Marking
LM9822CCWM1
LM9822CCWMX2
LM9822CCWM
LM9822CCWM
M28B
M28B


Số phần tương tự - LM9822CCWM1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM9822CCWM1 NSC-LM9822CCWM1 Datasheet
242Kb / 22P
   LM9822 3 Channel 42-Bit Color Scanner Analog Front End
More results

Mô tả tương tự - LM9822CCWM1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM9822 NSC-LM9822 Datasheet
242Kb / 22P
   LM9822 3 Channel 42-Bit Color Scanner Analog Front End
LM9823 NSC-LM9823 Datasheet
239Kb / 22P
   LM9823 3 Channel 48-Bit Color Scanner Analog Front End
logo
Winbond
W6662CF WINBOND-W6662CF Datasheet
272Kb / 19P
   SCANNER ANALOG FRONT END
logo
Texas Instruments
TAFE1040 TI-TAFE1040 Datasheet
53Kb / 4P
[Old version datasheet]   3 V, 10-BIT 42 MSPS, AREA CCD ANALOG FRONT-END
logo
National Semiconductor ...
LM9832 NSC-LM9832 Datasheet
337Kb / 42P
   LM9832 42-Bit Color, 1200dpi USB Image Scanner
LM9831 NSC-LM9831 Datasheet
320Kb / 41P
   LM9831 42-Bit Color, 1200dpi USB Image Scanner
logo
Texas Instruments
LM98725 TI1-LM98725_15 Datasheet
5Mb / 145P
[Old version datasheet]   3 Channel, 16-Bit, 81 MSPS Analog Front End
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
[Old version datasheet]   Channel, 16-Bit, 45 MSPS Analog Front End
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901_10 Datasheet
1Mb / 60P
   Two-Channel Analog Front End
2010
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 60P
   Two Channel Analog Front End
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com