công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
V-16-1C5 bảng dữ liệu(PDF) 3 Page - Omron Electronics LLC |
|
V-16-1C5 bảng dữ liệu(HTML) 3 Page - Omron Electronics LLC |
3 / 16 page Snap Action Switch V 123 16 A (OF: 200 gf) 11 A (OF: 100 gf) Note: 1. Add “G” to the part number in the appropriate location to obtain a 0.5 mm contact gap. Add “-K” to the part number in the appropriate location to obtain 2.9 mm mounting holes. Examples: 1) V-16G3-1C25-K 2) V-11G-1A4-K 2. Not all combinations are available. Consult Omron regarding nomenclature combinations and part numbers not found in this datasheet. Common terminal position Contact form Terminal style Actuator Bottom SPDT A V-16-1A5 V-16-1AR5 V-16-1AL5 C2 V-16-1C25 V-16-1C2R5 V-16-1C2L5 C V-16-1C5 - - - - - - SPST-NCA V-16-2A5 V-16-2AR5 V-16-2AL5 C2 V-16-2C25 V-16-2C2R5 V-16-2C2L5 C V-16-2C5 - - - - - - SPST-NOA V-16-3A5 V-16-3AR5 V-16-3AL5 C2 V-16-3C25 V-16-3C2R5 V-16-3C2L5 C V-16-3C5 - - - - - - SPDT A V-161-1A5 V-161-1AR5 V-161-1AL5 C2 V-161-1C25 V-161-1C2R5 V-161-1C2L5 C V-161-1C5 - - - - - - A V-162-1A5 V-162-1AR5 V-162-1AL5 C2 V-162-1C25 V-162-1C2R5 V-162-1C2L5 C V-162-1C5 - - - - - - A V-163-1A5 V-163-1AR5 V-163-1AL5 C2 V-163-1C25 V-163-1C2R5 V-163-1C2L5 C V-163-1C5 - - - - - - A V-164-1A5 V-164-1AR5 V-164-1AL5 C2 V-164-1C25 V-164-1C2R5 V-164-1C2L5 C V-164-1C5 - - - - - - A V-165-1A5 V-165-1AR5 V-165-1AL5 C2 V-165-1C25 V-165-1C2R5 V-165-1C2L5 C V-165-1C5 - - - - - - A V-166-1A5 V-166-1AR5 V-166-1AL5 C2 V-166-1C25 V-166-1C2R5 V-166-1C2L5 C V-166-1C5 - - - - - - Without barrier Without barrier Right-hand barrier Left-hand barrier Pin plunger Short hinge lever Hinge lever Long hinge lever Simulated roller lever Short hinge roller lever Hinge roller lever Common terminal position Contact form Terminal style Actuator Bottom SPDT A V-11-1A4 C2 V-11-1C24 C V-11-1C4 A V-111-1A4 C2 V-111-1C24 C V-111-1C4 A V-112-1A4 C2 V-112-1C24 C V-112-1C4 A V-113-1A4 C2 V-113-1C24 C V-113-1C4 A V-114-1A4 C2 V-114-1C24 C V-114-1C4 A V-115-1A4 C2 V-115-1C24 C V-115-1C4 A V-116-1A4 C2 V-116-1C24 C V-116-1C4 Without barrier Pin plunger Short hinge lever Hinge lever Long hinge lever Simulated roller lever Short hinge roller lever Hinge roller lever |
Số phần tương tự - V-16-1C5 |
|
Mô tả tương tự - V-16-1C5 |