công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMDA15 bảng dữ liệu(PDF) 5 Page - Protek Devices |
|
SMDA15 bảng dữ liệu(HTML) 5 Page - Protek Devices |
5 / 6 page Only One Name Means ProTek’Tion™ www.protekdevices.com 05031.R11 10/12 Page 5 SMDA03 - SMDA36C TAPE AND REEL User Direction of Feed t K0 A0 P D P0 P2 E B0 F W 10 Pitches Cumulative Tolerance on tape ± 0.2 SPECIFICATIoNS REEL DIA. TAPE WIDTh A0 B0 k0 D E F W P0 P2 P tmax 178mm (7”) 12mm 6.50 ± 0.10 5.40 ± 0.10 2.00 ± 0.10 1.50 ± 0.10 1.75 ± 0.10 5.50 ± 0.05 12.00 ± 0.30 4.00 ± 0.12 2.00 ± 0.10 4.00 ± 0.10 0.25 NoTES 1. Dimensions are in millimeters. 2. Surface mount product is taped and reeled in accordance with EIA-481. 3. Suffix - T7 = 7” Reel - 1,000 pieces per 12mm tape. 4. Suffix - T13 = 13” Reel - 2,500 pieces per 12mm tape. 5. Bulk product shipped in tubes of 98 pieces per tube. 6. Marking on Part - marking code (see page 2), date code, logo and pin one defined by dot on top of package. Package outline, pad layout and tape specifications per document number 06009.R3 9/10. oRDERING INFoRMATIoN BASE PART NUMBER (xx = Voltage) LEADFREE SUFFIX TAPE SUFFIX QTY/REEL REEL SIZE TUBE QTY SMDAxx/SMDAxxC -LF -T7 1,000 7” 98 SMDAxx/SMDAxxC -LF -T13 2,500 13” 98 This device is only available in a Lead-Free configuration. |
Số phần tương tự - SMDA15 |
|
Mô tả tương tự - SMDA15 |