công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS3A26746E bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS3A26746E
Giải thích chi tiết về linh kiện  2 X 2 Crosspoint Switch for Audio Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A26746E bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TS3A26746E Datasheet HTML 1Page - Texas Instruments TS3A26746E Datasheet HTML 2Page - Texas Instruments TS3A26746E Datasheet HTML 3Page - Texas Instruments TS3A26746E Datasheet HTML 4Page - Texas Instruments TS3A26746E Datasheet HTML 5Page - Texas Instruments TS3A26746E Datasheet HTML 6Page - Texas Instruments TS3A26746E Datasheet HTML 7Page - Texas Instruments TS3A26746E Datasheet HTML 8Page - Texas Instruments TS3A26746E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
2
A
B
C
TS3A26746E
www.ti.com
SCDS313C – FEBRUARY 2011 – REVISED MAY 2013
2 X 2 Crosspoint Switch for Audio Applications
Check for Samples: TS3A26746E
1
FEATURES
PINOUT
Ultra Low RON for GND Switch (80-mΩ typical)
RON for MIC Switch <10-Ω
3.0V to 3.6V V+ Operation
Control Input is 1.8-V Logic Compatible
6-bump, 0.5mm pitch CSP Package (1.45mm ×
0.95mm × 0.5mm)
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Performance Tested Per JESD 22
DESCRIPTION
2000-V Human-Body Model (A114-B, Class
The TS3A26746E is a 2 × 2 cross-point switch that is
II)
used to interchange the Ground and MIC connections
500-V Charged-Device Model (C101)
on a headphone connector. The Ground switch has
an ultra low RON of <0.1Ω to minimize voltage drop
ESD Performance (SLEEVE, RING2)
across
it,
preventing
undesired
increases
in
±8-kV Contact Discharge (IEC 61000-4-2)
headphone ground reference voltage. The switch
state
is
controlled
via
the
SEL
input.
When
APPLICATIONS
SEL=High, GND is connected to RING2 and MIC is
connected to SLEEVE. When SEL=Low, GND is
Cellular phones
connected to SLEEVE and MIC is connected to
PDAs
RING2. An internal 100k pull-up resistor on the SEL
Portable Instrumentation
input sets the default state of the switch.
Digital Still Cameras
Portable Navigation Devices
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - TS3A26746E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3A26746E TI1-TS3A26746E Datasheet
994Kb / 12P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
MAY2011
TS3A26746E TI1-TS3A26746E Datasheet
465Kb / 8P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
NOVEMBER2011
TS3A26746EYZPR TI1-TS3A26746EYZPR Datasheet
994Kb / 12P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
MAY2011
TS3A26746EYZPR TI1-TS3A26746EYZPR Datasheet
465Kb / 8P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
NOVEMBER2011
TS3A26746E_1111 TI1-TS3A26746E_1111 Datasheet
465Kb / 8P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
NOVEMBER2011
More results

Mô tả tương tự - TS3A26746E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3A26746E_1111 TI1-TS3A26746E_1111 Datasheet
465Kb / 8P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
NOVEMBER2011
TS3A26746E TI1-TS3A26746E Datasheet
994Kb / 12P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
MAY2011
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_10 Datasheet
238Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U_07 Datasheet
251Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U Datasheet
40Kb / 7P
   2 X 2 PROTECTION CROSSPOINT SWITCH
SY55854U_1107 MICREL-SY55854U_1107 Datasheet
219Kb / 8P
   2 x 2 Protection Crosspoint Switch
logo
Texas Instruments
SN65LVCP22 TI-SN65LVCP22 Datasheet
472Kb / 17P
[Old version datasheet]   2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
logo
Fairchild Semiconductor
FIN1022 FAIRCHILD-FIN1022 Datasheet
547Kb / 10P
   2 X 2 LVDS High Speed Crosspoint Switch
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
logo
Analog Devices
AD8113JST AD-AD8113JST Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16 X 16, G = 2 Crosspoint Switch
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com