công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3556 bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện LM3556
Giải thích chi tiết về linh kiện  1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3556 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LM3556_14 Datasheet HTML 2Page - Texas Instruments LM3556_14 Datasheet HTML 3Page - Texas Instruments LM3556_14 Datasheet HTML 4Page - Texas Instruments LM3556_14 Datasheet HTML 5Page - Texas Instruments LM3556_14 Datasheet HTML 6Page - Texas Instruments LM3556_14 Datasheet HTML 7Page - Texas Instruments LM3556_14 Datasheet HTML 8Page - Texas Instruments LM3556_14 Datasheet HTML 9Page - Texas Instruments LM3556_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
LM3556
SNVS796C – AUGUST 2011 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
(1) (2)
Limits in standard typeface are for TA = +25°C. Limits in boldface type apply over the full operating ambient temperature
range (
−40°C ≤ TA ≤ +85°C). Unless otherwise specified, VIN = 3.6V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Current Source Specifications
1.425
1.575
1.5A Flash, VOUT = 4V
1.5
A
(-5%)
(+5%)
ILED
Current Source Accuracy
42.3
51.7
46.88 mA Torch, VOUT = 3.6V
47
mA
(
−10%)
(+10%)
280
ILED = 1.5A
Flash
250
(+12%)
VHR
Current Source Regulation Voltage
mV
172.5
ILED = 46.88 mA
Torch
150
(+15%)
ON Threshold
4.86
5
5.1
Output Over-Voltage Protection Trip
VOVP
V
Point
OFF Threshold
4.75
4.88
4.99
Step-Up DC/DC Converter Specifications
RPMOS
PMOS Switch On-Resistance
IPMOS = 1A
85
m
RNMOS
NMOS Switch On-Resistance
INMOS = 1A
65
−12%
1.7
+12%
−12%
1.9
+12%
ICL
Switch Current Limit
A
−10%
2.5
+10%
−12%
3.1
+12%
VTRIP
NTC Comparator Trip Threshold
Configuration Register, bit [1] = 1
−6%
600
+6%
mV
UVLO
Under Voltage Lockout Threshold
Falling VIN
2.74
2.8
2.85
V
INTC
NTC Current
−6%
75
+6%
µA
Input Voltage Flash Monitor trip
VIVFM
-3.2%
2.9
+3.2%
V
threshold
fSW
Switching Frequency
2.5V
≤ VIN ≤ 5.5V
3.72
4
4.28
MHz
IQ
Quiescent Supply Current
Device Not Switching Pass Mode
0.6
0.75
mA
Device Disabled, EN = 0V
ISD
Shutdown Supply Current
0.1
1.3
µA
2.5V
≤ VIN ≤ 5.5V
Device Disabled, EN = 2V
ISB
Standby Supply Current
2.5
4
µA
2.5V
≤ VIN ≤ 5.5V
Flash-to-Torch LED Current Settling
TX Low to High,
tTX
4
µs
Time
ILED = 1.5A to 46.88 mA
ILED Overshoot in External
IOS
0 mA to ITORCH
8
%
Indicator Mode
ENABLE, STROBE, TORCH, TX Voltage Specifications
VIL
Input Logic Low
0
0.4
2.5V
≤ VIN ≤ 5.5V
V
VIH
Input Logic High
1.2
VIN
I2C-Compatible Interface Specifications (SCL, SDA)
VIL
Input Logic Low
0
0.4
2.5V
≤ VIN ≤ 4.2V
V
VIH
Input Logic High
1.2
VIN
VOL
Output Logic Low
ILOAD = 3 mA
400
mV
t1
SCL Clock Frequency
2.4
µs
t2
Data In Setup Time to SCL High
100
t3
Data Out Stable After SCL Low
0
SDA Low Setup Time to SCL Low
ns
t4
100
(Start)
SDA High Hold Time After SCL
t5
100
High (Stop)
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are specified by design, test, or statistical analysis. Typical (typ.) numbers are not verified, but do represent the most
likely norm. Unless otherwise specified, conditions for typical specifications are: VIN = 3.6V and TA = +25°C.
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3556


Số phần tương tự - LM3556_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
More results

Mô tả tương tự - LM3556_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
logo
Eutech Microelectronics...
EUP2465 EUTECH-EUP2465 Datasheet
77Kb / 1P
   Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
EUP2466 EUTECH-EUP2466 Datasheet
78Kb / 1P
   Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Texas Instruments
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
[Old version datasheet]   Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
logo
Diodes Incorporated
AL3644 DIODES-AL3644 Datasheet
792Kb / 23P
   DUAL 1.5A CURRENT SOURCE CAMERA FLASH LED DRIVER
July 2019
logo
Kinetic Technologies.
KTD2681 KINETIC-KTD2681 Datasheet
106Kb / 2P
   Flash LED Driver with Programmable 1.5A Current Source
August 2020 - Revision 04b
logo
Texas Instruments
LM3644 TI1-LM3644 Datasheet
1Mb / 41P
[Old version datasheet]   Dual 1.5A Current Source Camera Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com