công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STGB35N35LZT4 bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện STGB35N35LZT4
Giải thích chi tiết về linh kiện  Automotive-grade 345 V internally clamped IGBT, EAS 450 mJ
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB35N35LZT4 bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  STGB35N35LZT4 Datasheet HTML 1Page - STMicroelectronics STGB35N35LZT4 Datasheet HTML 2Page - STMicroelectronics STGB35N35LZT4 Datasheet HTML 3Page - STMicroelectronics STGB35N35LZT4 Datasheet HTML 4Page - STMicroelectronics STGB35N35LZT4 Datasheet HTML 5Page - STMicroelectronics STGB35N35LZT4 Datasheet HTML 6Page - STMicroelectronics STGB35N35LZT4 Datasheet HTML 7Page - STMicroelectronics STGB35N35LZT4 Datasheet HTML 8Page - STMicroelectronics STGB35N35LZT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DocID12253 Rev 6
5/18
STGB35N35LZ, STGP35N35LZ
Electrical characteristics
18
Table 6. Functional characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
U.I.S.
Functional test open
secondary coil
R
G
= 0, T
j
= 150 °C, V
CC
= 50 V,
V
GE
= 5 V, L=1.6 mH
18
-
-
A
Table 7. Switching time
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
t
r
Resistive load
Turn-on delay time
Rise time
V
CC
= 14 V,
R
L
= 1
Ω, V
GE
= 5 V
-
1.1
7
-
μs
μs
μs
td(on)
t
r
Resistive load
Turn-on delay time
Rise time
V
CC
= 14 V,
R
L
= 1
Ω, V
GE
= 5 V
T
j
= 150 °C
-
1
6.6
-
μs
μs
μs
t
d(off)
t
f
dv/dt
Inductive load
Turn-off delay time
Fall time
Turn-off voltage slope
V
CC
= 300 V, L = 1 mH
I
C
= 15 A, V
GE
= 5 V
-
26.5
5.5
70
-
μs
μs
V/μs
t
d(off)
t
f
dv/dt
Inductive load
Turn-off delay time
Fall time
Turn-off voltage slope
V
CC
= 300 V, L = 1 mH
I
C
= 15 A, V
GE
= 5 V
T
j
= 150 °C
-
28
9
65
-
μs
μs
V/μs


Số phần tương tự - STGB35N35LZT4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STGB30H60DF STMICROELECTRONICS-STGB30H60DF Datasheet
1Mb / 24P
   600 V, 30 A high speed trench gate field-stop IGBT
March 2013 Rev 3
STGB30H60DFB STMICROELECTRONICS-STGB30H60DFB Datasheet
1Mb / 21P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
October 2015 Rev 2
logo
Inchange Semiconductor ...
STGB30H60DFB ISC-STGB30H60DFB Datasheet
334Kb / 4P
   Trench gate Field-Stop IGBT
2023-10-09
logo
STMicroelectronics
STGB30H60DLFB STMICROELECTRONICS-STGB30H60DLFB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
July 2014 Rev 2
STGB30H60DLLFBAG STMICROELECTRONICS-STGB30H60DLLFBAG Datasheet
1,009Kb / 17P
   Automotive-grade trench gate field-stop IGBT, HB series 600 V, 30 A high speed
October 2016 Rev 1
More results

Mô tả tương tự - STGB35N35LZT4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STGB18N40LZ_0805 STMICROELECTRONICS-STGB18N40LZ_0805 Datasheet
636Kb / 18P
   EAS 180 mJ - 400 V - internally clamped IGBT
STGB20N45LZAG STMICROELECTRONICS-STGB20N45LZAG Datasheet
536Kb / 20P
   Automotive-grade 450 V internally clamped IGBT ESCIS 300 mJ
February 2018
STGB18N40LZ STMICROELECTRONICS-STGB18N40LZ Datasheet
632Kb / 18P
   EAS 180 mJ - 400 V - internally clamped IGBT
STGB18N40LZ STMICROELECTRONICS-STGB18N40LZ_09 Datasheet
896Kb / 19P
   EAS 180 mJ - 390 V - internally clamped IGBT
STGB18N40LZT4 STMICROELECTRONICS-STGB18N40LZT4 Datasheet
575Kb / 16P
   Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
Rev 7 - January 2021
STGD19N40LZ STMICROELECTRONICS-STGD19N40LZ Datasheet
1Mb / 17P
   Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
October 2016 Rev 6
STGD18N40LZT4 STMICROELECTRONICS-STGD18N40LZT4 Datasheet
466Kb / 16P
   Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
Rev 1 - January 2021
STGB25N40LZAG STMICROELECTRONICS-STGB25N40LZAG Datasheet
551Kb / 20P
   Automotive-grade 400 V internally clamped IGBT ESCIS 320 mJ
February 2018 Rev 3
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ_V01 Datasheet
751Kb / 15P
   10 A - 410 V internally clamped IGBT
Rev 4 Novermber 2009
logo
ON Semiconductor
MGP15N40CL ONSEMI-MGP15N40CL Datasheet
100Kb / 8P
   Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com