công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2633 bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện LM2633
Giải thích chi tiết về linh kiện  Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2633 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LM2633 Datasheet HTML 6Page - Texas Instruments LM2633 Datasheet HTML 7Page - Texas Instruments LM2633 Datasheet HTML 8Page - Texas Instruments LM2633 Datasheet HTML 9Page - Texas Instruments LM2633 Datasheet HTML 10Page - Texas Instruments LM2633 Datasheet HTML 11Page - Texas Instruments LM2633 Datasheet HTML 12Page - Texas Instruments LM2633 Datasheet HTML 13Page - Texas Instruments LM2633 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
LM2633
SNVS139C – MAY 2004 – REVISED APRIL 2005
www.ti.com
Electrical Characteristics (continued)
VCC = +15V unless otherwise indicated under the Conditions column. Typicals and limits appearing in plain type apply for TA
= TJ = +25°C. Limits appearing in boldface type apply over 0°C to +125°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Vlreg_hys
Hysteresis of Low
7
%VOUT
Regulation Comparator
Vpwrbad
Regulator Window Detector
85
88
Thresholds (PGOOD from
%VOUT
(6)
110
112
119
High to Low)
Vpwrgd
Regulator Window Detector
Thresholds (PGOOD from
90
93
97
%VOUT
Low to High)
Gate Drive (For Channel 1 Switching Regulator Controller)
Iboot1
CBOOT Leakage Current
VCBOOT1 = 7V
100
nA
HDRV1 Source Current
VHDRV1 = VSW1 =0V, VCBOOT1 = 5V
1.2
A
HDRV1 Sink Current
VHDRV1 = 5V
1.0
A
LDRV1 Source Current
VLDRV1 = 0V
1.2
A
LDRV1 Sink Current
VLDRV1 = 5V
2.0
A
HDRV1 High-Side FET On-
1.84
Resistance
LDRV1 High-Side FET On-
tbd
Resistance
LDRV1 Low-Side FET On-
0.5
Resistance
Gate Drive (For Channel 2 Switching Regulator Controller)
Iboot2
CBOOT Leakage Current
VCBOOT2 = 7V
100
nA
HDRV2 Source Current
VHDRV2 = VSW2 =0V, VCBOOT2 = 5V
tbd
A
HDRV2 Sink Current
VHDRV2 = 5V
tbd
A
LDRV2 Source Current
VLDRV2 = 0V
tbd
A
LDRV2 Sink Current
VLDRV2 = 5V
tbd
A
HDRV2 FET On-Resistance
tbd
LDRV2 FET On-Resistance
tbd
Oscillator
Fosc
Oscillator Frequency
225
250
275
kHz
Toff_min
Minimum Off-Time
400
ns
Ton_min
Minimum On-Time
220
ns
Error Amplifier
Ifb1
Feedback Input Bias
VFB1 = 2.4V
55
µA
Current, Channel 1
Ifb2
Feedback Input Bias
VFB2 = 1.36V
18
nA
Current, Channel 2
Ifb3
Feedback Input Bias
VFB3 = 1.36V
70
nA
Current, Channel 3
Icomp1, Icomp2
COMP Output Sink Current
VFB1 = 150% of measured 1.4V DAC, VFB2
= 150% of measured bandgap, VCOMP1 =
60
µA
VCOMP2 = 1V
Vcomp_max
COMP Pin Maximum
tbd
1.96
V
Voltage
Gm
Transconductance
576
µmho
DAC Output and VFB2
ΔVdac
Channel 1 DAC Output
VCOMP1 = 1V, DAC codes from 1.3V to
−1.5
1.5
Voltage Accuracy
1.6V
%
VCOMP1 = 1V, DAC codes from 0.925V to
−1.7
1.7
1.25V and from 1.65V to 2.00V
(6)
This is the same as over-voltage protection threshold.
10
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM2633


Số phần tương tự - LM2633

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2633 NSC-LM2633 Datasheet
1Mb / 40P
   Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
LM2633MTD NSC-LM2633MTD Datasheet
1Mb / 40P
   Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Texas Instruments
LM2633 TI-LM2633_15 Datasheet
1Mb / 51P
[Old version datasheet]   LM2633 Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
More results

Mô tả tương tự - LM2633

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2633 NSC-LM2633 Datasheet
1Mb / 40P
   Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Texas Instruments
LM2633 TI-LM2633_15 Datasheet
1Mb / 51P
[Old version datasheet]   LM2633 Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Maxim Integrated Produc...
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
   Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
logo
Intersil Corporation
IPM6210A INTERSIL-IPM6210A Datasheet
658Kb / 15P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
logo
Fairchild Semiconductor
FAN5231 FAIRCHILD-FAN5231 Datasheet
360Kb / 17P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
logo
Renesas Technology Corp
IPM6210A RENESAS-IPM6210A Datasheet
860Kb / 15P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
Aug 2001
ISL6264 RENESAS-ISL6264 Datasheet
1Mb / 23P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
Intersil Corporation
ISL6264 INTERSIL-ISL6264 Datasheet
433Kb / 24P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
ISL6262CRZ INTERSIL-ISL6262CRZ Datasheet
559Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
logo
Renesas Technology Corp
ISL6262 RENESAS-ISL6262 Datasheet
1Mb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com