công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FAR-F5CE-851M00-K212-U bảng dữ liệu(PDF) 3 Page - Fujitsu Component Limited. |
|
FAR-F5CE-851M00-K212-U bảng dữ liệu(HTML) 3 Page - Fujitsu Component Limited. |
3 / 19 page 3 F5CE Series (D2 type) s RECOMMENDED OPERATING CONDITION WARNING: Recommended operating conditions are normal operating ranges for the piezoelectric device. All the device’s electrical characteristics are warranted when operated within these ranges. Always use piezoelectric devices within the recommended operating conditions. Operation outside these ranges may adversely affect reliability and could result in device failure. No warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet. Users considering application outside the listed conditions are advised to contact their FUJITSU representative beforehand. s STANDARD FREQUENCIES Parameter Symbol Value Unit Min. Max. Operating temperature Ta –30 +85 °C System Center freq. (MHz) B/W (MHz) Part symbol Part number Remarks PDC800 Tx 950.0 20 30 FAR-F5CE-950M00-D230 Rx 820.0 20 31 FAR-F5CE-820M00-D231 AMPS /CDMA /TDMA 836.5 25 32 FAR-F5CE-836M50-D232 Rx 881.5 25 33 FAR-F5CE-881M50-D233 GSM/NMT Tx 902.5 25 34 FAR-F5CE-902M50-D234 Rx 947.5 25 35 FAR-F5CE-947M50-D235 ISM900 — 915.0 7 38 FAR-F5CE-915M00-D238 Tx |
Số phần tương tự - FAR-F5CE-851M00-K212-U |
|
Mô tả tương tự - FAR-F5CE-851M00-K212-U |