công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FAR-F6CE-2G4418-L2RB-V bảng dữ liệu(PDF) 3 Page - Fujitsu Component Limited.

tên linh kiện FAR-F6CE-2G4418-L2RB-V
Giải thích chi tiết về linh kiện  Piezoelectric SAW BPF (700 to 1700 MHz)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [Fujitsu Component Limited.]
Trang chủ  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F6CE-2G4418-L2RB-V bảng dữ liệu(HTML) 3 Page - Fujitsu Component Limited.

  FAR-F6CE-2G4418-L2RB-V Datasheet HTML 1Page - Fujitsu Component Limited. FAR-F6CE-2G4418-L2RB-V Datasheet HTML 2Page - Fujitsu Component Limited. FAR-F6CE-2G4418-L2RB-V Datasheet HTML 3Page - Fujitsu Component Limited. FAR-F6CE-2G4418-L2RB-V Datasheet HTML 4Page - Fujitsu Component Limited. FAR-F6CE-2G4418-L2RB-V Datasheet HTML 5Page - Fujitsu Component Limited. FAR-F6CE-2G4418-L2RB-V Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F6CE-2G4418-L2RB-V Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F6CE-2G4418-L2RB-V Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F6CE-2G4418-L2RB-V Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
F5/F6 Series (K2 type)
3
s
s
s
s RECOMMENDED OPERATING CONDITIONS
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
piezoelectric device. All of the device’s electrical characteristics are warranted when the device is
operated within this range.
Always use piezoelectric devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
s
s
s
s STANDARD FREQUENCIES
Parameter
Symbol
Value
Unit
Min.
Max.
Operating temperature
Ta
−30
+85
°C
System
Center freq.
(MHz)
B/W
(MHz)
Part
symbol
Part number
Remarks
AMPS
/TDMA
/CDMA
Tx
836.5
25
25
FAR-F5CE-836M50-K225
Low loss type
836.5
25
30
FAR-F5CE-836M50-K230
High Att. type
836.5
25
36
FAR-F5CE-836M50-K236
Low loss type
836.5
25
89
FAR-F5CE-836M50-K289
High Att. type
Rx
881.5
25
35
FAR-F5CE-881M50-K235
Low loss type
881.5
25
10
FAR-F5CE-881M50-K210
High Att. type
GSM
Tx
902.5
25
13
FAR-F5CE-902M50-K213
Rx
947.5
25
33
FAR-F5CE-947M50-K233
Ultra low loss
947.5
25
14
FAR-F5CE-947M50-K214
Low loss type
947.5
25
28
FAR-F5CE-947M50-K228
High Att. type
EGSM
Tx
897.5
35
26
FAR-F5CE-897M50-K226
897.5
35
31
FAR-F5CE-897M50-K231
Low loss type
Rx
942.5
35
88
FAR-F5CE-942M50-K288
Low loss type
942.5
35
37
FAR-F5CE-942M50-K237
PDC800
(20 MHz passband
width standard)
Tx
950.0
20
01
FAR-F5CE-950M00-K201
Rx
820.0
20
02
FAR-F5CE-820M00-K202
Low loss type
820.0
20
04
FAR-F5CE-820M00-K204
High Att. type
J-CDMA
Tx
906.0
38
11
FAR-F5CE-906M00-K211
Low loss type
906.0
38
19
FAR-F5CE-906M00-K219
906.0
38
15
FAR-F5CE-906M00-K215
High Att. type
906.0
38
38
FAR-F5CE-906M00-K238
Rx
851.0
38
12
FAR-F5CE-851M00-K212
PDC1.5 G
Tx
1441.0
24
20
FAR-F6CE1G4410-K220
Rx
1489.0
24
21
FAR-F6CE1G4890-K221
Lo
1619.0
24
22
FAR-F6CE1G6190-K222


Số phần tương tự - FAR-F6CE-2G4418-L2RB-V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fujitsu Component Limit...
FAR-F6CE-2G4418-L2RB-V FUJITSU-FAR-F6CE-2G4418-L2RB-V Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
More results

Mô tả tương tự - FAR-F6CE-2G4418-L2RB-V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fujitsu Component Limit...
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CP FUJITSU-FAR-F5CP Datasheet
230Kb / 18P
   Piezoelectric SAW BPF (700 to 1700MHz)
FAR-F6CE FUJITSU-FAR-F6CE Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com