công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FAR-F6CE-1G8425-L2YE-U bảng dữ liệu(PDF) 2 Page - Fujitsu Component Limited. |
|
FAR-F6CE-1G8425-L2YE-U bảng dữ liệu(HTML) 2 Page - Fujitsu Component Limited. |
2 / 49 page F5/F6 Series (K2 type) 2 s s s s PIN ASSIGNMENT s s s s PIN DESCRIPTION s s s s ABSOLUTE MAXIMUM RATINGS WARNING: Piezoelectric devices can be permanently damaged by application of stress (voltage, current, temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings. Pin No. Pin name Description 1 GND Ground Pin 2 IN Input Pin 3 GND Ground Pin 4 GND Ground Pin 5 OUT Output Pin 6 GND Ground Pin Parameter Symbol Rating Unit Min. Max. Operating temperature Ta −30 +85 °C Storage temperature Tstg −40 +100 °C Input level PIN +23 dBm Input DC voltage DC −5 +5V (BOTTOM VIEW) 1 2 3 654 |
Số phần tương tự - FAR-F6CE-1G8425-L2YE-U |
|
Mô tả tương tự - FAR-F6CE-1G8425-L2YE-U |