công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS3DDR32611 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện TS3DDR32611
Giải thích chi tiết về linh kiện  1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS3DDR32611 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  TS3DDR32611_14 Datasheet HTML 1Page - Texas Instruments TS3DDR32611_14 Datasheet HTML 2Page - Texas Instruments TS3DDR32611_14 Datasheet HTML 3Page - Texas Instruments TS3DDR32611_14 Datasheet HTML 4Page - Texas Instruments TS3DDR32611_14 Datasheet HTML 5Page - Texas Instruments TS3DDR32611_14 Datasheet HTML 6Page - Texas Instruments TS3DDR32611_14 Datasheet HTML 7Page - Texas Instruments TS3DDR32611_14 Datasheet HTML 8Page - Texas Instruments TS3DDR32611_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TS3DDR32611
SCDS347A – AUGUST 2013 – REVISED SEPTEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
TA = –40°C to 85°C, Typical values are at VDD = 3.3V, TA = 25°C, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VDD supply current in high
No load, VTT_EN=ODT_EN= 1.8V,
IVDD(HS)
VDD = 3.3V
150
220
µA
speed mode(1)
VDDQ=1.5 V
No load, VTT_EN=1.8V,
VDD supply current in low
IVDD(LS)
VDD = 3.3V
150
220
µA
speed mode(1)
ODT_EN= 0V, VDDQ=1.5V
VDD supply current in power
No load, VTT_EN=0V,ODT_EN= 0V,
IVDD(PD)
VDD = 3.3V
1
5
µA
down mode(1)
VDDQ=1.5V
VLDOIN supply current in high or
No load, VTT_EN=H, ODT_EN= H or
IVLDOIN
VDD = 3.3V
1
5
µA
low speed mode
L, VDDQ=1.5V
VLDOIN supply current in power
No load, VTT_EN=L, ODT_EN=H or
IVLDOIN(PD)
VDD = 3.3V
1
5
µA
down mode
L, VDDQ=1.5V
VTT OUTPUT
VTT
Output voltage
VDDQ/2
V
|IVTT|< 60 mA
-20
±15
20
Output voltage tolerance to
VDDQ = 1.25V,
VTTTOL
|IVTT|< 550 mA
-35
±25
35
mV
1/2VDDQ
1.35V, 1.5V
|IVTT|< 1 A
-60
±35
60
IVTT(SRC)
Source current limit
VDDQ = 1.5 V
VTT=VTTSNS=0.6 V
1000
mA
IVTT(SINK)
Sink current limit
VDDQ = 1.5 V
VTT=VTTSNS=0.9 V
1000
mA
Max Source or Sink current
IVTT(max)
VDDQ = 1.5 V
VTT=VTTSNS=0 V
1.5
A
capability
VTT_EN=L, ODT_EN=H or L,
IVTT(DIS)
VTT Discharge current
VDDQ = 0 V
10
mA
VTT = 0.5 V, TA=25°C
IVTTSNS(BIAS)
VTTSNS Input Bias current
VTTSNS=VREF
No load, VTT_EN=H, ODT_EN= H
–0.1
0.1
µA
VREF OUTPUT
VREF
Output voltage
VDDQ/2
V
Output voltage tolerance to
VDDQ = 1.25V,
1.0%*VDD
VREFTOL
|IVREF|< 5 mA
-1.0%*VDDQ
mV
1/2VDDQ
1.35V, 1.5V
Q
IVREF(SRC)
Source current limit
VDDQ = 1.5V
VREF=0 V
10
mA
IVREF(SINK)
Sink current limit
VDDQ = 0V
VREF=1.5 V
10
mA
VTT_EN=L,ODT_EN=H or L,
VVREF(DIS)
VREF Discharge current
VDDQ = 0V
2
mA
VREF=0.5 V, TA = 25°C
VDDQ INPUT
IVDDQ
VDDQ input current
VDDQ = 1.5V
30
40
µA
ISOLATION SWITCH
RON
ON-state resistance
VDD = 3.3V
VI/O = 0.75 V, |IVTT|= 18 mA
1.75
4
Ω
RON, FLAT
ON-state resistance flatness
VDD = 3.3V
VI/O = 0 V to 0.75 V, |IVTT|= 18 mA
0.2
0.4
Ω
ON-state resistance match
ΔRON
VDD = 3.3V
VI/O = 0.75 V, |IVTT|= 18 mA
0.2
Ω
between channels
DIGITAL CONTROL INPUTS (VTT_EN, ODT_EN)
VIH
Input logic high
VDD = 3.0 V to 3.6 V
1.3
V
VIL
Input logic low
VDD = 3.0 V to 3.6 V
0.6
V
VLHYST
Hysteresis voltage
0.5
V
ILK
Input leak current
–1
1
µA
OVER-TEMPERATURE PROTECTION
Shutdown temperature
150
TOTP
Over temperature protection
°C
Hysteresis
30
(1)
For ODT_EN and VTT_EN, If the VIH is less than 1.8V but more than Max VIH, or VIL is more than 0V but less than Max VIL, it will cause
the IVDD has the max 25µA increase based on the voltage at ODT_EN and VTT_EN.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TS3DDR32611


Số phần tương tự - TS3DDR32611_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3DDR32611 TI-TS3DDR32611_15 Datasheet
798Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
More results

Mô tả tương tự - TS3DDR32611_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3DDR32611 TI1-TS3DDR32611 Datasheet
815Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611 TI-TS3DDR32611_15 Datasheet
798Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
logo
Anpec Electronics Corop...
APL5338E ANPEC-APL5338E Datasheet
238Kb / 18P
   2A Peak Sink/Source DDR Termination Regulator
logo
Texas Instruments
TPS51200-EP TI1-TPS51200-EP_17 Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1_1812 TI1-TPS51200A-Q1_1812 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1 TI1-TPS51200A-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
logo
SG Micro Corp
SGM2054 SGMICRO-SGM2054 Datasheet
737Kb / 14P
   Sink and Source DDR Termination Regulator
JANUARY2022 - REV.A
logo
Texas Instruments
TPS51200-Q1 TI1-TPS51200-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-EP TI1-TPS51200-EP Datasheet
395Kb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
logo
Richtek Technology Corp...
RT9173D RICHTEK-RT9173D Datasheet
223Kb / 13P
   Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com