công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FAR-F6CE-2G4500-L2WA-V bảng dữ liệu(PDF) 3 Page - Fujitsu Component Limited.

tên linh kiện FAR-F6CE-2G4500-L2WA-V
Giải thích chi tiết về linh kiện  Piezoelectric SAW BPF (1000 to 2500 MHz)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [Fujitsu Component Limited.]
Trang chủ  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F6CE-2G4500-L2WA-V bảng dữ liệu(HTML) 3 Page - Fujitsu Component Limited.

  FAR-F6CE-2G4500-L2WA-V Datasheet HTML 1Page - Fujitsu Component Limited. FAR-F6CE-2G4500-L2WA-V Datasheet HTML 2Page - Fujitsu Component Limited. FAR-F6CE-2G4500-L2WA-V Datasheet HTML 3Page - Fujitsu Component Limited. FAR-F6CE-2G4500-L2WA-V Datasheet HTML 4Page - Fujitsu Component Limited. FAR-F6CE-2G4500-L2WA-V Datasheet HTML 5Page - Fujitsu Component Limited. FAR-F6CE-2G4500-L2WA-V Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F6CE-2G4500-L2WA-V Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F6CE-2G4500-L2WA-V Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F6CE-2G4500-L2WA-V Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
F6 Series (L2 type)
3
s
s
s
s RECOMMENDED OPERATING CONDITIONS (See WARNING)
* : Standard Rating for Wireless LAN Systems is 0 to
+60 °C.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
piezoelectric device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use piezoelectric devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
s
s
s
s STANDARD FREQUENCIES
Parameter
Symbol
Value
Unit
Min.
Max.
Operating temperature *
Ta
−30
+85
°C
System
Center freq.
(MHz)
Band
width
Part
symbol
Part number
Remarks
GPS
1575.42
2
6
FAR-F6CE-1G5754-L2UA
PCN
Tx
1747.5
75
A
FAR-F6CE-1G7475-L2YA
Rx
1842.5
75
B
FAR-F6CE-1G8425-L2YB
1842.5
75
YE
FAR-F6CE-1G8425-L2YE
Low insertion loss type
US-PCS
Tx
1880.0
60
C
FAR-F6CE-1G8800-L2XA
1880.0
60
c
FAR-F6CE-1G8800-L2XZ
High Att. type
1880.0
60
g
FAR-F6CE-1G8800-L2XJ
High Att. at Rx band
Rx
1960.0
60
D
FAR-F6CE-1G9600-L2XB
1960.0
60
d
FAR-F6CE-1G9600-L2XY
High Att. type
1960.0
60
v
FAR-F6CE-1G9600-L2XK
High Att. at Rx band
K-PCS
Tx
1765.0
30
S
FAR-F6CE-1G7650-L2TA
Rx
1855.0
30
T
FAR-F6CE-1G8550-L2TB
Wireless LAN
2448.5
97
E
FAR-F6CE-2G4500-L2WA
2484.0
26
P
FAR-F6CE-2G4840-L2WC For Japan
2441.8
83
L
FAR-F6CE-2G4418-L2WD For Europe, USA
W-CDMA
Tx
1950.0
60
j
FAR-F6CE-1G9500-L2ZP
Rx
2140.0
60
k
FAR-F6CE-2G1400-L2ZQ
Bluetooth
2441.8
83.5
RB
FAR-F6CE-2G4418-L2RB


Số phần tương tự - FAR-F6CE-2G4500-L2WA-V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fujitsu Component Limit...
FAR-F6CE-2G4500-L2WA-V FUJITSU-FAR-F6CE-2G4500-L2WA-V Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
More results

Mô tả tương tự - FAR-F6CE-2G4500-L2WA-V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fujitsu Component Limit...
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CP FUJITSU-FAR-F5CP Datasheet
230Kb / 18P
   Piezoelectric SAW BPF (700 to 1700MHz)
logo
Teledyne Technologies I...
AC2554 TELEDYNE-AC2554 Datasheet
131Kb / 1P
   1000 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
logo
TAI-SAW TECHNOLOGY CO.,...
TA2472A TAI-SAW-TA2472A Datasheet
801Kb / 7P
   SAW Filter 2500 MHz
logo
Fujitsu Component Limit...
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
logo
Johanson Technology Inc...
2400DP39A5425 JOHANSON-2400DP39A5425 Datasheet
79Kb / 2P
   2450 / 5400 MHz Diplexer ( BPF / BPF)
logo
Teledyne Technologies I...
TSA-213243 TELEDYNE-TSA-213243 Datasheet
172Kb / 2P
   1000 TO 2500 MHz, 40 WATTS HIGH POWER GaN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com