công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FAR-F5CM-902M50-B263-V bảng dữ liệu(PDF) 1 Page - Fujitsu Component Limited.

tên linh kiện FAR-F5CM-902M50-B263-V
Giải thích chi tiết về linh kiện  SAW Filter (700 to 1000 MHz)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [Fujitsu Component Limited.]
Trang chủ  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F5CM-902M50-B263-V bảng dữ liệu(HTML) 1 Page - Fujitsu Component Limited.

  FAR-F5CM-902M50-B263-V Datasheet HTML 1Page - Fujitsu Component Limited. FAR-F5CM-902M50-B263-V Datasheet HTML 2Page - Fujitsu Component Limited. FAR-F5CM-902M50-B263-V Datasheet HTML 3Page - Fujitsu Component Limited. FAR-F5CM-902M50-B263-V Datasheet HTML 4Page - Fujitsu Component Limited. FAR-F5CM-902M50-B263-V Datasheet HTML 5Page - Fujitsu Component Limited. FAR-F5CM-902M50-B263-V Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F5CM-902M50-B263-V Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F5CM-902M50-B263-V Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F5CM-902M50-B263-V Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DS04-23119-2E
FUJITSU MEDIA DEVICE
DATA SHEET
ASSP Mobile Communication Systems
SAW Filter
(700 to 1000 MHz)
F5CM Series (B2)
s
s
s
s DESCRIPTION
The F5CM series of SAW filters have balanced in/unbalanced out or unbalanced in/balanced out of I/O ports.
Therefore these filters are suitable for the design using balanced type of IC. By using these filters, any transforming
devises, such as balun is not required.
The F5CM series filters apply to the frequency range 700 to 1000MHz. High performance has been realized with
high reliability and small size by using original materials and original design.
The F5CM series filters are suitable for RF interstage filter in mobile communication systems and standard parts
are available for GSM and AMPS/TDMA/CDMA standards.
s
s
s
s FEATURES
• Balanced/unbalanced I/O ports
• Ultra compact and light package (3.0 mm
× 3.0 mm package)
• Any external matching network is not required
• Excellent stopband attenuation
• Small inband ripple
• Surface mount package (SMT)
s
s
s
s PACKAGE


Số phần tương tự - FAR-F5CM-902M50-B263-V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fujitsu Component Limit...
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231 FUJITSU-FAR-F5CE-820M00-D231 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231-V FUJITSU-FAR-F5CE-820M00-D231-V Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
More results

Mô tả tương tự - FAR-F5CM-902M50-B263-V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fujitsu Component Limit...
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
logo
Fujitsu Component Limit...
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
   Piezoelectric SAW BPF (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9041BB OKI-MBF9041BB Datasheet
84Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
logo
Analog Devices
ADL5605 AD-ADL5605 Datasheet
500Kb / 20P
   700 MHz to 1000 MHz
REV. 0
logo
Fujitsu Component Limit...
FAR-G5CN FUJITSU-FAR-G5CN Datasheet
494Kb / 39P
   SAW Dual Filter (700 to 2000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com