công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FAR-F5CM-881M50-B266-U bảng dữ liệu(PDF) 3 Page - Fujitsu Component Limited.

tên linh kiện FAR-F5CM-881M50-B266-U
Giải thích chi tiết về linh kiện  SAW Filter (700 to 1000 MHz)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [Fujitsu Component Limited.]
Trang chủ  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F5CM-881M50-B266-U bảng dữ liệu(HTML) 3 Page - Fujitsu Component Limited.

  FAR-F5CM-881M50-B266-U Datasheet HTML 1Page - Fujitsu Component Limited. FAR-F5CM-881M50-B266-U Datasheet HTML 2Page - Fujitsu Component Limited. FAR-F5CM-881M50-B266-U Datasheet HTML 3Page - Fujitsu Component Limited. FAR-F5CM-881M50-B266-U Datasheet HTML 4Page - Fujitsu Component Limited. FAR-F5CM-881M50-B266-U Datasheet HTML 5Page - Fujitsu Component Limited. FAR-F5CM-881M50-B266-U Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F5CM-881M50-B266-U Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F5CM-881M50-B266-U Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F5CM-881M50-B266-U Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
F5CM Series (B2)
3
s
s
s
s ABSOLUTE MAXIMUM RATINGS
WARNING: Piezoelectric devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s
s
s
s RECOMMENDED OPERATING CONDITION
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
piezoelectric device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use piezoelectric devices within their recommended operating conditionranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
s
s
s
s STANDARD FREQUENCIES
Parameter
Symbol
Rating
Unit
Min.
Max.
Operating temperature
Ta
–30
+85
°C
Storage temperature
Tstg
–40
+100
°C
Input power
Pin
+15
dBm
Input DC Voltage
DCin
–5
+5
V
Parameter
Symbol
Value
Unit
Min.
Max.
Operating temperature
Ta
–30
+85
°C
Applications
Frequency
(MHz)
Band
width
(MHz)
Input type/
Impedance
Output type/
Impedance
Part number
Part
symbol
GSM
Tx
902.5
25
Balance
50
Unbalance50
Ω FAR-F5CM-902M50-B263
63
Rx
947.5
25
Unbalance
50
Balance50
FAR-F5CM-947M50-B260
60
Balance150
FAR-F5CM-947M50-B262
62
EGSM
Rx
942.5
35
Unbalance
50
Balance50
FAR-F5CM-942M50-B270
70
AMPS/
TDMA/
CDMA
Tx
836.5
25
Balance
50
Unbalance50
Ω FAR-F5CM-836M50-B268
68
Rx
881.5
25
Unbalance
50
Balance50
FAR-F5CM-881M50-B266
66


Số phần tương tự - FAR-F5CM-881M50-B266-U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fujitsu Component Limit...
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231 FUJITSU-FAR-F5CE-820M00-D231 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231-V FUJITSU-FAR-F5CE-820M00-D231-V Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
More results

Mô tả tương tự - FAR-F5CM-881M50-B266-U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fujitsu Component Limit...
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
logo
Fujitsu Component Limit...
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
   Piezoelectric SAW BPF (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9041BB OKI-MBF9041BB Datasheet
84Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
logo
Analog Devices
ADL5605 AD-ADL5605 Datasheet
500Kb / 20P
   700 MHz to 1000 MHz
REV. 0
logo
Fujitsu Component Limit...
FAR-G5CN FUJITSU-FAR-G5CN Datasheet
494Kb / 39P
   SAW Dual Filter (700 to 2000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com