công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM25088 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM25088
Giải thích chi tiết về linh kiện  Wide Input Range Non-Synchronous Buck Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25088 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM25088 Datasheet HTML 1Page - Texas Instruments LM25088 Datasheet HTML 2Page - Texas Instruments LM25088 Datasheet HTML 3Page - Texas Instruments LM25088 Datasheet HTML 4Page - Texas Instruments LM25088 Datasheet HTML 5Page - Texas Instruments LM25088 Datasheet HTML 6Page - Texas Instruments LM25088 Datasheet HTML 7Page - Texas Instruments LM25088 Datasheet HTML 8Page - Texas Instruments LM25088 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
LM25088
www.ti.com
SNVS609G – DECEMBER 2008 – REVISED MARCH 2011
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent
at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the following conditions apply: VVIN =
24V, VVCC= 8V, VEN = 5V RRT = 31.6 kΩ, No load on HG. See note
(1).
Symbol
Parameter
Conditions
Min
Typ(1)
Max
Units
Buck Switch VDS protection
VIN to SW
1.5
V
CURRENT LIMIT RESTART (RES Pin)
Vresup
RES Threshold Upper (rising)
VCS = 0.125
1.1
1.2
1.3
V
Vresdown
RES Threshold Lower (falling)
0.1
0.2
0.3
V
Icharge
Charge source current
VCS >= 0.125
40
50
65
µA
Idischarge
Discharge sink current
VCS < 0.125
20
27
34
µA
Irampdown
Discharge sink current -(post fault)
0.8
1.2
1.6
µA
RAMP GENERATOR
IRAMP1
RAMP Current 1(2)
VVIN = 36V, VOUT = 10V
135
165
195
µA
IRAMP2
RAMP Current 2(2)
VVIN = 10V, VOUT = 10V
18
25
30
µA
VOUT Bias Current
VOUT = 24V
125
µA
RAMP Output Low Voltage(2)
VVIN = 36V, VOUT = 10V
200
mV
HIGH SIDE (HG) GATE DRIVER
VOLH
HG Low-state Output Voltage
IHG = 100 mA
115
215
mV
VOHH
HG High-state Output Voltage
IHG = -100 mA, VOHH = VBOOT - VHG
240
mV
HG Rise Time
Cload = 1000 pF
12
ns
HG Fall Time
Cload = 1000 pF
6
ns
IOHH
Peak HG Source Current
VHG = 0V
1.5
A
IOLH
Peak HG Sink Current
VHG = VVCC
2
A
BOOT UVLO
BOOT to SW
3
V
Pre RDS(ON)
Pre-Charge Switch ON- resistance
IVCC = 1 mA
72
Pre-Charge switch ON time
300
ns
THERMAL
TSD
Thermal Shutdown Temperature
Junction Temperature Rising
165
°C
Thermal Shutdown Hysterisis
Junction Temperature Falling
25
°C
θJC
Thermal Resistance
Junction to Case
6
°C /W
θJA
Thermal Resistance
Junction to Ambient
40
°C /W
(2)
RAMP and COMP are output pins. As such they are not specified to have an external voltage applied.
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM25088


Số phần tương tự - LM25088

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI-LM25088 Datasheet
1Mb / 39P
[Old version datasheet]   LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
LM25088-Q1 TI-LM25088-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
logo
National Semiconductor ...
LM25088MH-1 NSC-LM25088MH-1 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088MH-1/NOPB TI-LM25088MH-1/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
More results

Mô tả tương tự - LM25088

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM5088 TI1-LM5088_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5088QMH-1 TI-LM5088QMH-1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com