công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM25088 bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM25088
Giải thích chi tiết về linh kiện  Wide Input Range Non-Synchronous Buck Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25088 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  LM25088 Datasheet HTML 1Page - Texas Instruments LM25088 Datasheet HTML 2Page - Texas Instruments LM25088 Datasheet HTML 3Page - Texas Instruments LM25088 Datasheet HTML 4Page - Texas Instruments LM25088 Datasheet HTML 5Page - Texas Instruments LM25088 Datasheet HTML 6Page - Texas Instruments LM25088 Datasheet HTML 7Page - Texas Instruments LM25088 Datasheet HTML 8Page - Texas Instruments LM25088 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
VIN
EN
SS
RAMP
RT
GND
COMP
VCC
BOOT
HG
SW
CS
CSG
FB
OUT
DITH
EP
HTSSOP-16
VIN
EN
SS
RAMP
RT
GND
COMP
VCC
BOOT
HG
SW
CS
CSG
FB
OUT
RES
EP
HTSSOP-16
LM25088
SNVS609G – DECEMBER 2008 – REVISED MARCH 2011
www.ti.com
Connection Diagram
Figure 1. Top View (Dither version)
Figure 2. Top View (Restart version)
LM25088-1
LM25088-2
PIN DESCRIPTIONS
Pin(S)
Name
Description
Application Information
1
VIN
Input supply voltage
IC supply voltage. The operating range is 4.5V to 42V.
2
EN
Enable input
If the EN pin voltage is below 0.4V the regulator will be in a low power state. If
the EN pin voltage is between 0.4V and 1.2V the controller will be in standby
mode. If the EN pin voltage is above 1.2V the controller will be operational. An
external voltage divider can be used to set a line under voltage shutdown
threshold. If the EN pin is left open, a 5µA pull-up current forces the pin to the
high state and enables the controller.
3
SS
Soft-start
When SS is below the internal 1.2V reference, the SS voltage will control the
error amplifier. An internal 11 µA current source charges an external capacitor to
set the start-up rate of the controller. The SS pin is held low in the standby, VCC
UV and thermal shutdown states. The SS pin can be used for voltage tracking by
connecting this pin to a master voltage supply less than 1.2V. The applied voltage
will act as the reference for the error amplifier.
4
RAMP
Ramp control signal
An external capacitor connected between this pin and the GND pin sets the ramp
slope used for emulated current mode control. Recommended capacitor range
100 pF to 2000 pF. See the Applications Information section for selection of
capacitor value.
5
RT/SYNC
Internal oscillator frequency
The internal oscillator is programmed with a single resistor between this pin and
set input and synchronization the GND pin. The recommended frequency range is 50 kHz to 1 MHz. An
input
external synchronization signal, which is higher in frequency than the
programmed frequency, can be applied to this pin through a small coupling
capacitor. The RT resistor to ground is required even when using external
synchronization.
6
GND
Ground
Ground return.
7
COMP
Output of the internal error
The loop compensation network should be connected between this pin and the
amplifier
FB pin.
8
FB
Feedback signal from the
This pin is connected to the inverting input of the internal error amplifier. The
regulated output
regulation threshold is 1.205V.
9
OUT
Output voltage connection
Connect directly to the regulated output voltage.
10
DITH
Frequency Dithering (
A capacitor connected between DITH pin and GND is charged and discharged by
LM25088-1 Only)
27 µA current sources. As the voltage on the DITH pin ramps up and down, the
oscillator frequency is modulated between -5% to +5% of the nominal frequency
set by the RT resistor. Grounding the DITH pin will disable the frequency
dithering mode.
2
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM25088


Số phần tương tự - LM25088

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI-LM25088 Datasheet
1Mb / 39P
[Old version datasheet]   LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
LM25088-Q1 TI-LM25088-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
logo
National Semiconductor ...
LM25088MH-1 NSC-LM25088MH-1 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088MH-1/NOPB TI-LM25088MH-1/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
More results

Mô tả tương tự - LM25088

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM5088 TI1-LM5088_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5088QMH-1 TI-LM5088QMH-1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com