công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM20343 bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM20343
Giải thích chi tiết về linh kiện  36V, 3A Adjustable Frequency Synchronous Buck Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM20343 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  LM20343 Datasheet HTML 1Page - Texas Instruments LM20343 Datasheet HTML 2Page - Texas Instruments LM20343 Datasheet HTML 3Page - Texas Instruments LM20343 Datasheet HTML 4Page - Texas Instruments LM20343 Datasheet HTML 5Page - Texas Instruments LM20343 Datasheet HTML 6Page - Texas Instruments LM20343 Datasheet HTML 7Page - Texas Instruments LM20343 Datasheet HTML 8Page - Texas Instruments LM20343 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
VIN
1
FB
SS/TRK
SW
VIN
GND
AGND
SW
EN
VIN
PGOOD
COMP
EP
VCC
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SW
GND
GND
SW
VIN
RT
BOOT
CIN
SW
AGND
FB
PGOOD
VOUT
RFB1
RFB2
COUT
EN
SS/TRK
VCC
CVCC
CC1
COMP
RC1
VIN
LM20343
BOOT
GND
L
CBOOT
D1
(Optional)
RT
RRT
VIN
LM20343
SNVS559A – MAY 2008 – REVISED AUGUST 2008
www.ti.com
Simplified Application Circuit
Connection Diagram
Figure 1. 20-Pin HTSSOP, Top View
See PWP0020A Package
PIN DESCRIPTIONS
Pin(s)
Name
Description
Application Information
1
SS/TRK
Soft-Start or Tracking control input
An internal 4.5 µA current source charges an external capacitor to set
the soft-start rate. The PWM can track to an external voltage ramp with
a low impedance source. If left open, an internal 1 ms SS ramp is
activated.
2
FB
Feedback input to the error amplifier
This pin is connected to the inverting input of the internal
from the regulated output
transconductance error amplifier. An 800 mV reference is internally
connected to the non-inverting input of the error amplifier.
3
PGOOD
Power good output signal
Open drain output indicating the output voltage is regulating within
tolerance. A pull-up resistor of 10 k
Ω to 100 kΩ is recommended if this
function is used.
4
COMP
Output of the internal error amplifier and
The loop compensation network should be connected between the
input to the Pulse Width Modulator
COMP pin and the AGND pin.
5,6,15,16
VIN
Input supply voltage
Nominal operating range: 4.5V to 36V.
7,8,13,14
SW
Switch pin
The drain terminal of the internal Synchronous Rectifier power
NMOSFET and the source terminal of the internal Control power
NMOSFET.
9,10,11
GND
Ground
Internal reference for the power MOSFETs.
12
AGND
Analog ground
Internal reference for the regulator control functions.
17
BOOT
Boost input for bootstrap capacitor
An internal diode from VCC to BOOT charges an external capacitor
required from SW to BOOT to power the Control MOSFET gate driver.
18
VCC
Output of the high voltage linear
VCC tracks VIN up to about 7.2V. Above VIN = 7.2V, VCC is regulated
regulator. The VCC voltage is regulated
to approximately 5.5 Volts. A 0.1 µF to 1 µF ceramic decoupling
to approximately 5.5V.
capacitor is required. The VCC pin is an output only.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Links: LM20343


Số phần tương tự - LM20343

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20343 TI-LM20343 Datasheet
1Mb / 29P
[Old version datasheet]   LM20343 36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20343MH NSC-LM20343MH Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20343MH/NOPB TI-LM20343MH/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM20343 36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20343MHE NSC-LM20343MHE Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
More results

Mô tả tương tự - LM20343

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20343 TI-LM20343_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20343 36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM20143 TI1-LM20143_14 Datasheet
1Mb / 30P
[Old version datasheet]   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20242 NSC-LM20242_08 Datasheet
466Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20242 TI1-LM20242_14 Datasheet
1Mb / 28P
[Old version datasheet]   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20242 NSC-LM20242 Datasheet
465Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20333 TI-LM20333_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
National Semiconductor ...
LM20333 NSC-LM20333 Datasheet
520Kb / 20P
   36V, 3A PowerWise짰 Synchronous Buck Regulator with Frequency Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com