công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2757 bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM2757
Giải thích chi tiết về linh kiện  Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2757 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LM2757 Datasheet HTML 2Page - Texas Instruments LM2757 Datasheet HTML 3Page - Texas Instruments LM2757 Datasheet HTML 4Page - Texas Instruments LM2757 Datasheet HTML 5Page - Texas Instruments LM2757 Datasheet HTML 6Page - Texas Instruments LM2757 Datasheet HTML 7Page - Texas Instruments LM2757 Datasheet HTML 8Page - Texas Instruments LM2757 Datasheet HTML 9Page - Texas Instruments LM2757 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LM2757
SNVS536D – OCTOBER 2007 – REVISED AUGUST 2009
www.ti.com
Typical Performance Characteristics
Unless otherwise specified: VIN = 3.6V, V(M0) = 0V, V(M1) = VIN, C1 = C2 = 0.47µF, CIN = COUT = 1.0µF, TA = 25ºC.
Capacitors are low-ESR multi-layer ceramic capacitors (MLCC's).
Efficiency
Efficiency
vs.
vs.
Input Voltage, 5V Mode
Input Voltage, 4.5V Mode
Efficiency
Output Voltage
vs.
vs.
Input Voltage, 4.1V Mode
Output Current, 5V Mode
Output Voltage
Output Voltage
vs.
vs.
Output Current, 4.5V Mode
Output Current, 4.1V Mode
6
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Links: LM2757


Số phần tương tự - LM2757

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2757 NSC-LM2757 Datasheet
721Kb / 14P
   Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
logo
Texas Instruments
LM2757 TI1-LM2757 Datasheet
1Mb / 27P
[Old version datasheet]   LM2757 Switched-Capacitor Boost Regulator With High Impedance Output in Shutdown
logo
National Semiconductor ...
LM2757TM NSC-LM2757TM Datasheet
721Kb / 14P
   Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
logo
Texas Instruments
LM2757TM/NOPB TI1-LM2757TM/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LM2757 Switched-Capacitor Boost Regulator With High Impedance Output in Shutdown
logo
National Semiconductor ...
LM2757TMX NSC-LM2757TMX Datasheet
721Kb / 14P
   Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
More results

Mô tả tương tự - LM2757

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2757 NSC-LM2757 Datasheet
721Kb / 14P
   Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
logo
Texas Instruments
LM2757 TI1-LM2757 Datasheet
1Mb / 27P
[Old version datasheet]   LM2757 Switched-Capacitor Boost Regulator With High Impedance Output in Shutdown
LM2757 TI-LM2757_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2757 Switched-Capacitor Boost Regulator With High Impedance Output in Shutdown
logo
Analog Devices
ADM8829 AD-ADM8829_15 Datasheet
76Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Global Mixed-mode Techn...
G5930 GMT-G5930_15 Datasheet
65Kb / 1P
   Switched Capacitor Voltage Inverter with Shutdown
logo
Micro Linear Corporatio...
ML4872 MICRO-LINEAR-ML4872 Datasheet
249Kb / 9P
   High Current Boost Regulator with Shutdown
logo
Analog Devices
ADM8828ART-REEL AD-ADM8828ART-REEL Datasheet
69Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8828ARTZ AD-ADM8828ARTZ Datasheet
69Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Texas Instruments
LM2750SDX TI-LM2750SDX Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
National Semiconductor ...
LM2750SD-5.0 NSC-LM2750SD-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com