công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ13608 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LMZ13608
Giải thích chi tiết về linh kiện  8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ13608 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LMZ13608_14 Datasheet HTML 1Page - Texas Instruments LMZ13608_14 Datasheet HTML 2Page - Texas Instruments LMZ13608_14 Datasheet HTML 3Page - Texas Instruments LMZ13608_14 Datasheet HTML 4Page - Texas Instruments LMZ13608_14 Datasheet HTML 5Page - Texas Instruments LMZ13608_14 Datasheet HTML 6Page - Texas Instruments LMZ13608_14 Datasheet HTML 7Page - Texas Instruments LMZ13608_14 Datasheet HTML 8Page - Texas Instruments LMZ13608_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LMZ13608
www.ti.com
SNVS710D – MARCH 2011 – REVISED SEPTEMBER 2011
LMZ13608 8A SIMPLE SWITCHER® Power Module with 36V Maximum Input Voltage
Check for Samples: LMZ13608
1
FEATURES
ELECTRICAL SPECIFICATIONS
23
Integrated Shielded Inductor
40W Maximum Total Output Power
Simple PCB Layout
Up to 8A Output Current
Fixed Switching Frequency (350 kHz)
Input Voltage Range 6V to 36V
Flexible Startup Sequencing Using External
Output Voltage Range 0.8V to 6V
Soft-start, Tracking and Precision Enable
Efficiency up to 92%
Protection Against Inrush Currents and Faults
Such as Input UVLO and Output Short Circuit
DESCRIPTION
The LMZ13608 SIMPLE SWITCHER power module
– 40°C to 125°C Junction Temperature Range
is an easy-to-use step-down DC-DC solution capable
Single Exposed Pad and Standard Pinout for
of driving up to 8A load. The LMZ13608 is available
Easy Mounting and Manufacturing
in an innovative package that enhances thermal
Fully Enabled for WEBENCH® Power Designer
performance
and
allows
for
hand
or
machine
soldering.
Pin Compatible with LMZ22010/08,
LMZ12010/08, LMZ23610/08/06H, and
The LMZ13608 can accept an input voltage rail
LMZ13610/06H
between 6V and 36V and deliver an adjustable and
highly accurate output voltage as low as 0.8V. The
APPLICATIONS
LMZ13608 only requires two external resistors and
three external capacitors to complete the power
Point of Load Conversions from 12V and 24V
solution. The LMZ13608 is a reliable and robust
Input Rail
design with the following protection features: thermal
Time Critical Projects
shutdown, input under-voltage lockout, output over-
voltage protection, short-circuit protection, output
Space Constrained / High Thermal
current limit, and allows startup into a pre-biased
Requirement Applications
output.
Negative Output Voltage Applications (See AN-
2027, literature number SNVA425)
PERFORMANCE BENEFITS
High Efficiency Reduces System Heat
Generation
Low Radiated Emissions (EMI) Complies with
EN55022 Class B Standard
EN 55022:2006, +A1:2007, FCC Part 15
Subpart B, Tested on Evaluation Board with
EMI Configuration
15 x 17.79 x 5.9 mm (0.59 x 0.7 x 0.232 in)
Only 7 External Components
θJA = 9.9ºC/W, θJC = 1.0ºC/W
θJA measured on a 75mm x 90mm four
Low Output Voltage Ripple
layer PCB.
No External Heat Sink Required
Figure 1. Easy to use 11 pin package
PFM 11 Pin Package
RoHS Compliant
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER, WEBENCH are registered trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LMZ13608_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
[Old version datasheet]   8-A SIMPLE SWITCHER Power Module
More results

Mô tả tương tự - LMZ13608_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ13608 TI1-LMZ13608 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ13610 TI1-LMZ13610 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ23608 TI1-LMZ23608_14 Datasheet
1Mb / 29P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ23608 TI1-LMZ23608 Datasheet
1Mb / 26P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ23605 TI1-LMZ23605_14 Datasheet
1Mb / 25P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ13610 TI1-LMZ13610_14 Datasheet
1Mb / 27P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ22008 TI1-LMZ22008_14 Datasheet
1Mb / 27P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ23605 TI-LMZ23605 Datasheet
6Mb / 28P
[Old version datasheet]   LMZ23605 5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ23610 TI1-LMZ23610_14 Datasheet
1Mb / 32P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ22008 TI1-LMZ22008 Datasheet
1Mb / 26P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage and Current Sharing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com