công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM25069 bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện LM25069
Giải thích chi tiết về linh kiện  Positive Low Voltage Power Limiting Hot Swap Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25069 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM25069_14 Datasheet HTML 1Page - Texas Instruments LM25069_14 Datasheet HTML 2Page - Texas Instruments LM25069_14 Datasheet HTML 3Page - Texas Instruments LM25069_14 Datasheet HTML 4Page - Texas Instruments LM25069_14 Datasheet HTML 5Page - Texas Instruments LM25069_14 Datasheet HTML 6Page - Texas Instruments LM25069_14 Datasheet HTML 7Page - Texas Instruments LM25069_14 Datasheet HTML 8Page - Texas Instruments LM25069_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LM25069
www.ti.com
SNVS607D – FEBRUARY 2009 – REVISED DECEMBER 2010
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +85°C. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical values
represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise
stated the following conditions apply: VIN = 12V.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VTMRL
Lower threshold
Restart cycles (LM25069-2)
0.9
1.0
1.1
V
End of 8th cycle (LM25069-2)
0.3
V
Re-enable Threshold (LM25069-1)
0.3
V
ITIMER
Insertion time current
-7.5
-5.5
-3.5
µA
Sink current, end of insertion time
TIMER pin = 2V
1.5
2
2.5
mA
Fault detection current
-110
-80
-50
µA
Fault sink current
1.6
2.5
3.4
µA
DCFAULT
Fault Restart Duty Cycle
LM25069-2 only
0.67
%
tFAULT
Fault to GATE low delay
TIMER pin reaches the upper threshold
20
µs
Power Good (PGD pin)
PGDTH
Threshold measured at SENSE-OUT
Decreasing
1.3
1.9
V
Threshold Hysteresis
0.6
PGDVOL
Output low voltage
ISINK = 2 mA
15
30
mV
PGDIOH
Off leakage current
VPGD = 17V
1
µA
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM25069


Số phần tương tự - LM25069_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM25069PMM-1 NSC-LM25069PMM-1 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25069PMM-1/NOPB TI1-LM25069PMM-1/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
logo
National Semiconductor ...
LM25069PMM-2 NSC-LM25069PMM-2 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25069PMM-2/NOPB TI1-LM25069PMM-2/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
logo
National Semiconductor ...
LM25069PMME-1 NSC-LM25069PMME-1 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
More results

Mô tả tương tự - LM25069_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM25069 NSC-LM25069 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
LM25061 NSC-LM25061 Datasheet
602Kb / 22P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25061 TI1-LM25061 Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
LM25069 TI1-LM25069 Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
logo
National Semiconductor ...
LM5069 NSC-LM5069 Datasheet
1Mb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
LM5069 NSC-LM5069_08 Datasheet
1,006Kb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
logo
Texas Instruments
LM5069 TI-LM5069 Datasheet
1Mb / 28P
[Old version datasheet]   LM5069 Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
logo
Linear Technology
LT1641 LINER-LT1641 Datasheet
187Kb / 12P
   Positive High Voltage Hot Swap Controller
LT1641 LINER-LT1641_15 Datasheet
198Kb / 12P
   Positive High Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com