công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM25069 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LM25069
Giải thích chi tiết về linh kiện  Positive Low Voltage Power Limiting Hot Swap Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25069 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM25069_14 Datasheet HTML 1Page - Texas Instruments LM25069_14 Datasheet HTML 2Page - Texas Instruments LM25069_14 Datasheet HTML 3Page - Texas Instruments LM25069_14 Datasheet HTML 4Page - Texas Instruments LM25069_14 Datasheet HTML 5Page - Texas Instruments LM25069_14 Datasheet HTML 6Page - Texas Instruments LM25069_14 Datasheet HTML 7Page - Texas Instruments LM25069_14 Datasheet HTML 8Page - Texas Instruments LM25069_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LM25069
SNVS607D – FEBRUARY 2009 – REVISED DECEMBER 2010
www.ti.com
Electrical Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +85°C. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical values
represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise
stated the following conditions apply: VIN = 12V.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Input (VIN pin)
IIN-EN
Input Current, enabled
UVLO = 2V and OVLO = 0.7V, VIN = 14V
1.6
2.4
mA
IIN-DIS
Input Current, disabled
UVLO = 0.7V or OVLO = 2V
1.0
1.6
mA
POR
Power On Reset threshold at VIN
VIN Increasing
2.6
2.8
V
PORHYS
POR hysteresis
VIN decreasing
150
mV
OUT pin
IOUT-EN
OUT bias current, enabled
OUT = VIN, Normal operation
0.30
µA
IOUT-DIS
OUT bias current, disabled (1)
Disabled, OUT = 0V, SENSE = VIN
-12
UVLO, OVLO pins
UVLOTH
UVLO threshold
1.154
1.17
1.183
V
UVLOHYS
UVLO hysteresis current
UVLO = 1V
15
20
26
µA
UVLODEL
UVLO delay
Delay to GATE high
15
µs
Delay to GATE low
8.3
UVLOBIAS
UVLO bias current
UVLO = 3V
1
µA
OVLOTH
OVLO threshold
1.142
1.16
1.185
V
OVLOHYS
OVLO hysteresis current
OVLO = 2V
-26
-20
-15
µA
OVLODEL
OVLO delay
Delay to GATE high
16
µs
Delay to GATE low
8.2
OVLOBIAS
OVLO bias current
OVLO = 1V
1
µA
Power Limit (PWR pin)
PWRLIM-1
Power limit sense voltage (VIN-SENSE)
SENSE-OUT = 12V, RPWR = 69.8 kΩ
19
25
31
mV
PWRLIM-2
SENSE-OUT = 6V, RPWR = 34.8 kΩ
19
25
31
mV
IPWR
PWR pin current
VPWR = 2.5V
-15
µA
RSAT(PWR)
PWR pin impedance when disabled
UVLO = 0.7V
140
Gate Control (GATE pin)
IGATE
Source current
Normal Operation
-27
-20
-13
µA
Sink current
UVLO = 1V
1.5
2
2.7
mA
VIN - SENSE = 150 mV or VIN < POR,
160
260
375
mA
VGATE = 5V
VGATE
Gate output voltage in normal operation
GATE voltage with respect to ground
18
19.5
21
V
Current Limit
VCL
Threshold voltage
VIN-SENSE voltage
45
50
55
mV
tCL
Response time
VIN-SENSE stepped from 0 mV to 80 mV
15
µs
ISENSE
SENSE input current
Enabled, SENSE = OUT
23
µA
Disabled, OUT = 0V
12
Enabled, OUT = 0V
62
Circuit Breaker
VCB
Threshold voltage
VIN - SENSE
75
95
110
mV
tCB
Response time
VIN - SENSE stepped from 0 mV to 150
0.19
0.36
µs
mV, time to GATE low, no load
Timer (TIMER pin)
VTMRH
Upper threshold
1.6
1.72
1.85
V
(1)
OUT bias current (disabled) due to leakage current through an internal 1.0 M
Ω resistance from SENSE to VOUT.
4
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Links: LM25069


Số phần tương tự - LM25069_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM25069PMM-1 NSC-LM25069PMM-1 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25069PMM-1/NOPB TI1-LM25069PMM-1/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
logo
National Semiconductor ...
LM25069PMM-2 NSC-LM25069PMM-2 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25069PMM-2/NOPB TI1-LM25069PMM-2/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
logo
National Semiconductor ...
LM25069PMME-1 NSC-LM25069PMME-1 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
More results

Mô tả tương tự - LM25069_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM25069 NSC-LM25069 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
LM25061 NSC-LM25061 Datasheet
602Kb / 22P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25061 TI1-LM25061 Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
LM25069 TI1-LM25069 Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
logo
National Semiconductor ...
LM5069 NSC-LM5069 Datasheet
1Mb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
LM5069 NSC-LM5069_08 Datasheet
1,006Kb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
logo
Texas Instruments
LM5069 TI-LM5069 Datasheet
1Mb / 28P
[Old version datasheet]   LM5069 Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
logo
Linear Technology
LT1641 LINER-LT1641 Datasheet
187Kb / 12P
   Positive High Voltage Hot Swap Controller
LT1641 LINER-LT1641_15 Datasheet
198Kb / 12P
   Positive High Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com