công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2651 bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM2651
Giải thích chi tiết về linh kiện  1.5A High Efficiency Synchronous Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2651 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM2651 Datasheet HTML 1Page - Texas Instruments LM2651 Datasheet HTML 2Page - Texas Instruments LM2651 Datasheet HTML 3Page - Texas Instruments LM2651 Datasheet HTML 4Page - Texas Instruments LM2651 Datasheet HTML 5Page - Texas Instruments LM2651 Datasheet HTML 6Page - Texas Instruments LM2651 Datasheet HTML 7Page - Texas Instruments LM2651 Datasheet HTML 8Page - Texas Instruments LM2651 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LM2651
www.ti.com
SNVS032C – MAY 2004 – REVISED APRIL 2005
Absolute Maximum Ratings
(1)
Input Voltage
15V
Feedback Pin Voltage
−0.4V ≤ VFB ≤ 5V
Power Dissipation (TA =25°C),
(2)
893 mW
Junction Temperature Range
−40°C ≤ TJ ≤ +125°C
Storage Temperature Range
−65°C to +150°C
ESD Susceptibility
Human Body Model (3)
1kV
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for which
the device is intended to be functional, but device parameter specifications may not be guaranteed under these conditions. For
guaranteed specifications and test conditions, see the Electrical Characteristics.
(2)
The maximum allowable power dissipation is calculated by using PDmax = (TJmax − TA)/θJA , where TJmax is the maximum junction
temperature, TA is the ambient temperature, and θJA is the junction-to-ambient thermal resistance of the specified package. The 893
mW rating results from using 150°C, 25°C, and 140°C/W for TJmax, TA, and θJA respectively. A θJA of 140°C/W represents the worst-
case condition of no heat sinking of the 16-pin TSSOP package. Heat sinking allows the safe dissipation of more power. The Absolute
Maximum power dissipation must be derated by 7.14mW per °C above 25°C ambient. The LM2651 actively limits its junction
temperature to about 165°C.
(3)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Operating Ratings
(1)
Supply Voltage
4V
≤ VIN ≤ 14V
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for which
the device is intended to be functional, but device parameter specifications may not be guaranteed under these conditions. For
guaranteed specifications and test conditions, see the Electrical Characteristics.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2651


Số phần tương tự - LM2651

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651MTC-1.8 NSC-LM2651MTC-1.8 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651MTC-1.8 NSC-LM2651MTC-1.8 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651MTC-2.5 NSC-LM2651MTC-2.5 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
More results

Mô tả tương tự - LM2651

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2653MTCX-ADJ TI1-LM2653MTCX-ADJ Datasheet
1Mb / 20P
[Old version datasheet]   LM2653 1.5A High Efficiency Synchronous Switching Regulator
LM2651 TI-LM2651_15 Datasheet
946Kb / 19P
[Old version datasheet]   LM2651 1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
[Old version datasheet]   2.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com