công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ23610 bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZ23610
Giải thích chi tiết về linh kiện  10A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ23610 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LMZ23610 Datasheet HTML 1Page - Texas Instruments LMZ23610 Datasheet HTML 2Page - Texas Instruments LMZ23610 Datasheet HTML 3Page - Texas Instruments LMZ23610 Datasheet HTML 4Page - Texas Instruments LMZ23610 Datasheet HTML 5Page - Texas Instruments LMZ23610 Datasheet HTML 6Page - Texas Instruments LMZ23610 Datasheet HTML 7Page - Texas Instruments LMZ23610 Datasheet HTML 8Page - Texas Instruments LMZ23610 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
PGND/EP
Connect to AGND
5
AGND
6
AGND
3
SYNC
1
VIN
2
VIN
4
EN
7
FB
SS
9
SH
10
VOUT
11
VOUT
8
LMZ23610
www.ti.com
SNVS707C – MARCH 2011 – REVISED MAY 2011
Connection Diagram
Figure 4. Top View
11-Lead PFM
PIN DESCRIPTIONS
Pin
Name
Description
1, 2
VIN
Supply input — Nominal operating range is 6V to 36V . A small amount of internal capacitance is contained within the
package assembly. Additional external input capacitance is required between this pin and PGND.
3
SYNC
Sync Input — Apply a CMOS logic level square wave whose frequency is between 350 kHz and 600 kHz to synchronize
the PWM operating frequency to an external frequency source. When not using synchronization this pin must be tied to
ground. The module free running PWM frequency is 350 kHz.
4
EN
Enable — Input to the precision enable comparator. Rising threshold is 1.274V typical. Once the module is enabled, a 20
uA source current is internally activated to accommodate programmable hysteresis.
5, 6
AGND
Analog Ground — Reference point for all stated voltages. Must be externally connected to EP/PGND.
7
FB
Feedback — Internally connected to the regulation, over-voltage, and short-circuit comparators. The regulation reference
point is 0.8V at this input pin. Connect the feedback resistor divider between the output and AGND to set the output
voltage.
8
SS
Soft-Start/Track input — To extend the 1.6 mSec internal soft-start connect an external soft start capacitor. For tracking
connect to an external resistive divider connected to a higher priority supply rail. See Design Steps for the LMZ23610
Application section.
9
SH
Share pin. Connect this to the share pin of other LMZ23610 modules to share the load between the devices. One device
should be configured as the master by connecting the FB normally. All other devices should be configured as slaves by
leaving their respective FB pins floating. Leave this pin floating if not used, do not ground. See Design Steps for the
LMZ23610 Application section.
10,
VOUT
Output Voltage — Output from the internal inductor. Connect the output capacitor between this pin and PGND.
11
EP
PGND
Exposed Pad / Power Ground Electrical path for the power circuits within the module. — NOT Internally connected to
AGND / pin 5. Used to dissipate heat from the package during operation. Must be electrically connected to pin 5 external
to the package.
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMZ23610


Số phần tương tự - LMZ23610

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMZ23610 NSC-LMZ23610 Datasheet
2Mb / 16P
   Sharing Evaluation Board power modules are easy-to-use DC-DC
logo
Texas Instruments
LMZ23610 TI-LMZ23610 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ23610 10A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage and
LMZ23610 TI-LMZ23610 Datasheet
1Mb / 37P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module With 36-V Maximum Input Voltage and Current Sharing
LMZ23610TZ TI-LMZ23610TZ Datasheet
1Mb / 31P
[Old version datasheet]   LMZ23610 10A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage and
LMZ23610TZ/NOPB TI-LMZ23610TZ/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module With 36-V Maximum Input Voltage and Current Sharing
More results

Mô tả tương tự - LMZ23610

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ23608 TI1-LMZ23608 Datasheet
1Mb / 26P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ23608 TI1-LMZ23608_14 Datasheet
1Mb / 29P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ13610 TI1-LMZ13610_14 Datasheet
1Mb / 27P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ22008 TI1-LMZ22008 Datasheet
1Mb / 26P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage and Current Sharing
LMZ13608 TI1-LMZ13608 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ13610 TI1-LMZ13610 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ13608 TI1-LMZ13608_14 Datasheet
1Mb / 30P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ23605 TI1-LMZ23605_14 Datasheet
1Mb / 25P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ23610 TI-LMZ23610_15 Datasheet
1Mb / 37P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module With 36-V Maximum Input Voltage and Current Sharing
LMZ23605 TI-LMZ23605 Datasheet
6Mb / 28P
[Old version datasheet]   LMZ23605 5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com