công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6321 bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMH6321
Giải thích chi tiết về linh kiện  300 mA High Speed Buffer with Adjustable Current Limit
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6321 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  LMH6321 Datasheet HTML 1Page - Texas Instruments LMH6321 Datasheet HTML 2Page - Texas Instruments LMH6321 Datasheet HTML 3Page - Texas Instruments LMH6321 Datasheet HTML 4Page - Texas Instruments LMH6321 Datasheet HTML 5Page - Texas Instruments LMH6321 Datasheet HTML 6Page - Texas Instruments LMH6321 Datasheet HTML 7Page - Texas Instruments LMH6321 Datasheet HTML 8Page - Texas Instruments LMH6321 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
LMH6321
SNOSAL8B – APRIL 2006 – REVISED APRIL 2007
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
ESD Tolerance (3)
Human Body Model
2.5 kV
Machine Model
250V
Supply Voltage
36V (±18V)
Input to Output Voltage (4)
±5V
Input Voltage
±VSUPPLY
Output Short-Circuit to GND (5)
Continuous
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJMAX)
+150°C
Lead Temperature
(Soldering, 10 seconds)
260°C
Power Dissipation
(6)
CL Pin to GND Voltage
±1.2V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For specifications and the test conditions, see the
Electrical Characteristics Table.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Human Body Model is 1.5 k
Ω in series with 100 pF. Machine Model is 0Ω in series with 200 pF.
(4)
If the input-output voltage differential exceeds ±5V, internal clamping diodes will turn on. The current through these diodes should be
limited to 5 mA max. Thus for an input voltage of ±15V and the output shorted to ground, a minimum of 2 k
Ω should be placed in series
with the input.
(5)
The maximum continuous current must be limited to 300mA. See APPLICATION HINTS for more details.
(6)
The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = TJ(MAX)–TA)/θJA. See THERMAL MANAGEMENT of APPLICATION HINTS.
OPERATING RATINGS
Operating Temperature Range
−40°C to +125°C
Operating Supply Range
5V to ±16V
Thermal Resistance (
θJA),
SO PowerPAD Package (1)
180°C/W
Thermal Resistance (
θJC)
DDPAK Package
4°C/W
Thermal Resistance (
θJA)
DDPAK Package
80°C/W
(1)
Soldered to PC board with copper foot print equal to DAP size. Natural convection (no air flow). Board material is FR-4.
2
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Links: LMH6321


Số phần tương tự - LMH6321

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6321 NSC-LMH6321 Datasheet
1Mb / 21P
   300 mA High Speed Buffer with Adjustable Current Limit
LMH6321 NSC-LMH6321 Datasheet
587Kb / 22P
   300mA High Speed Buffer with Adjustable Current Limit
logo
Texas Instruments
LMH6321 TI1-LMH6321 Datasheet
1Mb / 31P
[Old version datasheet]   300 mA High Speed Buffer with Adjustable Current Limit
LMH6321 TI-LMH6321 Datasheet
3Mb / 41P
[Old version datasheet]   BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
logo
National Semiconductor ...
LMH6321MR NSC-LMH6321MR Datasheet
1Mb / 21P
   300 mA High Speed Buffer with Adjustable Current Limit
More results

Mô tả tương tự - LMH6321

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6321 TI1-LMH6321_18 Datasheet
1Mb / 31P
[Old version datasheet]   300 mA High Speed Buffer with Adjustable Current Limit
logo
National Semiconductor ...
LMH6321 NSC-LMH6321 Datasheet
1Mb / 21P
   300 mA High Speed Buffer with Adjustable Current Limit
LMH6321 NSC-LMH6321_07 Datasheet
587Kb / 22P
   300mA High Speed Buffer with Adjustable Current Limit
logo
ON Semiconductor
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
logo
Texas Instruments
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
logo
ON Semiconductor
NCV47722. ONSEMI-NCV47722. Datasheet
163Kb / 14P
   High Side Switch with Adjustable Current Limit
April, 2017 ??Rev. 0
NCV47710 ONSEMI-NCV47710_17 Datasheet
129Kb / 12P
   Adjustable LDO Adjustable Current Limit
July, 2017 ??Rev. 2
logo
Torex Semiconductor
XC6604 TOREX-XC6604 Datasheet
899Kb / 30P
   0.5V Low Input, 1A High Speed LDO Regulator with Adjustable Current Limit
logo
Linear Technology
RH1185AMK LINER-RH1185AMK Datasheet
554Kb / 6P
   Negative Regulator with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com