công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6321 bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện LMH6321
Giải thích chi tiết về linh kiện  300 mA High Speed Buffer with Adjustable Current Limit
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6321 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LMH6321_14 Datasheet HTML 1Page - Texas Instruments LMH6321_14 Datasheet HTML 2Page - Texas Instruments LMH6321_14 Datasheet HTML 3Page - Texas Instruments LMH6321_14 Datasheet HTML 4Page - Texas Instruments LMH6321_14 Datasheet HTML 5Page - Texas Instruments LMH6321_14 Datasheet HTML 6Page - Texas Instruments LMH6321_14 Datasheet HTML 7Page - Texas Instruments LMH6321_14 Datasheet HTML 8Page - Texas Instruments LMH6321_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
LMH6321
www.ti.com
SNOSAL8B – APRIL 2006 – REVISED APRIL 2007
±5V ELECTRICAL CHARACTERISTICS
The following specifications apply for Supply Voltage = ±5V, VCM = 0, RL ≥ 100 kΩ and RS = 50Ω, CL Open, unless otherwise
noted. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
AV
Voltage Gain
RL = 1 kΩ, VIN = ±3V
0.99
0.994
0.98
V/V
RL = 50Ω, VIN = ±3V
0.86
0.92
0.84
VOS
Offset Voltage
RL = 1 kΩ, RS = 0V
±2.5
±35
mV
±50
IB
Input Bias Current
VIN = 0V, RL = 1 kΩ, RS = 0V
±2
±15
μA
±17
RIN
Input Resistance
RL = 50Ω
250
k
Ω
CIN
Input Capacitance
3.5
pF
RO
Output Resistance
IOUT = ±10 mA
5
Ω
IS
Power Supply Current
RL = ∞, VIN = 0V
10
13.5
mA
14.7
750
μA into CL Pin
14
17.5
19.5
VO1
Positive Output Swing
IO = 300 mA, RS = 0V, VIN = ±VS
1.3
1.9
0.9
V
Negative Output Swing
IO = 300 mA, RS = 0V, VIN = ±VS
−1.3
−0.5
−0.1
VO2
Positive Output Swing
RL = 1 kΩ, RS = 0V, VIN = ±VS
3.2
3.5
V
2.9
Negative Output Swing
RL = 1 kΩ, RS = 0V, VIN = ±VS
−3.5
−3.1
V
−2.9
VO3
Positive Output Swing
RL = 50Ω, RS = 0V, VIN = ±VS
2.8
3.1
V
2.5
Negative Output Swing
RL = 50Ω, RS = 0V, VIN = ±VS
−3.0
−2.6
V
−2.4
PSSR
Power Supply Rejection Ratio
RL = 1 kΩ, VIN = 0,
Positive
58
66
VS = ±5V to ±15V
54
dB
Negative
58
64
54
ISC1
Output Short Circuit Current
VO = 0V, Program Current Sourcing
4.5
9
14.0
into CL = 25 μA
VIN = +3V
4.5
15.5
Sinking
4.5
9
14.0
VIN = −3V
4.5
15.5
mA
VO = 0V, Program Current Sourcing
275
290
305
into CL = 750 μA
VIN = +3V
270
320
Sinking
275
290
310
VIN = −3V
270
320
ISC2
Output Short Circuit Current
RS = 0V, VIN = +3V
(1) (2)
300
470
Source
mA
Output Short Circuit Current Sink RS = 0V, VIN = −3V
(1) (2)
300
400
SR
Slew Rate
VIN = ±2 VPP, RL = 1 kΩ
450
V/
μs
VIN = ±2 VPP, RL = 50Ω
210
BW
−3 dB Bandwidth
VIN = ±20 mVPP, RL = 50Ω
90
MHz
LSBW
Large Signal Bandwidth
VIN = 2 VPP, RL = 50Ω
39
MHz
TSD
Thermal Shutdown
Temperature
170
°C
Hysteresis
10
V/I Section
(1)
For the condition where the CL pin is left open the output current should not be continuous, but instead, should be limited to low duty
cycle pulse mode such that the RMS output current is less than or equal to 300 mA.
(2)
VIN = + or −4V at TJ = −40°C.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6321


Số phần tương tự - LMH6321_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6321 TI1-LMH6321_18 Datasheet
1Mb / 31P
[Old version datasheet]   300 mA High Speed Buffer with Adjustable Current Limit
More results

Mô tả tương tự - LMH6321_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6321 TI1-LMH6321_18 Datasheet
1Mb / 31P
[Old version datasheet]   300 mA High Speed Buffer with Adjustable Current Limit
logo
National Semiconductor ...
LMH6321 NSC-LMH6321 Datasheet
1Mb / 21P
   300 mA High Speed Buffer with Adjustable Current Limit
LMH6321 NSC-LMH6321_07 Datasheet
587Kb / 22P
   300mA High Speed Buffer with Adjustable Current Limit
logo
ON Semiconductor
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
logo
Texas Instruments
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
logo
ON Semiconductor
NCV47722. ONSEMI-NCV47722. Datasheet
163Kb / 14P
   High Side Switch with Adjustable Current Limit
April, 2017 ??Rev. 0
NCV47710 ONSEMI-NCV47710_17 Datasheet
129Kb / 12P
   Adjustable LDO Adjustable Current Limit
July, 2017 ??Rev. 2
logo
Torex Semiconductor
XC6604 TOREX-XC6604 Datasheet
899Kb / 30P
   0.5V Low Input, 1A High Speed LDO Regulator with Adjustable Current Limit
logo
Linear Technology
RH1185AMK LINER-RH1185AMK Datasheet
554Kb / 6P
   Negative Regulator with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com