công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM25575 bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
LM25575 bảng dữ liệu(HTML) 3 Page - Texas Instruments |
3 / 29 page LM25575, LM25575Q www.ti.com SNVS479F – JANUARY 2007 – REVISED FEBRUARY 2009 PIN DESCRIPTIONS (continued) Pin(s) Name Description Application Information 15 PRE Pre-charge assist for the bootstrap This open drain output can be connected to SW pin to aid capacitor charging the bootstrap capacitor during very light load conditions or in applications where the output may be pre-charged before the LM25575 is enabled. An internal pre-charge MOSFET is turned on for 250ns each cycle just prior to the on-time interval of the buck switch. 16 BST Boost input for bootstrap capacitor An external capacitor is required between the BST and the SW pins. A 0.022µF ceramic capacitor is recommended. The capacitor is charged from Vcc via an internal diode during the off-time of the buck switch. NA EP Exposed Pad Exposed metal pad on the underside of the device. It is recommended to connect this pad to the PWB ground plane, in order to aid in heat dissipation. These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. Absolute Maximum Ratings (1) (2) VIN to GND 45V BST to GND 60V PRE to GND 45V SW to GND (Steady State) -1.5V BST to VCC 45V SD, VCC to GND 14V BST to SW 14V OUT to GND Limited to Vin SYNC, SS, FB, RAMP to GND 7V ESD Rating(3) Human Body Model 2kV Storage Temperature Range -65°C to +150°C (1) Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics. (2) If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and specifications. (3) The human body model is a 100pF capacitor discharged through a 1.5k Ω resistor into each pin. Operating Ratings (1) VIN 6V to 42V Operation Junction Temperature −40°C to + 125°C (1) Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics. Copyright © 2007–2009, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LM25575 LM25575Q |
Số phần tương tự - LM25575_14 |
|
Mô tả tương tự - LM25575_14 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |