công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H-A4A bảng dữ liệu(PDF) 13 Page - List of Unclassifed Manufacturers

tên linh kiện H-A4A
Giải thích chi tiết về linh kiện  CONTACTOR 60 AMP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

H-A4A bảng dữ liệu(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button H-A4A Datasheet HTML 6Page - List of Unclassifed Manufacturers H-A4A Datasheet HTML 7Page - List of Unclassifed Manufacturers H-A4A Datasheet HTML 8Page - List of Unclassifed Manufacturers H-A4A Datasheet HTML 9Page - List of Unclassifed Manufacturers H-A4A Datasheet HTML 10Page - List of Unclassifed Manufacturers H-A4A Datasheet HTML 11Page - List of Unclassifed Manufacturers H-A4A Datasheet HTML 12Page - List of Unclassifed Manufacturers H-A4A Datasheet HTML 13Page - List of Unclassifed Manufacturers H-A4A Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
The bifilar coil
The principle is to wind on the magnetic circuit of the main coil a second coil shorted on itself. By a proper adaptation of the
internal resistance of this second coil it is possible to find an acceptable equilibrium between surge voltage and reduction of
the opening speed. To be efficient at fast voltage changes, the coupling of two coils must be perfect. This implies embedded
windings. The volume occupied by the second coil reduces the efficiency of the main coil and results in higher coil power
consumption. This method cannot be applied efficiently to products not specifically designed for this purpose.
The resistor (parallel with the coil)
For efficient action, the resistor must be of the same order of magnitude as the coil resistance. A resistor 1.5 times the coil
resistance will limit the surge to 1.5 times the supply voltage. Release time and opening speed are moderately affected. The
major problem is the extra power dissipated.
Semi-conductor devices
The diode
It is the most simple method to totally suppress the surge voltage. It has the major disadvantage of the higher reduction of
contact opening speed. This is due to the total recycling, through the diode, of the energy contained in the coil itself. The
following measurement is performed once again on the same relay. Operation times are given by the upper curve:
- time to start the movement 14ms
- transfer time 5ms
These times are multiplied by a coefficient from 4 to 8.
The lower curve shows the coil current. The increase prior to NO contact opening indicates that the contact spring dissipates
its energy. At the opening time the current becomes constant as a result of practically zero opening speed.
Due to this kind of behavior, this type of suppression must be avoided for power relays. For small relays which have to switch
low currents of less than 0.2 A, degradation of life is not that significant and the method may be acceptable.
Date of issue: 6/00
- 10 -
Page 3 of 4


Số phần tương tự - H-A4A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
THOR communications
H-AV-MPEG2 THOR-H-AV-MPEG2 Datasheet
994Kb / 1P
   Our H-AV-MPEG2-D decoder units are designed for professional quality head end decoding.
More results

Mô tả tương tự - H-A4A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Leach International Cor...
H-X0X LEACH-H-X0X Datasheet
802Kb / 5P
   CONTACTOR 60 AMP
L-X0X LEACH-L-X0X Datasheet
558Kb / 6P
   CONTACTOR 90 AMP
9125 LEACH-9125 Datasheet
809Kb / 8P
   CONTACTOR 50 AMP
Z-X0X LEACH-Z-X0X Datasheet
1Mb / 10P
   POWER CONTACTOR 120 AMP
ZG-X0X LEACH-ZG-X0X Datasheet
1,017Kb / 9P
   POWER CONTACTOR 145 AMP
ZJ-X0X LEACH-ZJ-X0X Datasheet
1Mb / 11P
   POWER CONTACTOR 180 AMP
9207 LEACH-9207 Datasheet
821Kb / 8P
   POWER CONTACTOR 100 AMP
9124 LEACH-9124 Datasheet
613Kb / 6P
   CONTACTOR 3 PST, 50 AMP
logo
Picker Components
PC120 PICKER-PC120 Datasheet
693Kb / 3P
   100 Amp D.C. Power Contactor
logo
Sensata Technologies, I...
GV24 SENSATA-GV24 Datasheet
507Kb / 6P
   400 AMP 800 VDC CONTACTOR
28-Apr-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com