công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM25037 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LM25037
Giải thích chi tiết về linh kiện  Dual-Mode PWM Controller With Alternating Outputs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25037 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM25037_14 Datasheet HTML 1Page - Texas Instruments LM25037_14 Datasheet HTML 2Page - Texas Instruments LM25037_14 Datasheet HTML 3Page - Texas Instruments LM25037_14 Datasheet HTML 4Page - Texas Instruments LM25037_14 Datasheet HTML 5Page - Texas Instruments LM25037_14 Datasheet HTML 6Page - Texas Instruments LM25037_14 Datasheet HTML 7Page - Texas Instruments LM25037_14 Datasheet HTML 8Page - Texas Instruments LM25037_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
LM25037, LM25037-Q1
SNVS572C – JULY 2008 – REVISED JANUARY 2010
www.ti.com
Electrical Characteristics (continued)
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full operating junction
temperature range of
−40°C to + 125°C. VVIN = 12V, VVCC = 10V, RRT1 = 30.1 kΩ, RRT2 = 30.1 kΩ, VUVLO = 3V unless
otherwise stated.
(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VREF(UV)
Hysteresis
0.4
V
Under-Voltage Lock Out and Shutdown (UVLO Pin)
VUVLO
Under-voltage threshold
1.20
1.25
1.29
V
5
IUVLO
Hysteresis current
UVLO pin sinking
17
22
26
µA
Under-voltage Shutdown Threshold
UVLO voltage rising
0.35
0.45
0.6
V
Hysteresis
0.1
V
Current Sense Input (CS Pin)
VCS
Current Limit Threshold
0.22
0.255
0.29
V
CS delay to output
CS from zero to 1V. Time for OUTA and
27
ns
OUTB to fall to 90% of VCC. Output load =
0 pF.
Leading edge blanking time at CS
65
ns
CS sink impedance (clocked)
Internal FET sink impedance
21
45
Current Limit Restart (RES Pin)
VRES
RES Threshold
1.9
2
2.2
V
Charge source current
VRES = 1.5V
14
18
21
µA
Discharge sink current
VRES = 1V
5
8
11
µA
Soft-Start (SS Pin)
ISS
Charging current in normal operation VSS = 0
70
100
130
µA
Charging current during a hiccup
VSS = 0
0.6
1
1.4
µA
mode restart
Soft-Stop Current Sink
VSS = 2.0V
70
100
130
µA
Oscillator (RT1 and RT2 Pins)
DT1
Dead-Time 1
RRT2 = 15 kΩ
40
75
105
ns
DT2
Dead-Time 2
RRT2 = 50 kΩ
250
ns
FSW1
Frequency 1 (at OUTA, half
RRT1 = 30.1 kΩ,
178
200
222
kHz
oscillator frequency)
RRT2 = 30.1 kΩ,
FSW2
Frequency 2 (at OUTA, half
RRT1 = 11 kΩ,
448
515
578
kHz
oscillator frequency)
RRT2 = 30.1 kΩ,
DC level
2
V
Input Sync threshold
2.5
3
3.4
V
PWM Controller (Comp Pin)
Delay to output
65
ns
VPWM-OS
SS to RAMP offset
0.7
1
1.2
V
Minimum duty cycle
VSS = 0V
0
%
COMP Open Circuit Voltage
VFB = 0V
4.5
4.75
5.0
V
COMP short circuit current
VFB = 0V, COMP = 0V
0.5
1
1.5
mA
Voltage Feed-Forward (RAMP Pin)
RAMP sink impedance(Clocked)
5
20
Error Amplifier
GBW
Gain Bandwidth
4
MHz
DC Gain
75
dB
Input Voltage
VFB = COMP
1.22
1.245
1.27
V
COMP sink capability
VFB = 1.5V COMP=1V
5
13
mA
FB Bias Current
10
nA
Main Output Drivers (OUTA and OUTB Pins)
4
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Links: LM25037 LM25037-Q1


Số phần tương tự - LM25037_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM25037 TI-LM25037_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI1-LM25037_16 Datasheet
2Mb / 37P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
More results

Mô tả tương tự - LM25037_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM5037 TI1-LM5037_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
logo
National Semiconductor ...
LM25037 NSC-LM25037 Datasheet
497Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
LM5037 NSC-LM5037 Datasheet
479Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
logo
Texas Instruments
LM25037 TI1-LM25037_16 Datasheet
2Mb / 37P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
LM5037 TI-LM5037_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM5037 Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI-LM25037_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI-LM25037 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
logo
Diodes Incorporated
AZ494 DIODES-AZ494 Datasheet
537Kb / 13P
   VOLTAGE MODE DUAL OUTPUT PWM CONTROLLER
logo
Advanced Power Electron...
APU3046 A-POWER-APU3046 Datasheet
230Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH
logo
Richtek Technology Corp...
DS8817A RICHTEK-DS8817A Datasheet
351Kb / 21P
   Dual-Phase PWM Controller with PWM-VID Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com