công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM5642X bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM5642X
Giải thích chi tiết về linh kiện  High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM5642X bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LM5642X Datasheet HTML 6Page - Texas Instruments LM5642X Datasheet HTML 7Page - Texas Instruments LM5642X Datasheet HTML 8Page - Texas Instruments LM5642X Datasheet HTML 9Page - Texas Instruments LM5642X Datasheet HTML 10Page - Texas Instruments LM5642X Datasheet HTML 11Page - Texas Instruments LM5642X Datasheet HTML 12Page - Texas Instruments LM5642X Datasheet HTML 13Page - Texas Instruments LM5642X Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
100Ps/DIV
Io2, 2A/DIV
Vo2, 100mV/DIV
100Ps/DIV
Io1, 2A/DIV
Vo1, 100mV/DIV
20ms/DIV
UV DELAY, 1V/div
Vo1, 1V/div
Vo2, 1V/div
Io1, 5A/div
100ms/DIV
ON/SS1 and 2, 5V/div
Vo1, 1V/div
Vo2, 1V/div
4 ms/DIV
ON/SS1 and 2,
5V/div, VIN = 24V
Vo1, 2V/div
Vo2, 2V/div
Vo1, 2V/div
Vo2, 2V/div
5V/div, VIN = 36V
ON/SS1 and 2,
20ms/DIV
UV DELAY, 2V/div
ON/SS1, 2V/div
Vo1,
1V/div
Io1, 5A/div
LM5642, LM5642X
SNVS219J – MAY 2004 – REVISED MAY 2011
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
Softstart Waveforms (No-Load Both Channels)
UVP Startup Waveform (VIN = 24V)
Figure 6.
Figure 7.
Over-Current and UVP Shutdown (VIN = 24V, Io2 = 0A)
Shutdown Waveforms (VIN = 24V, No-Load)
Figure 8.
Figure 9.
Ch.1 Load Transient Response (VIN = 24V, Vo1 = 1.8V)
Ch.2 Load Transient Response (VIN = 24V, Vo2 = 3.3V)
Figure 10.
Figure 11.
10
Submit Documentation Feedback
Copyright © 2004–2011, Texas Instruments Incorporated
Product Folder Links: LM5642 LM5642X


Số phần tương tự - LM5642X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM5642XMH TI-LM5642XMH Datasheet
1Mb / 40P
[Old version datasheet]   LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
LM5642XMH/NOPB TI-LM5642XMH/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
LM5642XMHX TI-LM5642XMHX Datasheet
1Mb / 40P
[Old version datasheet]   LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
LM5642XMHX/NOPB TI-LM5642XMHX/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
LM5642XMT TI-LM5642XMT Datasheet
1Mb / 40P
[Old version datasheet]   LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
More results

Mô tả tương tự - LM5642X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM5642 NSC-LM5642 Datasheet
667Kb / 24P
   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
LM5642 NSC-LM5642_07 Datasheet
784Kb / 28P
   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
Texas Instruments
LM5642 TI-LM5642 Datasheet
1Mb / 40P
[Old version datasheet]   LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
LM5642 TI-LM5642_15 Datasheet
1Mb / 42P
[Old version datasheet]   LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
ON Semiconductor
NCP4060A ONSEMI-NCP4060A Datasheet
1Mb / 21P
   Buck Converter - High Voltage, Synchronous
August, 2019 ??Rev. 3
NCP4060 ONSEMI-NCP4060 Datasheet
1Mb / 20P
   High Voltage Synchronous Buck Converter
January, 2018 ??Rev. 3
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20333 TI1-LM20333_14 Datasheet
1Mb / 30P
[Old version datasheet]   3A Synchronous Buck Regulator with Frequency Synchronization
logo
Rohm
BD93291EFJ ROHM-BD93291EFJ Datasheet
986Kb / 25P
   Dual Synchronous Buck Converter
logo
Linear Technology
LTC3895EFE LINER-LTC3895EFE Datasheet
605Kb / 10P
   High Input Voltage Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com