công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM25011 bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện LM25011
Giải thích chi tiết về linh kiện  42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25011 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LM25011_14 Datasheet HTML 5Page - Texas Instruments LM25011_14 Datasheet HTML 6Page - Texas Instruments LM25011_14 Datasheet HTML 7Page - Texas Instruments LM25011_14 Datasheet HTML 8Page - Texas Instruments LM25011_14 Datasheet HTML 9Page - Texas Instruments LM25011_14 Datasheet HTML 10Page - Texas Instruments LM25011_14 Datasheet HTML 11Page - Texas Instruments LM25011_14 Datasheet HTML 12Page - Texas Instruments LM25011_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
UVLO
VIN
SW Pin
Inductor
Current
SS Pin
t1
PGD
VOUT
LM25011, LM25011-Q1
www.ti.com
SNVS617F – MAY 2009 – REVISED JANUARY 2011
Figure 3. Startup Sequence
FUNCTIONAL DESCRIPTION
The LM25011 Constant On-time Step-down Switching Regulator features all the functions needed to implement a
low cost, efficient buck bias power converter capable of supplying up to 2.0A to the load. This high voltage
regulator contains an N-Channel buck switch, is easy to implement, and is available in a 10-pin MSOP power
enhanced package. The regulator’s operation is based on a constant on-time control principle with the on-time
inversely proportional to the input voltage. This feature results in the operating frequency remaining relatively
constant with load and input voltage variations. The constant on-time feedback control principle requires no loop
compensation resulting in very fast load transient response. The adjustable valley current limit detection results
in a smooth transition from constant voltage to constant current when current limit is reached. To aid in
controlling excessive switch current due to a possible saturating inductor the on-time is reduced by approximately
40% when current limit is detected. The Power Good output (PGD pin) indicates when the output voltage is
within 5% of the expected regulation voltage.
The LM25011 can be implemented to efficiently step-down higher voltages in non-isolated applications.
Additional features include: Low output ripple, VIN under-voltage lock-out, adjustable soft-start timing, thermal
shutdown, gate drive pre-charge, gate drive under-voltage lock-out, and maximum duty cycle limit.
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM25011 LM25011-Q1


Số phần tương tự - LM25011_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM25011Q1MY TI-LM25011Q1MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011Q1MY TI-LM25011Q1MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011Q1MY/NOPB TI-LM25011Q1MY/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM25011, LM25011-Q1, LM25011A, LM25011A-Q1 42-V 2-A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011Q1MYX TI-LM25011Q1MYX Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011Q1MYX TI-LM25011Q1MYX Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
More results

Mô tả tương tự - LM25011_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
   42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
Texas Instruments
LM25011MY TI-LM25011MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011AQ1MY TI-LM25011AQ1MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM34922 TI-LM34922_15 Datasheet
1Mb / 19P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM34922 TI1-LM34922 Datasheet
346Kb / 17P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
National Semiconductor ...
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
   Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI1-LM34917A_14 Datasheet
919Kb / 21P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
National Semiconductor ...
LM34917A NSC-LM34917A Datasheet
554Kb / 16P
   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI-LM34917A_15 Datasheet
967Kb / 22P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
LM25085A TI1-LM25085A_15 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com