công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM5642 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM5642
Giải thích chi tiết về linh kiện  High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM5642 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM5642 Datasheet HTML 1Page - Texas Instruments LM5642 Datasheet HTML 2Page - Texas Instruments LM5642 Datasheet HTML 3Page - Texas Instruments LM5642 Datasheet HTML 4Page - Texas Instruments LM5642 Datasheet HTML 5Page - Texas Instruments LM5642 Datasheet HTML 6Page - Texas Instruments LM5642 Datasheet HTML 7Page - Texas Instruments LM5642 Datasheet HTML 8Page - Texas Instruments LM5642 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
LM5642, LM5642X
www.ti.com
SNVS219J – MAY 2004 – REVISED MAY 2011
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VIN = 28V, GND = PGND = 0V, VLIN5 = VDD1 = VDD2. Limits appearing in boldface type apply
over the specified operating junction temperature range, (-40°C to +125°C, if not otherwise specified). Specifications
appearing in plain type are measured using low duty cycle pulse testing with TA = 25°C
(1), (2). Min/Max limits are specified by
design, test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
System
ΔVOUT/VOUT
Load Regulation
VIN = 28V, Vcompx = 0.5V to 1.5V
0.04
%
Line Regulation
5.5V
≤ VIN ≤ 36V, Vcompx =1.25V
0.04
%
VFB1_FB2
Feedback Voltage
5.5V
≤ VIN ≤ 36V
1.2154
1.2364
1.2574
V
-20°C to 85°C
1.2179
1.2364
1.2549
IVIN
Input Supply Current
VON_SSx > 2V
1.1
2.0
mA
5.5V
≤ VIN ≤ 36V
Shutdown (3)
50
110
µA
VON_SS1 = VON_SS2= 0V
VLIN5
VLIN5 Output Voltage
IVLIN5 = 0 to 25mA,
4.70
5
5.30
V
5.5V
≤ VIN ≤ 36V
VCLos
Current Limit Comparator
VIN = 6V
±2
±7.0
mV
Offset (VILIMX
−VRSNSX)
ICL
Current Limit Sink Current
8.4
9.9
11.4
µA
Iss_SC1,
Soft-Start Source Current
VON_ss1 = VON_ss2 = 1.5V (on)
0.5
2.4
5.0
µA
Iss_SC2
Iss_SK1,
Soft-Start Sink Current
VON_ss1 = VON_ss2 = 1.5V
2
5.5
10
µA
Iss_SK2
VON_SS1,
Soft-Start On Threshold
0.7
1.12
1.4
V
VON_SS2
VSSTO
Soft-Start Timeout
(4)
3.4
V
Threshold
Isc_uvdelay
UV_DELAY Source Current
UV-DELAY = 2V
2
5
9
µA
Isk_uvdelay
UV_DELAY Sink Current
UV-DELAY = 0.4V
0.2
0.48
1.2
mA
VUVDelay
UV_DELAY Threshold
2.3
V
Voltage
VUVP
FB1, FB2, Under Voltage
As a percentage of nominal output voltage
75
80.7
86
%
Protection Latch Threshold
(falling edge)
Hysteresis
3.7
%
VOVP
VOUT Overvoltage
As a percentage measured at VFB1, VFB2
107
114
122
%
Shutdown Latch Threshold
Swx_R
SW1, SW2 ON-Resistance
VSW1 = VSW2 = 0.4V
420
487
560
(1)
A typical is the center of characterization data measured with low duty cycle pulse tsting at TA = 25°C. Typicals are not ensured.
(2)
All limits are specified. All electrical characteristics having room-temperature limits are tested during production with TA = TJ = 25°C. All
hot and cold limits are specified by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(3)
Both switching controllers are off. The linear regulator VLIN5 remains on.
(4)
When SS1 and SS2 pins are charged above this voltage and either of the output voltages at Vout1 or Vout2 is still below the regulation
limit, the under voltage protection feature is initialized.
Copyright © 2004–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5642 LM5642X


Số phần tương tự - LM5642

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM5642 NSC-LM5642 Datasheet
667Kb / 24P
   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
Texas Instruments
LM5642 TI-LM5642 Datasheet
1Mb / 40P
[Old version datasheet]   LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
National Semiconductor ...
LM5642 NSC-LM5642 Datasheet
784Kb / 28P
   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
LM5642MH NSC-LM5642MH Datasheet
784Kb / 28P
   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
Texas Instruments
LM5642MH/NOPB TI-LM5642MH/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
More results

Mô tả tương tự - LM5642

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM5642 NSC-LM5642 Datasheet
667Kb / 24P
   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
LM5642 NSC-LM5642_07 Datasheet
784Kb / 28P
   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
Texas Instruments
LM5642 TI-LM5642 Datasheet
1Mb / 40P
[Old version datasheet]   LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
LM5642 TI-LM5642_15 Datasheet
1Mb / 42P
[Old version datasheet]   LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
ON Semiconductor
NCP4060A ONSEMI-NCP4060A Datasheet
1Mb / 21P
   Buck Converter - High Voltage, Synchronous
August, 2019 ??Rev. 3
NCP4060 ONSEMI-NCP4060 Datasheet
1Mb / 20P
   High Voltage Synchronous Buck Converter
January, 2018 ??Rev. 3
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20333 TI1-LM20333_14 Datasheet
1Mb / 30P
[Old version datasheet]   3A Synchronous Buck Regulator with Frequency Synchronization
logo
Rohm
BD93291EFJ ROHM-BD93291EFJ Datasheet
986Kb / 25P
   Dual Synchronous Buck Converter
logo
Linear Technology
LTC3895EFE LINER-LTC3895EFE Datasheet
605Kb / 10P
   High Input Voltage Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com