công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3102 bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM3102
Giải thích chi tiết về linh kiện  SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3102 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM3102 Datasheet HTML 7Page - Texas Instruments LM3102 Datasheet HTML 8Page - Texas Instruments LM3102 Datasheet HTML 9Page - Texas Instruments LM3102 Datasheet HTML 10Page - Texas Instruments LM3102 Datasheet HTML 11Page - Texas Instruments LM3102 Datasheet HTML 12Page - Texas Instruments LM3102 Datasheet HTML 13Page - Texas Instruments LM3102 Datasheet HTML 14Page - Texas Instruments LM3102 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ILR =
(VIN - VOUT) x ton
L
fSW(MAX) =
VOUT
VIN(MAX) x 150 ns
LM3102
www.ti.com
SNVS515G – SEPTEMBER 2007 – REVISED JANUARY 2012
The inverse relationship of ton and VIN gives a nearly constant frequency as VIN is varied. RON should be selected
such that the on-time at maximum VIN is greater than 150 ns. The on-timer has a limiter to ensure a minimum of
150 ns for ton. This limits the maximum operating frequency, which is governed by the following equation:
(5)
The LM3102 can be remotely shutdown by pulling the voltage of the EN pin below 1V. In this shutdown mode,
the SS pin is internally grounded, the on-timer is disabled, and bias currents are reduced. Releasing the EN pin
allows normal operation to resume because the EN pin is internally pulled up.
Figure 3. Shutdown Implementation
Current Limit
Current limit detection is carried out during the off-time by monitoring the re-circulating current through the
synchronous MOSFET. Referring to the Functional Block Diagram, when the main MOSFET is turned off, the
inductor current flows through the load, the PGND pin and the internal synchronous MOSFET. If this current
exceeds 2.7A, the current limit comparator toggles, and as a result disabling the start of the next on-time period.
The next switching cycle starts when the re-circulating current falls back below 2.7A (and the voltage at the FB
pin is below 0.8V). The inductor current is monitored during the on-time of the synchronous MOSFET. As long as
the inductor current exceeds 2.7A, the main MOSFET will remain inhibited to achieve current limit. The operating
frequency is lower during current limit due to a longer off-time.
Figure 2 illustrates an inductor current waveform. On average, the output current IOUT is the same as the inductor
current IL, which is the average of the rippled inductor current. In case of current limit (the current limit portion of
Figure 2), the next on-time will not initiate until that the current drops below 2.7A (assume the voltage at the FB
pin is lower than 0.8V). During each on-time the current ramps up an amount equal to:
(6)
During current limit, the LM3102 operates in a constant current mode with an average output current IOUT(CL)
equal to 2.7A + ILR / 2.
Figure 4. Inductor Current - Current Limit Operation
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3102


Số phần tương tự - LM3102

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM3102 NSC-LM3102 Datasheet
379Kb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3102 TI-LM3102 Datasheet
1Mb / 30P
[Old version datasheet]   LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
LM3102-Q1 TI-LM3102-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3102MH NSC-LM3102MH Datasheet
379Kb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3102MH/NOPB TI-LM3102MH/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
More results

Mô tả tương tự - LM3102

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM3102 NSC-LM3102 Datasheet
379Kb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
Fitipower Integrated Te...
FP6375 FITIPOWER-FP6375 Datasheet
1Mb / 13P
   High Efficiency 1MHz 2.5A Synchronous Step Down Regulator
logo
Texas Instruments
LM3103 TI1-LM3103_14 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100_07 Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3103 NSC-LM3103 Datasheet
351Kb / 16P
   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
Texas Instruments
LM3100 TI1-LM3100_14 Datasheet
2Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com