công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3100 bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM3100
Giải thích chi tiết về linh kiện  SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3100 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM3100 Datasheet HTML 1Page - Texas Instruments LM3100 Datasheet HTML 2Page - Texas Instruments LM3100 Datasheet HTML 3Page - Texas Instruments LM3100 Datasheet HTML 4Page - Texas Instruments LM3100 Datasheet HTML 5Page - Texas Instruments LM3100 Datasheet HTML 6Page - Texas Instruments LM3100 Datasheet HTML 7Page - Texas Instruments LM3100 Datasheet HTML 8Page - Texas Instruments LM3100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LM3100
SNVS421F – JANUARY 2006 – REVISED DECEMBER 2009
www.ti.com
Electrical Characteristics
Specifications with standard type are for TJ = 25°C only; limits in boldface type apply over the full Operating Junction
Temperature (TJ) range. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 18V, VOUT = 3.3V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Start-Up Regulator, VCC
VCC
VCC output voltage
CCC = 680nF, no load
5.0
6.0
7.2
V
VIN - VCC
VIN - VCC dropout voltage
ICC = 2mA
50
140
mV
ICC = 20mA
350
570
IVCCL
VCC current limit
(1)
VCC = 0V
40
65
mA
VCC-UVLO
VCC under-voltage lockout threshold
VIN increasing
3.6
3.75
3.85
V
(UVLO)
VCC-UVLO-HYS
VCC UVLO hysteresis
VIN decreasing
130
mV
tVCC-UVLO-D
VCC UVLO filter delay
3
µs
IIN
IIN operating current
No switching, VFB = 1V
0.7
1
mA
IIN-SD
IIN operating current, Device shutdown
VEN = 0V
17
30
µA
Switching Characteristics
RDS-UP-ON
Main MOSFET Rds(on)
0.18
0.35
RDS- DN-ON
Syn. MOSFET Rds(on)
0.11
0.2
VG-UVLO
Gate drive voltage UVLO
VBST - VSW increasing
3.3
4
V
Soft-start
ISS
SS pin source current
VSS = 0.5V
6
8
9.8
µA
Current Limit
ICL
Syn. MOSFET current limit threshold
1.9
A
ON/OFF Timer
tON
ON timer pulse width
VIN = 10V, RON = 100 kΩ
1.38
µs
VIN = 30V, RON = 100 kΩ
0.47
tON-MIN
ON timer minimum pulse width
200
ns
tOFF
OFF timer pulse width
260
ns
Enable Input
VEN
EN Pin input threshold
VEN rising
1.236
1.26
1.285
V
VEN-HYS
Enable threshold hysteresis
VEN falling
90
mV
Regulation and Over-Voltage Comparator
VFB
In-regulation feedback voltage
VSS ≥ 0.8V
0.784
0.8
0.816
V
TJ = −40°C to + 125°C
VSS ≥ 0.8V
0.788
0.812
TJ = 0°C to + 125°C
VFB-OV
Feedback over-voltage threshold
0.894
0.920
0.940
V
IFB
5
100
nA
Thermal Shutdown
TSD
Thermal shutdown temperature
TJ rising
165
°C
TSD-HYS
Thermal shutdown temperature
TJ falling
20
°C
hysteresis
(1)
VCC provides self bias for the internal gate drive and control circuits. Device thermal limitations limit external loading.
4
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Links: LM3100


Số phần tương tự - LM3100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100 Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100MH NSC-LM3100MH Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100MH NSC-LM3100MH Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100MHX NSC-LM3100MHX Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
More results

Mô tả tương tự - LM3100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100_07 Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103 TI1-LM3103_14 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3102 NSC-LM3102 Datasheet
379Kb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
LM3103 NSC-LM3103 Datasheet
351Kb / 16P
   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
Texas Instruments
LM25575 TI1-LM25575_14 Datasheet
989Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM5575 TI1-LM5575_14 Datasheet
993Kb / 28P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM3102 TI1-LM3102_14 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com