công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3017 bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện LM3017
Giải thích chi tiết về linh kiện  High Efficiency Low-Side Controller with True Shutdown
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3017 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LM3017_14 Datasheet HTML 5Page - Texas Instruments LM3017_14 Datasheet HTML 6Page - Texas Instruments LM3017_14 Datasheet HTML 7Page - Texas Instruments LM3017_14 Datasheet HTML 8Page - Texas Instruments LM3017_14 Datasheet HTML 9Page - Texas Instruments LM3017_14 Datasheet HTML 10Page - Texas Instruments LM3017_14 Datasheet HTML 11Page - Texas Instruments LM3017_14 Datasheet HTML 12Page - Texas Instruments LM3017_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
LM3017
www.ti.com
SNOSC66C – MARCH 2012 – REVISED MARCH 2013
TRUE SHUTDOWN
The LM3017 incorporates circuitry to control a high side NMOS transistor in series with the inductor. This feature
is used to dis-connect the load from the input supply and protect the system from shorts on the output. Using an
NMOS, rather than a PMOS transistor, saves the use of a diode from the inductor to ground. When the NMOS is
turned-off, the inductor brings the source belowground, keeping it on until the current is safely brought to zero. A
built-in charge pump supplies typically VIN+5V to drive the gate of this NMOS.
OPERATION OF THE EN/MODE PIN
The EN/MODE pin is used to control the modes of the regulator by driving the high side gate (VG pin) to enable
or disable the output through the pass MOSFET. Furthermore it defines the current limit for each operation mode
(see next section). The following table shows the modes versus the voltage on the EN/MODE pin:
EN/MODE PIN VOLTAGE
MODE
≤ 0.4V
Shutdown
1.6 V to 2.2 V
Boost
≥2.6 V
Pass-through
Figure 13 shows the output voltage behavior in the various operation modes.
SHUTDOWN MODE
Pulling the EN/MODE pin to less than 0.4V (typ.), during any mode of operation, will place the part in full
shutdown mode. The boost regulator and the pass FET will be off and the load will be disconnected from the
input supply. In this mode, the regulator will draw a maximum of 1µA from the input supply.
BOOST MODE
The boost regulator can be turned on by bringing the EN/MODE pin to greater than 1.6V, but less than 2.2V.
This is the run mode for the boost regulator. Note that the LM3017 will always start in pass-through and transition
to boost mode.
STANDBY MODE
Setting the EN/MODE pin to greater than 2.6V (typ.), will place the part in pass-through mode. The boost
regulator will be off and the pass MOSFET will be on. During this mode, the load is connected to the input supply
through the inductor and power diode, and is fully protected from output short circuits.
EN/MODE CONTROL
As stated previously, the EN/MODE pin controls the state of the LM3017. As with any digital input , the voltage
on this pin must not be allowed to slowly cross the various thresholds. Although hysteresis is used on this input,
slowly varying signal may cause unpredictable behavior. Also, the EN/MODE pin must not be allowed to float.
One way to control the LM3017, from digital logic, is to use the circuit shown in Figure 14. The resistor values
are adjusted based on the above table and the logic supply used. The MOSFET can be any small signal device,
such as the 2N7002.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links :LM3017


Số phần tương tự - LM3017_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3017 TI-LM3017_13 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI-LM3017_15 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
More results

Mô tả tương tự - LM3017_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3017 TI-LM3017_15 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI1-LM3017 Datasheet
362Kb / 13P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI-LM3017_13 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
logo
Maxim Integrated Produc...
MAX8570 MAXIM-MAX8570 Datasheet
287Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
MAX8570-MAX8575 MAXIM-MAX8570-MAX8575 Datasheet
654Kb / 10P
   High-Efficiency LCD Boost with True Shutdown
Rev 1; 10/04
MAX8570 MAXIM-MAX8570_10 Datasheet
252Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 3; 3/10
MAX8743 MAXIM-MAX8743 Datasheet
864Kb / 27P
   Dual, High-Efficiency, Step-Down Controller with High Impedance in Shutdown
Rev 0; 6/04
logo
SMSC Corporation
EMC2105 SMSC-EMC2105 Datasheet
1Mb / 90P
   RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
EMC2105 SMSC-EMC2105_09 Datasheet
1Mb / 89P
   RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
logo
National Semiconductor ...
LM3488 NSC-LM3488_05 Datasheet
1,001Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com