công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3000 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LM3000
Giải thích chi tiết về linh kiện  Dual Synchronous Emulated Current-Mode Controller
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3000 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM3000_14 Datasheet HTML 1Page - Texas Instruments LM3000_14 Datasheet HTML 2Page - Texas Instruments LM3000_14 Datasheet HTML 3Page - Texas Instruments LM3000_14 Datasheet HTML 4Page - Texas Instruments LM3000_14 Datasheet HTML 5Page - Texas Instruments LM3000_14 Datasheet HTML 6Page - Texas Instruments LM3000_14 Datasheet HTML 7Page - Texas Instruments LM3000_14 Datasheet HTML 8Page - Texas Instruments LM3000_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
LM3000
SNVS612A – JULY 2009 – REVISED JULY 2009
www.ti.com
Pin Descriptions (continued)
Pin #
Name
Description
17
FREQ/SYNC
Frequency set / synchronization input for internal PLL.
18
EN1
Channel 1 enable input. Used to set the emulated current slope for channel 1.
19
TRK1
Channel 1 track input.
20
SS1
Channel 1 soft-start.
21
TRK2
Channel 2 track input.
22
SS2
Channel 2 soft-start.
23
EN2
Channel 2 enable input. Used to set the emulated current slope for channel 2.
24
PGOOD2
Power good signal for channel 2 under-voltage and over-voltage.
25
COMP2
Error amplifier output for channel 2.
26
FB2
Error amplifier input for channel 2.
27
EA2_GND
Error amplifier ground sense for channel 2.*
28
CLKOUT
Output clock. CLKOUT is shifted 90 degrees from SYNC input.
29
SGND
Local signal ground.*
30
VCB2
Boost voltage for channel 2 high-side driver.
31
HG2
Channel 2 high-side gate drive for external MOSFET.
32
ILIM2
Current limit setting input for channel 2.
DAP
Exposed die attach pad. Connect the DAP directly to SGND.*
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
VIN to SGND, PGND
-0.3V to 20V
VSW1, VSW2 to SGND, PGND
-3V to 20V
VDD, VDR to SGND, PGND (2)
-0.3V to 5.5V
VCB1, VCB2 to SGND ,PGND
24V
VCB1 to VSW1, VCB2 to VSW2
5.5V
FB1, FB2 to SGND, PGND
-0.3V to 3.0V
All other input pins to SGND, PGND
(3)
-0.3V to 5.5V
Junction Temperature (TJ-MAX)
150°C
Storage Temperature Range
-65°C to +150°C
Maximum Lead Temperature
Soldering, 5 seconds
260°C
ESD Rating
HBM (4)
2000V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. Operating Range conditions indicate
the conditions at which the device is functional and the device should not be operated beyond such conditions. For guaranteed
specifications and conditions, see the Electrical Characteristics table.
(2)
VDD and VDR are outputs of the internal linear regulator. Under normal operating conditions where VIN > 5.5V, they must not be tied to
any external voltage source. In an application where VIN is between 3.3V to 5.5V, it is recommended to tie the VDD, VDR and VIN pins
together, especially when VIN may drop below 4.5V. In order to have better noise rejection under these conditions, a 10
Ω, 1μF input
filter may be used for the VDD pin.
(3)
HG1, HG2, LG1, LG2 and CLKOUT are all output pins and should not be tied to any external power supply. COMP1 and COMP2 are
also outputs and should not be tied to any lower output impedance power source. PGOOD1 and PGOOD2 are open drain outputs, with
a pull-down resistance of about 250
Ω. Each of them may be tied to an external voltage source less than 5.5V through an external
resister greater than 3k
Ω, although 10kΩ and above are preferred to reduce the necessary signal ground current.
(4)
Human Body Model (HBM) is 100 pF capacitor discharged through a 1.5k resistor into each pin. Applicable standard is JESD22-A114C.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Links: LM3000


Số phần tương tự - LM3000_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM3000ASQ NSC-LM3000ASQ Datasheet
815Kb / 26P
   Dual Synchronous Emulated Current-Mode Controller
LM3000ASQX NSC-LM3000ASQX Datasheet
815Kb / 26P
   Dual Synchronous Emulated Current-Mode Controller
LM3000SQ NSC-LM3000SQ Datasheet
815Kb / 26P
   Dual Synchronous Emulated Current-Mode Controller
logo
Texas Instruments
LM3000SQ/NOPB TI1-LM3000SQ/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   Dual Synchronous Emulated Current-Mode Controller
logo
National Semiconductor ...
LM3000SQX NSC-LM3000SQX Datasheet
815Kb / 26P
   Dual Synchronous Emulated Current-Mode Controller
More results

Mô tả tương tự - LM3000_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3000 TI1-LM3000 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Synchronous Emulated Current-Mode Controller
logo
National Semiconductor ...
LM3000 NSC-LM3000 Datasheet
815Kb / 26P
   Dual Synchronous Emulated Current-Mode Controller
logo
Texas Instruments
LM3495 TI1-LM3495_14 Datasheet
1Mb / 35P
[Old version datasheet]   Emulated Peak Current Mode Buck Controller for Low Output Voltage
logo
National Semiconductor ...
LM3495 NSC-LM3495 Datasheet
1Mb / 26P
   Emulated Peak Current Mode Buck Controller for Low Output Voltage
logo
Texas Instruments
LM3495 TI-LM3495_15 Datasheet
1Mb / 36P
[Old version datasheet]   Emulated Peak Current Mode Buck Controller for Low Output Voltage
logo
Semtech Corporation
SC1176 SEMTECH-SC1176_06 Datasheet
601Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677B SEMTECH-SC2677B_09 Datasheet
382Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677B SEMTECH-SC2677B Datasheet
547Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677 SEMTECH-SC2677 Datasheet
163Kb / 9P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176 Datasheet
384Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com