công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N05DB101K bảng dữ liệu(PDF) 3 Page - Taiyo Yuden (U.S.A.), Inc

tên linh kiện N05DB101K
Giải thích chi tiết về linh kiện  SMD INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Trang chủ  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

N05DB101K bảng dữ liệu(HTML) 3 Page - Taiyo Yuden (U.S.A.), Inc

  N05DB101K Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc N05DB101K Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc N05DB101K Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc N05DB101K Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc N05DB101K Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc N05DB101K Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
370
アイテム一覧 PART NUMBERS
形  名
Ordering code
1kHz
40
30
27
19
15
12
10
8
自己共振
周 波 数
SelfKresonant
frequency
h
MHzi
f
min.g
測 定
周波数
Measuring
frequency
NP04SB
シールドタイプ Shielded type
NP04SA
ールドタイプ Shielded type
形  名
Ordering code
自己共振
周 波 数
SelfKresonant
frequency
h
MHzi
f
min.g
20
13
12
測 定
周波数
Measuring
frequency
1kHz
直流抵抗
DC
Resistance
f
max.g
52
110
160
45
0.90
0.53
0.44
2.20
1.50
1.20
1.30
1.20
1.05
0.90
0.62
0.51
0.42
0.38
2.60
2.30
2.00
1.90
1.40
1.20
1.10
0.80
4.00
3.30
2.70
2.50
2.20
1.80
1.50
1.30
0.95
0.77
0.64
3.20
2.80
2.50
2.30
2.00
1.60
1.40
1.20
0.95
0.77
0.68
90
130
f
typ.g
36
50
53
66
120
150
260
320
30
33
43
54
100
120
210
270
直流抵抗
DC
Resistance
f
max.g ftyp.g
NP0 4SA 1 0 0M
NP0 4SA 2 2 0M
NP0 4SA 3 3 0M
NP0 4SB 3R3N
NP0 4SB 4R7N
NP0 4SB 6R8N
NP0 4SB 1 0 0M
NP0 4SB 1 5 0M
NP0 4SB 2 2 0M
NP0 4SB 3 3 0M
NP0 4SB 4 7 0M
形  名
Ordering code
1kHz
3.3
4.7
6.8
10
15
22
33
47
公  称
インダクタンス
Inductance
[AH]
公  称
インダクタンス
Inductance
[AH]
10
22
33
1.0
1.5
2.2
2.7
3.3
4.7
6.8
10
15
22
30
公  称
インダクタンス
Inductance
[AH]
M
30%
M
20%
インダクタンス
許容差
Inductance
Tolerance
M
インダクタンス
許容差
Inductance
Tolerance
20%
M
30%
M
20%
インダクタンス
許容差
Inductance
Tolerance
96
72
60
52
30
27
19
15
12
10
8.5
自己共振
周 波 数
SelfKresonant
frequency
h
MHzi
f
min.g
測 定
周波数
Measuring
frequency
NP04SZ
シールドタイプ Shielded type
30
35
42
46
60
100
120
130
250
300
370
21
25
30
33
40
75
90
100
180
210
270
直流抵抗
DC
Resistance
h
mEi
h
mEi
h
mEi
f
max.g ftyp.g
NP0 4SZB 1R0N
NP0 4SZB 1R5N
NP0 4SZB 2R2N
NP0 4SZB 2R7N
NP0 4SZB 3R3N
NP0 4SZB 4R7N
NP0 4SZB 6R8N
NP04SZB 100M
NP04SZB 150M
NP04SZB 220M
NP04SZB 300M
定格電流 ※)
Rated current
h
Ai
直流重畳許容電流
Saturation current
Idc1
温度上昇許容電流
Temperature rise current
Idc2
定格電流 ※)
Rated current
h
Ai
直流重畳許容電流
Saturation current
Idc1
温度上昇許容電流
Temperature rise current
Idc2
定格電流 ※)
Rated current
h
Ai
直流重畳許容電流
Saturation current
Idc1
温度上昇許容電流
Temperature rise current
Idc2
2.60
2.20
1.90
1.60
1.30
1.20
1.00
0.80
0.66
0.54
0.45
2.50
2.30
2.00
1.80
1.60
1.50
1.10
1.00
0.70
0.60
0.50
形  名
Ordering code
1kHz
1.0
1.5
2.0
2.7
3.3
4.7
6.8
10
15
22
33
公  称
インダクタンス
Inductance
[AH]
M
20%
インダクタンス
許容差
Inductance
Tolerance
60
52
45
39
33
30
24
20
19
14
10
自己共振
周 波 数
SelfKresonant
frequency
h
MHzi
f
min.g
測 定
周波数
Measuring
frequency
NP03SB
シールドタイプ Shielded type
27
32
38
44
50
56
100
120
270
340
430
23
27
32
37
42
47
84
100
230
290
360
直流抵抗
DC
Resistance
h
mEi
f
max.g ftyp.g
NP0 3SB 1R0M
NP0 3SB 1R5M
NP0 3SB 2R0M
NP0 3SB 2R7M
NP0 3SB 3R3M
NP0 3SB 4R7M
NP0 3SB 6R8M
NP0 3SB 1 0 0M
NP0 3SB 1 5 0M
NP0 3SB 2 2 0M
NP0 3SB 3 3 0M
定格電流 ※)
Rated current
h
Ai
直流重畳許容電流
Saturation current
Idc1
温度上昇許容電流
Temperature rise current
Idc2
EHS
(Environmental
Hazardous
Substances)
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
EHS
(Environmental
Hazardous
Substances)
RoHS
RoHS
RoHS
EHS
(Environmental
Hazardous
Substances)
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
EHS
(Environmental
Hazardous
Substances)
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
※)直流重畳許容電流(Idc1)は、直流重畳によるインダクタンス低下が30%以内となる直流電流値 (at 20℃)
The saturation current value(Idc1) is the DC current value having inductance decrease down to 30%. (at 20
℃)
※)温度上昇許容電流(Idc2)は、温度上昇が40℃となる直流電流値 (at 20℃)
The temperature rise current value(Idc2) is the DC current value having temperature increase up to 40
℃. (at 20℃)
※)定格電流値は直流重畳許容電流、または温度上昇許容電流をいずれも満足する直流電流値
The rated current is the DC current value that satisfies both of current value saturation current value and temperature rise current value.


Số phần tương tự - N05DB101K

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripp Lite. All Rights ...
N050-012 TRIPPLITE-N050-012 Datasheet
159Kb / 2P
   12-Port Wall-Mount Cat5e Patch Panel, 568B, RJ45 Ethernet, TAA
N050-P12 TRIPPLITE-N050-P12 Datasheet
161Kb / 2P
   Cat5e Wall-Mount 12-Port Patch Panel - PoE Compliant, 110/Krone, 568A/B, RJ45 Ethernet, TAA
N050012 TRIPPLITE-N050012 Datasheet
495Kb / 2P
   12-Port Wall-Mount Cat5e Patch Panel, 568B, RJ45 Ethernet
logo
Renesas Technology Corp
N0500R RENESAS-N0500R Datasheet
84Kb / 5P
   PNP SILICON EPITAXIAL TRANSISTOR
N0500R-T1-AT RENESAS-N0500R-T1-AT Datasheet
84Kb / 5P
   PNP SILICON EPITAXIAL TRANSISTOR
More results

Mô tả tương tự - N05DB101K

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
XFMRS Inc.
XFHCL6MD-1R1M XFMRS-XFHCL6MD-1R1M Datasheet
65Kb / 1P
   SMD INDUCTORS
XFHCL6MD-2R0M XFMRS-XFHCL6MD-2R0M Datasheet
65Kb / 1P
   SMD INDUCTORS
logo
Micro Electronics
SMI-90 MICRO-ELECTRONICS-SMI-90 Datasheet
504Kb / 2P
   SMD INDUCTORS
logo
XFMRS Inc.
XFHCL6MD-2R0M XFMRS-XFHCL6MD-2R0M_15 Datasheet
65Kb / 1P
   SMD INDUCTORS
XFHCL6MD-2R2M XFMRS-XFHCL6MD-2R2M Datasheet
45Kb / 1P
   SMD INDUCTORS
logo
TDK Electronics
VLF302510MT-1R0N TDK-VLF302510MT-1R0N Datasheet
73Kb / 3P
   SMD Inductors
VLF302512MT-1R0N TDK-VLF302512MT-1R0N Datasheet
73Kb / 3P
   SMD Inductors
logo
Micro Electronics
SMI-40 MICRO-ELECTRONICS-SMI-40 Datasheet
586Kb / 2P
   SMD INDUCTORS
SMI-60 MICRO-ELECTRONICS-SMI-60 Datasheet
501Kb / 2P
   SMD INDUCTORS
logo
TDK Electronics
MLF1005LR10KT TDK-MLF1005LR10KT Datasheet
71Kb / 3P
   SMD Inductors
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com