công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HEDS-9730-350 bảng dữ liệu(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

tên linh kiện HEDS-9730-350
Giải thích chi tiết về linh kiện  Small Optical Encoder Modules 480lpi Digital Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Trang chủ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDS-9730-350 bảng dữ liệu(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HEDS-9730-350 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HEDS-9730-350 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HEDS-9730-350 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HEDS-9730-350 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HEDS-9730-350 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDS-9730-350 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Definitions
Note: Refer to Figure 2
Count (N): The number of bar and window pairs or counts
per revolution (CPR) of the codewheel. Or the number of
lines per inch of the codestrip (LPI)
1 shaft Rotation = 360 degrees
= N cycles
1 cycle (c) = 360 electrical degree, equivalent to 1 bar and
window pair.
Pulse Width (P): The number of electrical degrees that an
output is high during one cycle, nominally 180
°e or 1/2
a cycle.
Pulse Width Error (
ΔP): The deviation in electrical degrees of
the pulse width from its ideal value of 180
°e.
State Width (S): The number of electrical degrees between
a transition in the output of channel A and the neigh-
boring transition in the output of channel B. There are 4
states per cycle, each nominally 90
°e.
State Width Error (
ΔS): The deviation in electrical degrees of
each state width from its ideal value of 90
°e.
Phase (
φ): The number of electrical degrees between the
center of the high state on channel A and the center of
the high state on channel B. This value is nominally 90
°e
for quadrature output.
Phase Error (
Δφ): The deviation in electrical degrees of the
phase from its ideal value of 90
°e.
Direction of Rotation: When the codewheel rotates in the
counter-clockwise direction (as viewed from the encoder
end of the motor), channel A will lead channel B. If the
codewheel rotates in the clockwise direction, channel B
will lead channel A.
Optical Radius (Rop): The distance from the codewheel’s
center of rotation to the optical center (O
°C) of the
encoder module.
Angular Misalignment Error (EA): Angular misalignment of
the sensor in relation to then tangential direction. This
applies for both rotary and linear motion.
Mounting Position (RM): Distance from Motor Shaft center of
rotation to center of Alignment Tab receiving hole.
Theory of Operation
A HEDS-973X is a C-shaped emitter/detector module.
Coupled with a codewheel, it translates rotary motion
into a two-channel digital output; coupled with a
codestrip, it translates linear motion into digital outputs.
As seen in Figure 1, the module contains a single Light
Emitting Diode (LED) as its light source. The light is col-
limated into parallel beam by means of a single lens
located directly over the LED. Opposite the emitter is
the integrated detector circuit. This IC consists of photo-
detectors and a signal processing circuitry necessary to
produce the digital waveforms.
The codewheel/codestrip moves between the emitter
and detector, causing the light beam to be interrupted
by the pattern of spaces and bars on the codewheel/
codestrip. The photodiodes, which detect these interrup-
tions, are arranged in a pattern that corresponds to the
radius and count density of the codewheel/ codestrip.
These photodiodes are also spaced such that a light
period on one pair of detectors corresponds to a dark
period on the adjacent pairs of detectors. The photodiode
outputs are fed through the signal processing circuitry.
Two comparators receive these signal and produce the
final outputs for Channels A and B. Due to this integrated
phasing technique the output of channel A is in quadra-
ture with Channel B (90 degrees out of phase).
Output Waveforms
Figure 2.
P
C
ROTATION
ф
CHANNEL A
CHANNEL B
S1
S4
S2
S3


Số phần tương tự - HEDS-9730-350

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HEDS-9730 HP-HEDS-9730 Datasheet
430Kb / 11P
   2 CHANNEL ENCODER MODULE
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9730 AVAGO-HEDS-9730 Datasheet
213Kb / 6P
   Small Optical Encoder Modules 480lpi Digital Output
HEDS-9730 AVAGO-HEDS-9730 Datasheet
119Kb / 6P
   Small Optical Encoder Modules 480lpi Digital Output
HEDS-9730 AVAGO-HEDS-9730 Datasheet
119Kb / 6P
   Small Optical Encoder Modules 480lpi Digital Output
More results

Mô tả tương tự - HEDS-9730-350

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9730 AVAGO-HEDS-9730 Datasheet
213Kb / 6P
   Small Optical Encoder Modules 480lpi Digital Output
HEDS-9731J54 AVAGO-HEDS-9731J54 Datasheet
119Kb / 6P
   Small Optical Encoder Modules 480lpi Digital Output
HEDS-9731-154 AVAGO-HEDS-9731-154 Datasheet
119Kb / 6P
   Small Optical Encoder Modules 480lpi Digital Output
HEDS-970X AVAGO-HEDS-970X Datasheet
279Kb / 10P
   Digital Output Small Optical Encoder Modules
HEDS-973X AVAGO-HEDS-973X Datasheet
634Kb / 11P
   Small Optical Encoder Modules
HEDS-978X AVAGO-HEDS-978X Datasheet
551Kb / 7P
   Small Optical Encoder Modules
AEDS-965X AVAGO-AEDS-965X Datasheet
157Kb / 8P
   Small Optical Encoder Modules 150 and 180 LPI Digital Output
AEDS-9640-210 AVAGO-AEDS-9640-210 Datasheet
137Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
AEDS-964X AVAGO-AEDS-964X Datasheet
172Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
logo
Agilent(Hewlett-Packard...
HEDS-9710 HP-HEDS-9710 Datasheet
248Kb / 8P
   200 lpi Analog Output Small Optical Encoder Modules
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com