công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMX2434 bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMX2434
Giải thích chi tiết về linh kiện  PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2434 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LMX2434 Datasheet HTML 3Page - Texas Instruments LMX2434 Datasheet HTML 4Page - Texas Instruments LMX2434 Datasheet HTML 5Page - Texas Instruments LMX2434 Datasheet HTML 6Page - Texas Instruments LMX2434 Datasheet HTML 7Page - Texas Instruments LMX2434 Datasheet HTML 8Page - Texas Instruments LMX2434 Datasheet HTML 9Page - Texas Instruments LMX2434 Datasheet HTML 10Page - Texas Instruments LMX2434 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
LMX2430, LMX2433, LMX2434
www.ti.com
SNAS187B – MAY 2004 – REVISED MAY 2004
Electrical Characteristics (continued)
Vcc = EN = 2.5V,
−40°C ≤ TA ≤ +85°C, unless otherwise specified
Value
Symbol
Parameter
Conditions
Units
Min
Typ
Max
ICPoutRF
RF Charge Pump Output Current
0.5V
≤ VCPoutRF ≤ Vcc - 0.5V
5
15
%
%VCPoutRF
Magnitude Variation Vs Charge Pump
(4)
Output Voltage
ICPoutRF
RF Charge Pump Output Current
VCPoutRF = Vcc/2
2
%
%TA
Magnitude Variation Vs Temperature
(4)
IF SYNTHESIZER PARAMETERS
fFinIF
IF Operating
LMX2430
IF_P Bit = 0 or 1
100
800
MHz
Frequency
LMX2433
IF_P Bit = 0 or 1
250
1700
MHz
LMX2434
IF_P Bit = 0 or 1
500
2500
MHz
NIF
IF N Divider Range
P = 8/9
24
131079
(1)
P = 16/17
48
262143
(1)
RIF
IF R Divider Range
3
32767
fCOMPIF
IF Phase Detector Frequency
10
MHz
pFinIF
IF Input Sensitivity
2.25V
≤ Vcc ≤ 2.75V
-15
0
dBm
(2)
ICPoutIF
IF Charge Pump Output Source Current
VCPoutIF = Vcc/2
-1.0
mA
Source
IF_CPG Bit = 0
(5)
VCPoutIF = Vcc/2
-4.0
mA
IF_CPG Bit = 1
(5)
ICPoutIF
IF Charge Pump Output Sink Current
VCPoutIF = Vcc/2
1.0
mA
Sink
IF_CPG Bit = 0
(5)
VCPoutIF = Vcc/2
4.0
mA
IF_CPG Bit = 1
(5)
ICPoutIF
IF Charge Pump Output TRI-STATE
0.5V
≤ VCPoutIF ≤ Vcc - 0.5V
-2.5
2.5
nA
TRI
Current
(5)
ICPoutIF
IF Charge Pump Output Sink Current Vs
VCPoutIF = Vcc/2
3
10
%
%MIS
Charge Pump Output Source Current
(6)
Mismatch
ICPoutIF
IF Charge Pump Output Current
0.5V
≤ VCPoutIF ≤ Vcc - 0.5V
5
15
%
%VCPoutIF
Magnitude Variation Vs Charge Pump
(6)
Output Voltage
ICPoutIF
IF Charge Pump Output Current
VCPoutIF = Vcc/2
2
%
%TA
Magnitude Variation Vs Temperature
(6)
OSCILLATOR PARAMETERS
fOSCin
Oscillator Operating Frequency
1
256
MHz
vOSCin
Oscillator Sensitivity
(7)
0.5
Vcc
VPP
IOSCin
Oscillator Input Current
VOSCin = Vcc
100
µA
VOSCin = 0V
-100
µA
DIGITAL INTERFACE (DATA, CLK, LE, EN, ENosc, Ftest/LD, FLoutRF, OSCout/ FLoutIF)
VIH
High-Level Input Voltage
1.6
V
VIL
Low-Level Input Voltage
0.4
V
IIH
High-Level Input Current
VIH = Vcc
1.0
μA
IIL
Low-Level Input Current
VIL = 0V
−1.0
μA
(5)
Refer to the LMX243x Charge Pump Test Setup section
(6)
Refer to the Charge Pump Current Specification Definitions for details on how these measurements are made.
(7)
Refer to the LMX243x OSCin Sensitivity Test Setup section
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMX2430 LMX2433 LMX2434


Số phần tương tự - LMX2434

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2434 NSC-LMX2434 Datasheet
943Kb / 49P
   PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2434 TI1-LMX2434 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Frequency Synthesizer
logo
National Semiconductor ...
LMX2434SLEX NSC-LMX2434SLEX Datasheet
943Kb / 49P
   PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2434SLEX TI1-LMX2434SLEX Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Frequency Synthesizer
LMX2434SLEX/NOPB TI1-LMX2434SLEX/NOPB Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Frequency Synthesizer
More results

Mô tả tương tự - LMX2434

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2430 NSC-LMX2430 Datasheet
943Kb / 49P
   PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
   PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com